データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BD00HA5WEFJ-E2 データシート(PDF) 7 Page - Rohm

部品番号 BD00HA5WEFJ-E2
部品情報  300mA Secondary Variable Output LDO Regulators for Local Power Supplies
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BD00HA5WEFJ-E2 データシート(HTML) 7 Page - Rohm

Back Button BD00HA5WEFJ-E2 Datasheet HTML 3Page - Rohm BD00HA5WEFJ-E2 Datasheet HTML 4Page - Rohm BD00HA5WEFJ-E2 Datasheet HTML 5Page - Rohm BD00HA5WEFJ-E2 Datasheet HTML 6Page - Rohm BD00HA5WEFJ-E2 Datasheet HTML 7Page - Rohm BD00HA5WEFJ-E2 Datasheet HTML 8Page - Rohm BD00HA5WEFJ-E2 Datasheet HTML 9Page - Rohm BD00HA5WEFJ-E2 Datasheet HTML 10Page - Rohm BD00HA5WEFJ-E2 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
www.rohm.com
2010.04 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BD00HA3WEFJ
Technical Note
7/11
Block Diagram
BD00HA3WEFJ
Pin number ・ Pin name
Pin No.
Pin name
Pin Function
1
VOUT
Output voltage pin
2
FB
Feedback pin
3
GND
GND pin
4
N.C.
Non Connection
5
EN
Enable pin
6
N.C.
Non Connection
7
N.C.
Non Connection
8
VCC
Input voltage pin
Reverse
FIN
Substrate(GND pin)
GND
EN
TSD
OCP
SOFT
Ceramic
Capacitor
VO
VCC
FB
R1
R2
Ceramic
Capacitor
1μF
1μF
1.5V to 7.0V
(VO+0.90) to 8.0V


同様の部品番号 - BD00HA5WEFJ-E2

メーカー部品番号データシート部品情報
logo
Rohm
BD00HA5WEFJ-E2 ROHM-BD00HA5WEFJ-E2 Datasheet
523Kb / 12P
   300mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00HA5WEFJ-E2 ROHM-BD00HA5WEFJ-E2 Datasheet
463Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00HA5WEFJ-E2 ROHM-BD00HA5WEFJ-E2 Datasheet
543Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00HA5WEFJ-E2 ROHM-BD00HA5WEFJ-E2 Datasheet
457Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00HA5WEFJ-E2 ROHM-BD00HA5WEFJ-E2 Datasheet
491Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
More results

同様の説明 - BD00HA5WEFJ-E2

メーカー部品番号データシート部品情報
logo
Rohm
BD00GA3WEFJ ROHM-BD00GA3WEFJ Datasheet
523Kb / 12P
   300mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00HC5WEFJ ROHM-BD00HC5WEFJ Datasheet
492Kb / 12P
   1.5A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00HA5WEFJ ROHM-BD00HA5WEFJ Datasheet
457Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GA5WEFJ ROHM-BD00GA5WEFJ Datasheet
463Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00HC0WEFJ ROHM-BD00HC0WEFJ Datasheet
491Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GC0WEFJ ROHM-BD00GC0WEFJ Datasheet
543Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
BA3259HFP ROHM-BA3259HFP_09 Datasheet
383Kb / 10P
   Dual-output Secondary Fixed/Variable Output LDO Regulators for Local Power Supplies
BA3258HFP ROHM-BA3258HFP_09 Datasheet
357Kb / 9P
   Dual-output Secondary Fixed Output LDO Regulators for Local Power Supplies
BDXXKA5 ROHM-BDXXKA5 Datasheet
364Kb / 10P
   500mA Secondary LDO Regulators for Local Power Supplies
BAXXBC0 ROHM-BAXXBC0_10 Datasheet
392Kb / 10P
   1A Secondary LDO Regulators for Local Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com