データシートサーチシステム |
|
MAX232EID データシート(PDF) 1 Page - Texas Instruments |
|
|
MAX232EID データシート(HTML) 1 Page - Texas Instruments |
1 / 16 page 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 C1+ VS+ C1− C2+ C2− VS− DOUT2 RIN2 VCC GND DOUT1 RIN1 ROUT1 DIN1 DIN2 ROUT2 D, DW, N, NS, OR PW PACKAGE (TOP VIEW) MAX232E www.ti.com SLLS723B – APRIL 2006 – REVISED NOVEMBER 2009 DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION Check for Samples: MAX232E 1 FEATURES • Meets or Exceeds TIA/RS-232-F and ITU Recommendation V.28 • Operates From a Single 5-V Power Supply With 1.0- μF Charge-Pump Capacitors • Operates up to 250 kbit/s • Two Drivers and Two Receivers • ±30-V Input Levels • Low Supply Current . . . 8 mA Typical • ESD Protection for RS-232 Bus Pins – ±15-kV Human-Body Model (HBM) – ±8-kV IEC61000-4-2, Contact Discharge – ±15-kV IEC61000-4-2, Air-Gap Discharge APPLICATIONS • TIA/RS-232-F • Battery-Powered Systems • Terminals • Modems • Computers DESCRIPTION/ORDERING INFORMATION The MAX232E is a dual driver/receiver that includes a capacitive voltage generator to supply TIA/RS-232-F voltage levels from a single 5-V supply. Each receiver converts TIA/RS-232-F inputs to 5-V TTL/CMOS levels. This receiver has a typical threshold of 1.3 V, a typical hysteresis of 0.5 V, and can accept ±30-V inputs. Each driver converts TTL/CMOS input levels into TIA/RS-232-F levels. The driver, receiver, and voltage-generator functions are available as cells in the Texas Instruments LinASIC™ library. 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. PRODUCTION DATA information is current as of publication date. Copyright © 2006–2009, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
同様の部品番号 - MAX232EID |
|
同様の説明 - MAX232EID |