データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74AUC2G04DCKRE4 データシート(PDF) 3 Page - Texas Instruments

部品番号 SN74AUC2G04DCKRE4
部品情報  DUAL INVERTER GATE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74AUC2G04DCKRE4 データシート(HTML) 3 Page - Texas Instruments

  SN74AUC2G04DCKRE4 Datasheet HTML 1Page - Texas Instruments SN74AUC2G04DCKRE4 Datasheet HTML 2Page - Texas Instruments SN74AUC2G04DCKRE4 Datasheet HTML 3Page - Texas Instruments SN74AUC2G04DCKRE4 Datasheet HTML 4Page - Texas Instruments SN74AUC2G04DCKRE4 Datasheet HTML 5Page - Texas Instruments SN74AUC2G04DCKRE4 Datasheet HTML 6Page - Texas Instruments SN74AUC2G04DCKRE4 Datasheet HTML 7Page - Texas Instruments SN74AUC2G04DCKRE4 Datasheet HTML 8Page - Texas Instruments SN74AUC2G04DCKRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
SN74AUC2G04
DUAL INVERTER GATE
SCES437A – APRIL 2003 – REVISED JUNE 2003
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Note 3)
MIN
MAX
UNIT
VCC
Supply voltage
0.8
2.7
V
V
High-level input voltage
VCC = 0.8 V
VCC
V
VIH
High-level input voltage
VCC = 1.1 V to 1.95 V
0.65
× VCC
V
IH
VCC = 2.3 V to 2.7 V
1.7
V
Low-level input voltage
VCC = 0.8 V
0
V
VIL
Low-level input voltage
VCC = 1.1 V to 1.95 V
0.35
× VCC
V
IL
VCC = 2.3 V to 2.7 V
0.7
VI
Input voltage
0
3.6
V
VO
Output voltage
0
VCC
V
I
High-level output current
VCC = 0.8 V
–0.7
mA
I
High-level output current
VCC = 1.1 V
–3
mA
IOH
High-level output current
VCC = 1.4 V
–5
mA
OH
VCC = 1.65 V
–8
VCC = 2.3 V
–9
I
Low-level output current
VCC = 0.8 V
0.7
mA
I
Low-level output current
VCC = 1.1 V
3
mA
IOL
Low-level output current
VCC = 1.4 V
5
mA
OL
VCC = 1.65 V
8
VCC = 2.3 V
9
∆t/∆v
Input transition rise or fall rate
20
ns/V
TA
Operating free-air temperature
–40
85
°C
NOTE 3: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP†
MAX
UNIT
V
IOH = –100 µA
0.8 V to 2.7 V
VCC–0.1
V
V
IOH = –0.7 mA
0.8 V
0.55
V
VOH
IOH = –3 mA
1.1 V
0.8
V
VOH
IOH = –5 mA
1.4 V
1
V
IOH = –8 mA
1.65 V
1.2
IOH = –9 mA
2.3 V
1.8
V
IOL = 100 µA
0.8 V to 2.7 V
0.2
V
V
IOL = 0.7 mA
0.8 V
0.25
V
VOL
IOL = 3 mA
1.1 V
0.3
V
VOL
IOL = 5 mA
1.4 V
0.4
V
IOL = 8 mA
1.65 V
0.45
IOL = 9 mA
2.3 V
0.6
II
A inputs
VI = VCC or GND
0 to 2.7 V
±5
µA
Ioff
VI or VO = 2.7 V
0
±10
µA
ICC
VI = VCC or GND,
IO = 0
0.8 V to 2.7 V
10
µA
Ci
VI = VCC or GND
2.5 V
2.1
pF
† All typical values are at TA = 25°C.


同様の部品番号 - SN74AUC2G04DCKRE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AUC2G04DCKR TI-SN74AUC2G04DCKR Datasheet
481Kb / 12P
[Old version datasheet]   DUAL INVERTER GATE
More results

同様の説明 - SN74AUC2G04DCKRE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74LVC2G04 TI-SN74LVC2G04_07 Datasheet
388Kb / 15P
[Old version datasheet]   DUAL INVERTER GATE
SN74LVC2G04-EP TI1-SN74LVC2G04-EP Datasheet
531Kb / 13P
[Old version datasheet]   DUAL INVERTER GATE
logo
Diodes Incorporated
74LVC2G04 DIODES-74LVC2G04 Datasheet
226Kb / 12P
   DUAL INVERTER GATE
logo
Texas Instruments
SN74LVC2G04 TI1-SN74LVC2G04_18 Datasheet
1Mb / 26P
[Old version datasheet]   Dual Inverter Gate
SN74LVC2G04 TI-SN74LVC2G04_10 Datasheet
635Kb / 15P
[Old version datasheet]   DUAL INVERTER GATE
SN74AUC2GU04 TI-SN74AUC2GU04 Datasheet
587Kb / 13P
[Old version datasheet]   DUAL INVERTER GATE
SN74LVC2G04 TI-SN74LVC2G04 Datasheet
366Kb / 13P
[Old version datasheet]   DUAL INVERTER GATE
SN74LVC2GU04 TI-SN74LVC2GU04 Datasheet
199Kb / 12P
[Old version datasheet]   DUAL INVERTER GATE
SN74LVC2G04 TI-SN74LVC2G04_08 Datasheet
518Kb / 14P
[Old version datasheet]   DUAL INVERTER GATE
SN74AUC2G04 TI-SN74AUC2G04 Datasheet
481Kb / 12P
[Old version datasheet]   DUAL INVERTER GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com