データシートサーチシステム |
|
TPIC9201PWPG4 データシート(PDF) 4 Page - Texas Instruments |
|
TPIC9201PWPG4 データシート(HTML) 4 Page - Texas Instruments |
4 / 20 page www.ti.com DETAILED DESCRIPTION TPIC9201 MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER SLIS115D – APRIL 2005 – REVISED FEBRUARY 2008 The 5-V regulator is powered from VIN, and the regulated output is within 5 V ± 5% over the operating conditions. The open-drain power-on reset (RST) pin remains low until the regulator exceeds the set threshold, and the timer value set by the capacitor on the reset delay (RDELAY) pin expires. If both of these conditions are satisfied, RST is asserted high. This signifies to the microcontroller that serial communications can be initiated to the TPIC9201. The serial communications is an 8-bit format, with data transfer synchronized using a serial clock from the microcontroller. A single register controls all the outputs (one bit per output). The default value is zero (OFF). If an output requires pulse width modulation (PWM) function, the register must be updated at a rate faster than the desired PWM frequency. OUT1 can be controlled by serial input from the microcontroller or with the dedicated enable (EN1) pin. If EN1 is pulled low or left open, the serial input through the shift register controls OUT1. If EN1 is pulled high, OUT1 always is turned on, and the serial input for OUT1 is ignored. The SYN input translates the image of the mains voltage through the secondary of the transformer. The SYN input has a resistor to protect from high currents into the IC. The zero-voltage synchronization output translates the ac-line cycle frequency into a low-frequency clock, which can be used for a timing reference and to help power loads on the ac-line peak voltage (to reduce in-rush currents). If RST is asserted, all outputs are turned OFF internally, and the input register is reset to all zeroes. The microcontroller must write to the register to turn the outputs ON again. 4 Submit Documentation Feedback Copyright © 2005–2008, Texas Instruments Incorporated Product Folder Link(s): TPIC9201 |
同様の部品番号 - TPIC9201PWPG4 |
|
同様の説明 - TPIC9201PWPG4 |