データシートサーチシステム |
|
TL084IDR データシート(PDF) 7 Page - Texas Instruments |
|
|
TL084IDR データシート(HTML) 7 Page - Texas Instruments |
7 / 37 page TL081, TL081A, TL081B, TL082, TL082A, TL082B TL084, TL084A, TL084B JFET INPUT OPERATIONAL AMPLIFIERS SLOS081G − FEBRUARY 1977 − REVISED SEPTEMBER 2004 7 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics, VCC ± = ±15 V (unless otherwise noted) PARAMETER TEST CONDITIONS† TA TL081M, TL082M TL084Q, TL084M UNIT PARAMETER TEST CONDITIONS† TA MIN TYP MAX MIN TYP MAX UNIT VIO Input offset voltage VO = 0, RS = 50 Ω 25 °C 3 6 3 9 mV VIO Input offset voltage VO = 0, RS = 50 Ω Full range 9 15 mV αVIO Temperature coefficient of input offset voltage VO = 0 RS = 50 Ω Full range 18 18 µV/°C IIO Input offset current‡ VO = 0 25 °C 5 100 5 100 pA IIO Input offset current‡ VO = 0 125 °C 20 20 nA IIB Input bias current‡ VO = 0 25 °C 30 200 30 200 pA IIB Input bias current‡ VO = 0 125 °C 50 50 nA VICR Common-mode input voltage range 25 °C ±11 −12 to 15 ±11 − 12 to 15 V Maximum peak RL = 10 kΩ 25 °C ±12 ±13.5 ±12 ±13.5 VOM Maximum peak output voltage swing RL ≥ 10 kΩ Full range ±12 ±12 V VOM output voltage swing RL ≥ 2 kΩ Full range ±10 ±12 ±10 ±12 V AVD Large-signal differential voltage VO = ± 10 V, RL ≥ 2 kΩ 25 °C 25 200 25 200 V/mV AVD differential voltage amplification VO = ± 10 V, RL ≥ 2 kΩ Full range 15 15 V/mV B1 Unity-gain bandwidth 25 °C 3 3 MHz ri Input resistance 25 °C 1012 1012 Ω CMRR Common-mode rejection ratio VIC = VICRmin, VO = 0, RS = 50 Ω 25 °C 80 86 80 86 dB kSVR Supply-voltage rejection ratio ( ∆VCC±/∆VIO) VCC = ± 15 V to ± 9 V, VO = 0, RS = 50 Ω 25 °C 80 86 80 86 dB ICC Supply current (per amplifier) VO = 0, No load 25 °C 1.4 2.8 1.4 2.8 mA VO1/VO2 Crosstalk attenuation AVD = 100 25 °C 120 120 dB † All characteristics are measured under open-loop conditions, with zero common-mode input voltage, unless otherwise specified. ‡ Input bias currents of a FET-input operational amplifier are normal junction reverse currents, which are temperature sensitive, as shown in Figure 17. Pulse techniques must be used that maintain the junction temperatures as close to the ambient temperature as possible. operating characteristics, VCC± = ±15 V, TA = 25°C (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT VI = 10 V, RL = 2 kΩ, CL = 100 pF, See Figure 1 8∗ 13 SR Slew rate at unity gain VI = 10 V, T = − 55 C to 125 C, RL = 2 kΩ, CL = 100 pF, 5∗ V/ µs SR Slew rate at unity gain VI = 10 V, TA = − 55°C to 125°C, See Figure 1 5∗ V/ µs tr Rise time VI = 20 mV, RL = 2 kΩ, CL = 100 pF, See Figure 1 0.05 µs Overshoot factor VI = 20 mV, RL = 2 kΩ,CL = 100 pF, See Figure 1 20 % Vn Equivalent input noise voltage RS = 20 Ω f = 1 kHz 18 nV/ √Hz Vn Equivalent input noise voltage RS = 20 Ω f = 10 Hz to 10 kHz 4 µV In Equivalent input noise current RS = 20 Ω, f = 1 kHz 0.01 pA/ √Hz THD Total harmonic distortion VIrms = 6 V, f = 1 kHz AVD = 1, RS ≤ 1 kΩ, RL ≥ 2 kΩ, 0.003 % ∗On products compliant to MIL-PRF-38535, this parameter is not production tested. |
同様の部品番号 - TL084IDR |
|
同様の説明 - TL084IDR |