データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

TS5A23159RSERG4 データシート(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
部品番号. TS5A23159RSERG4
部品情報  1-Ω DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
ダウンロード  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo 

TS5A23159RSERG4 Datasheet(HTML) 20 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
V+
GND
NC or NO
IN
RGEN
VI
NC or NO
COM
VCOM
CL(2)
OFF
VCOM
ON
OFF
∆VCOM
VGEN
+
VI = VIH or VIL
CL = 1 nF
VGEN = 0 to V+
RGEN = 0
QC = CL × ∆VCOM
Logic
Input(1)
VIH
VIL
Logic
Input
(VI)
(1) All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr < 5 ns, tf < 5 ns.
(2) CL includes probe and jig capacitance.
V+
GND
NO
COM
10 mF
CL(1)
RL
V+/2
10 mF
IN
VI
600 W
600 W
600 W
Audio Analyzer
Source
Signal
RL = 600 Ω
CL = 50 pF
VSOURCE = V+ P-P
fSOURCE = 20 Hz to 20 kHz
Channel ON: COM to NO
VI = VIH or VIL
(1) CL includes probe and jig capacitance.
TS5A23159
SCDS201E – AUGUST 2005 – REVISED JULY 2009 ........................................................................................................................................................ www.ti.com
Figure 23. Charge Injection (QC)
Figure 24. Total Harmonic Distortion (THD)
20
Submit Documentation Feedback
Copyright © 2005–2009, Texas Instruments Incorporated
Product Folder Link(s): TS5A23159


Html ページ

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download




リンク URL