データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL082CPE4 データシート(PDF) 10 Page - Texas Instruments

部品番号 TL082CPE4
部品情報  JEET-INPUT OPERTIONAL AMPLIFERS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TL082CPE4 データシート(HTML) 10 Page - Texas Instruments

Back Button TL082CPE4 Datasheet HTML 6Page - Texas Instruments TL082CPE4 Datasheet HTML 7Page - Texas Instruments TL082CPE4 Datasheet HTML 8Page - Texas Instruments TL082CPE4 Datasheet HTML 9Page - Texas Instruments TL082CPE4 Datasheet HTML 10Page - Texas Instruments TL082CPE4 Datasheet HTML 11Page - Texas Instruments TL082CPE4 Datasheet HTML 12Page - Texas Instruments TL082CPE4 Datasheet HTML 13Page - Texas Instruments TL082CPE4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
TL081, TL081A, TL081B, TL082, TL082A, TL082B
TL084, TL084A, TL084B
JFET INPUT OPERATIONAL AMPLIFIERS
SLOS081G − FEBRUARY 1977 − REVISED SEPTEMBER 2004
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 7
0
±2.5
±5
±7.5
±10
±12.5
±15
10 k
40 k 100 k
400 k
1 M
4 M
10 M
VCC ± = ±15 V
RL = 2 kΩ
See Figure 2
TA = − 55°C
TA = 25°C
TA = 125°C
f − Frequency − Hz
MAXIMUM PEAK OUTPUT VOLTAGE
vs
FREQUENCY
Figure 8
±12.5
±10
±7.5
±5
±2.5
MAXIMUM PEAK OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
− 75
− 50
− 25
0
25
50
75
100
125
±15
0
RL = 10 kW
RL = 2 kW
VCC ± = ±15 V
See Figure 2
TA − Free-Air Temperature − °C
Figure 9
0.1
0
RL − Load Resistance − kΩ
10
±15
±2.5
±5
±7.5
±10
±12.5
VCC ± = ±15 V
TA = 25°C
See Figure 2
0.2
0.4
0.7
1
2
4
7
MAXIMUM PEAK OUTPUT VOLTAGE
vs
LOAD RESISTANCE
Figure 10
0
0
|VCC ±| − Supply Voltage − V
16
±15
2
4
6
8
10
12
14
±2.5
±5
±7.5
±10
±12.5
RL = 10 kΩ
TA = 25°C
MAXIMUM PEAK OUTPUT VOLTAGE
vs
SUPPLY VOLTAGE
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.


同様の部品番号 - TL082CPE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL082CPE4 TI-TL082CPE4 Datasheet
862Kb / 37P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL082CPE4 TI-TL082CPE4 Datasheet
836Kb / 33P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL082CPE4 TI-TL082CPE4 Datasheet
949Kb / 37P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL082CPE4 TI-TL082CPE4 Datasheet
998Kb / 38P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL082CPE4 TI1-TL082CPE4 Datasheet
1Mb / 45P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
More results

同様の説明 - TL082CPE4

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TA75074P TOSHIBA-TA75074P Datasheet
258Kb / 7P
   QUAD OPERTIONAL AMPLIFIER
TA750649 TOSHIBA-TA750649 Datasheet
282Kb / 8P
   QUAD OPERTIONAL AMPLIFIER
TA75072P TOSHIBA-TA75072P Datasheet
290Kb / 8P
   DUAL OPERTIONAL AMPLIFIER
TA75071P TOSHIBA-TA75071P Datasheet
256Kb / 7P
   SINGLE OPERTIONAL AMPLIFIER
logo
Unisonic Technologies
M2125 UTC-M2125_16 Datasheet
231Kb / 5P
   SINGLE-SUPPLY OPERTIONAL AMPLIFIER
logo
Texas Instruments
TLE206X TI1-TLE206X_13 Datasheet
2Mb / 83P
[Old version datasheet]   EXCALIBUR JFET-INPUT HIGH-OUTPUT-DRIVE POWER OPERATIONAL AMPLIFERS
logo
Microchip Technology
TC911A MICROCHIP-TC911A Datasheet
60Kb / 7P
   Monolithic Auto-Zeroed Operational Amplifers
2001
logo
Unisonic Technologies
M2125 UTC-M2125 Datasheet
125Kb / 5P
   SINGLE-SUPPLY OPERTIONAL AMPLIFIER
M2125 UTC-M2125_11 Datasheet
212Kb / 5P
   SINGLE-SUPPLY OPERTIONAL AMPLIFIER
M2125 UTC-M2125_15 Datasheet
233Kb / 5P
   SINGLE-SUPPLY OPERTIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com