データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS1600_1006 データシート(PDF) 3 Page - Cirrus Logic

部品番号 CS1600_1006
部品情報  Low-cost PFC Controller for Electronic Ballasts
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CIRRUS [Cirrus Logic]
ホームページ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS1600_1006 データシート(HTML) 3 Page - Cirrus Logic

  CS1600_1006 Datasheet HTML 1Page - Cirrus Logic CS1600_1006 Datasheet HTML 2Page - Cirrus Logic CS1600_1006 Datasheet HTML 3Page - Cirrus Logic CS1600_1006 Datasheet HTML 4Page - Cirrus Logic CS1600_1006 Datasheet HTML 5Page - Cirrus Logic CS1600_1006 Datasheet HTML 6Page - Cirrus Logic CS1600_1006 Datasheet HTML 7Page - Cirrus Logic CS1600_1006 Datasheet HTML 8Page - Cirrus Logic CS1600_1006 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
CS1600
DS904A6
3
2. CHARACTERISTICS AND SPECIFICATIONS
2.1
Absolute Maximum Ratings
Notes:
1.
The CS1600 has an internal shunt regulator that controls the nominal operating voltage on the VDD pin.
2.
Long term operation at the maximum junction temperature will result in reduced product life. Derate internal power
dissipation at the rate of 50 mW / ºC for variation over temperature.
2.2
Electrical Characteristics
Recommended operating conditions (unless otherwise specified): TA = TJ = -40º to +125º C, VDD = 10 to 15 V, GND = 0 V.
Typical values are at TA = 25º C.
Pin
Symbol
Parameter
Value
Unit
7
VDD
IC Supply Voltage1
Vz
V
2,3,4
VIN
Input Voltage
-0.5 to VDD
V
3,4
IIN
Input Current
50
mA
6VGD
Gate Drive Voltage
-0.3 to VDD
V
6IGD
Gate Drive Current
-1.0 / +0.5
A
1,2,3,4,5,6,8
ESD
Human Body Model
2000
V
1,2,3,4,5,6,8
ESD
Machine Model
200
V
1,2,3,4,5,6,8
ESD
Charged Device Model
500
V
-PD
Total Power Dissipation at 50° C2
600
mW
-TJ
Junction Temperature Operating Range
-40 to +125
ºC
-TStg
Storage Temperature Range
-65 to +150
ºC
Parameter
Condition
Symbol
Min
Typ
Max
Unit
VDD Supply Voltage
VDD Turn-on Threshold Voltage
VDD increasing
Vth(St)
8.4
8.8
9.3
V
VDD Turn-off Threshold Voltage
VDD decreasing
Vth(Stp)
7.1
7.4
7.9
V
UVLO Hysteresis
VHys
-1.3
-
V
Zener Voltage
IDD =20mA
VZ
17.0
17.9
18.5
V
Supply Current Section
Start-up Supply Current
VDD < Vth(St)
IST
-68
80
μA
Standby Supply Current
STBY < 0.8V
ISB
-80
112
μA
Operating Supply Current
CL = 1nF, fsw = 70 kHz
IDD
-1.7
1.9
mA
PFC Gate Drive Section
Maximum Operating Frequency3,4
Normal mode, VDD =13V
fSW(max)
62
66
70
kHz
Minimum Operating Frequency3,4
Normal mode, VDD =13V
fSW(min)
20
22
23
kHz
Minimum Duty Cycle
VDD = 13 V, STBY < 0.8 V
tDC_min
--
0
%
Maximum Duty Cycle3,4
VDD =13 V
Dmax
64
66
68
%
Minimum On Time
VDD =13 V
ton_min
0.45
0.5
0.55
μs
Output Source Resistance
IGD =100 mA, VDD =13V
ROH
-9
-
Ω
Output Sink Resistance
IGD =-200mA, VDD =13V
ROL
-6
-
Ω
Rise Time
CL =1 nF, VDD =13 V
tr
-32
45
ns


同様の部品番号 - CS1600_1006

メーカー部品番号データシート部品情報
logo
Cirrus Logic
CS1600_1007 CIRRUS-CS1600_1007 Datasheet
201Kb / 18P
   LOW-cost PFC Controller for Electronic Ballasts
More results

同様の説明 - CS1600_1006

メーカー部品番号データシート部品情報
logo
Cirrus Logic
CS1600_1007 CIRRUS-CS1600_1007 Datasheet
201Kb / 18P
   LOW-cost PFC Controller for Electronic Ballasts
CS1600 CIRRUS-CS1600 Datasheet
251Kb / 18P
   Low-cost PFC Controller for Electronic Ballasts
CS1601 CIRRUS-CS1601 Datasheet
816Kb / 16P
   Digital PFC Controller for Electronic Ballasts
logo
Gunter Seniconductor Gm...
TFA3351 GSG-TFA3351 Datasheet
140Kb / 12P
   IC for Electronic Ballasts
logo
KODENSHI_AUK CORP.
KKA3354 KODENSHI-KKA3354 Datasheet
235Kb / 6P
   IC for Electronic Ballasts
logo
JILIN SINO-MICROELECTRO...
3DD4243DY JSMC-3DD4243DY Datasheet
264Kb / 5P
   Electronic ballasts
logo
List of Unclassifed Man...
TFA3351 ETC2-TFA3351 Datasheet
104Kb / 12P
   IC for Electronic Ballasts
logo
Integral Corp.
ILA3354 INTEGRAL-ILA3354 Datasheet
217Kb / 6P
   IC for Electronic Ballasts
logo
IK Semicon Co., Ltd
ILA3354 IKSEMICON-ILA3354 Datasheet
219Kb / 6P
   IC for Electronic Ballasts
logo
Gunter Seniconductor Gm...
TFA3354 GSG-TFA3354 Datasheet
129Kb / 12P
   IC for Electronic Ballasts
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com