データシートサーチシステム |
|
LM211QDRG4 データシート(PDF) 9 Page - Texas Instruments |
|
|
LM211QDRG4 データシート(HTML) 9 Page - Texas Instruments |
9 / 28 page LM111, LM211, LM311 DIFFERENTIAL COMPARATORS WITH STROBES SLCS007H − SEPTEMBER 1973 − REVISED AUGUST 2003 9 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TYPICAL CHARACTERISTICS Figure 6 5 0 −10 −15 0 0.2 0.4 0.6 0.8 1.0 10 t − Time − s 1.2 1.4 −5 OUTPUT RESPONSE FOR VARIOUS INPUT OVERDRIVES 15 1.6 1.8 20 mV 100 mV 2 mV 5 mV VCC± = ±15 V RE = 2 kΩ to −15 V TA = 25°C m Figure 7 t − Time − s OUTPUT RESPONSE FOR VARIOUS INPUT OVERDRIVES 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 5 0 −10 −15 10 −5 15 20 mV VCC± = ±15 V RE = 2 kΩ to −15 V TA = 25°C 2 mV 5 mV 100 mV m VID VCC+ = 15 V RE = 2 kΩ VO VCC− = −15 V TEST CIRCUIT FOR FIGURES 6 AND 7 |
同様の部品番号 - LM211QDRG4 |
|
同様の説明 - LM211QDRG4 |