データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM311PWLE データシート(PDF) 9 Page - Texas Instruments

部品番号 LM311PWLE
部品情報  DIFFERENTIAL COMPARATORS WITH STROBES
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM311PWLE データシート(HTML) 9 Page - Texas Instruments

Back Button LM311PWLE Datasheet HTML 5Page - Texas Instruments LM311PWLE Datasheet HTML 6Page - Texas Instruments LM311PWLE Datasheet HTML 7Page - Texas Instruments LM311PWLE Datasheet HTML 8Page - Texas Instruments LM311PWLE Datasheet HTML 9Page - Texas Instruments LM311PWLE Datasheet HTML 10Page - Texas Instruments LM311PWLE Datasheet HTML 11Page - Texas Instruments LM311PWLE Datasheet HTML 12Page - Texas Instruments LM311PWLE Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LM111, LM211, LM311
DIFFERENTIAL COMPARATORS WITH STROBES
SLCS007H − SEPTEMBER 1973 − REVISED AUGUST 2003
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 6
5
0
−10
−15
0
0.2
0.4
0.6
0.8
1.0
10
t − Time − s
1.2
1.4
−5
OUTPUT RESPONSE FOR
VARIOUS INPUT OVERDRIVES
15
1.6
1.8
20 mV
100 mV
2 mV
5 mV
VCC± = ±15 V
RE = 2 kΩ to −15 V
TA = 25°C
m
Figure 7
t − Time − s
OUTPUT RESPONSE FOR
VARIOUS INPUT OVERDRIVES
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4 1.6
1.8
5
0
−10
−15
10
−5
15
20 mV
VCC± = ±15 V
RE = 2 kΩ to −15 V
TA = 25°C
2 mV
5 mV
100 mV
m
VID
VCC+ = 15 V
RE = 2 kΩ
VO
VCC− = −15 V
TEST CIRCUIT FOR FIGURES 6 AND 7


同様の部品番号 - LM311PWLE

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM311PWLE TI-LM311PWLE Datasheet
506Kb / 25P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
LM311PWLE TI1-LM311PWLE Datasheet
2Mb / 38P
[Old version datasheet]   Quad Differential Comparators
LM311PWLE TI1-LM311PWLE Datasheet
2Mb / 38P
[Old version datasheet]   LMx11 Quad Differential Comparators
More results

同様の説明 - LM311PWLE

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM111 TI-LM111 Datasheet
506Kb / 25P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
LM211P TI1-LM211P Datasheet
1Mb / 31P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
LM111 TI1-LM111_14 Datasheet
1Mb / 32P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
LP211 TI-LP211_06 Datasheet
240Kb / 11P
[Old version datasheet]   LOW-POWER DIFFERENTIAL COMPARATORS WITH STROBES
LP211 TI1-LP211_14 Datasheet
829Kb / 14P
[Old version datasheet]   LOW-POWER DIFFERENTIAL COMPARATORS WITH STROBES
LM211-Q1 TI-LM211-Q1 Datasheet
339Kb / 18P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
LM211-Q1 TI1-LM211-Q1_14 Datasheet
354Kb / 21P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
LM211-EP TI1-LM211-EP_14 Datasheet
820Kb / 24P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
LM211-EP TI1-LM211-EP Datasheet
597Kb / 22P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
LM211-EP TI1-LM211-EP_16 Datasheet
820Kb / 23P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com