データシートサーチシステム |
|
LM133-155.52M データシート(PDF) 1 Page - Connor-Winfield Corporation |
|
LM133-155.52M データシート(HTML) 1 Page - Connor-Winfield Corporation |
1 / 2 page Specifications subject to change without notice. All dimensions in inches. © Copyright 2008 The Connor-Winfield Corporation Bulletin Ds030 Page 1of2 Revision P01 Date 24 Sep 2009 2111 Comprehensive Drive Aurora, Illinois 60505 Phone: 630- 851- 4722 Fax: 630- 851- 5040 www.conwin.com US Headquarters: 630-851-4722 European Headquarters: +353-61-472221 Description Features: 5.0x7.0mm Surface Mount LVDS Clock Oscillator Series The Connor-Winfield LMxxx - Series are 5x7.0mm Surface Mount, LVDS, Fixed Frequency Crystal Controlled Oscillator (XO). Through the use of multiplication, the LMxxx - Series are designed for applications requiring tight frequency stability, wide temperature range and low jitter. Operating at 2.5V or 3.3V supply voltage, the LMxxx - Series provides LVDS Differential Outputs with enable / disable function. The surface mount package is designed for high-density mounting and is optimum for mass production. Model LMxxx - Series 5.0 x7.0mm Surface Mount Package 2.5V or 3.3V Operation LVDS Output Logic Frequency Stabilities Available: 14x / : +/-20ppm x / : ppm x / 2x 0pp Temperature Ranges Available: LM1xx Series: 0 to 70°C LM2xx Series: -40 to 85°C Low Jitter <1pS RMS Tri-State Enable/Disable Tape and Reel Packaging RoHS Compliant / Lead Free LM LM34x / LM44x LM11 LM31x / LM41x +/-25 LM12 LM2 / LM32x / LM42x: +/-5 m LM13x / LM23x / LM33x / LM43x: +/-100ppm LM3xx Series: 0 to 85°C LM4xx Series: -20 to 70°C Model Specifications CW 0846 LM123 155.52MHz Absolute Maximum Ratings Table 1.0 Parameter Units Minimum Nominal Maximum Units Note Storage Temperature -55 - 125 °C Supply Voltage (Vcc) -0.5 - 4.6 Vdc Input Voltage -0.5 - Vcc+0.5 Vdc Operating Specifications Table 2.0 Parameter Minimum Nominal Maximum Units Note Center Frequency (Fo) 100 - 670 MHz Total Frequency Tolerance (See Table 9 for full part number) Model LMx4x (See Table 9) -20 - 20 ppm 1 Model LMx1x (See Table 9) -25 - 25 ppm 1 Model LMx2x (See Table 9) -50 - 50 ppm 1 Model LMx3x (See Table 9) -100 - 100 ppm 1 Operating Temperature Range Model LM1xx (See Table 9) 0 - 70 °C Model LM4xx (See Table 9) -20 - 70 °C Model LM3xx (See Table 9) 0 - 85 °C Model LM2xx (See Table 9) -40 - 85 °C Supply Voltage (Vcc) Model LMxx2 (See Table 9) 2.375 2.500 2.625 Vdc Model LMxx3 (See Table 9) 3.135 3.3 3.465 Vdc Supply Current (Icc) - 60 90 mA Period Jitter - 3 5 ps RMS Phase Jitter- BW=12KHz to 20MHz - 0.6 1.0 ps RMS SSB Phase Noise at 10Hz offset - -40 - dBc/Hz SSB Phase Noise at 100Hz offset - -75 - dBc/Hz SSB Phase Noise at 1KHz offset - -95 - dBc/Hz SSB Phase Noise at 10KHz offset - -110 - dBc/Hz SSB Phase Noise at 100KHz offset - -115 - dBc/Hz Sub-Harmonics - -60 -50 dBc Input Characteristics Table 3.0 Parameter Minimum Nominal Maximum Units Note Disable Input Voltage (Low) (Vil) - - 0.3Vcc Vdc 2 Enable Input Voltage (High) (Vih) 0.7Vcc - -Vdc 2 LVDS Output Characteristics Table 4.0 Parameter Minimum Nominal Maximum Units Note LOAD - - 100 Ohms Output Differential Voltage (Vod) 250 - 450 mV 3 Output Swing (Differential Output peak to peak) (Vopp) 500 700 900 mV Duty Cycle measured at 50% 45 50 55 % 4 Differential Rise / Fall Time 20% to 80% - 0.3 0.7 ns Model Specifications 1) Includes initial tolerance, deviation over temperature, supply and load variations, shock, vibration and 20 years aging. 2) When the oscillator is disabled, the outputs are at High Impedance. Output is enabled with no connection on pad 1. 3) Vod measured with 100 ohm resistor between the true output and the complementary output. 4) Duty Cycle measured at 50% of output swing. Notes |
同様の部品番号 - LM133-155.52M |
|
同様の説明 - LM133-155.52M |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |