データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74320-9010 データシート(PDF) 6 Page - MolexKits

部品番号 74320-9010
部品情報  Includes HDMI, HDMI to DVI-D, MicroCross DVI-D and DVI-I, DisplayPort, IEEE1394-1395, USB Type A and B, USB OTG (On-the-Go) mini-B, Micro USB-B
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEXKITS [MolexKits]
ホームページ  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

74320-9010 データシート(HTML) 6 Page - MolexKits

  74320-9010 Datasheet HTML 1Page - MolexKits 74320-9010 Datasheet HTML 2Page - MolexKits 74320-9010 Datasheet HTML 3Page - MolexKits 74320-9010 Datasheet HTML 4Page - MolexKits 74320-9010 Datasheet HTML 5Page - MolexKits 74320-9010 Datasheet HTML 6Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0143
68784-0001
1
* DisplayPort is a Trademark of VESA
^ High Definition Multimedia Interface and HDMI are trademarks of HDMI Licensing, LLC.
USB-A/MICRO B CABLE 1M
China
No Recommended Molex Tool for Part No. 76650-0143
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 6 of 6


同様の部品番号 - 74320-9010

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
74320-9010 MOLEX8-74320-9010 Datasheet
259Kb / 4P
   MicroCross??DVI-I Digital/Analog Visual Interface, PCB Receptacle, Panel MountThrough Hole, Right Angle, with Beveled Metal Pins, 0.76關m (30關") Gold (Au), Lead
logo
MolexKits
74320-9010 MOLEXKITS-74320-9010 Datasheet
80Kb / 6P
   Deluxe Audio Video Data Application Kit
More results

同様の説明 - 74320-9010

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
0887328600 MOLEX1-0887328600 Datasheet
33Kb / 1P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 2.0, 1.0m USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 2.0, 1.0m
0887328900 MOLEX1-0887328900 Datasheet
33Kb / 1P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 2.0, 2.0m
0887328912 MOLEX1-0887328912_18 Datasheet
32Kb / 1P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 1.1, 2.0m
0887328510 MOLEX1-0887328510 Datasheet
32Kb / 1P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 1.1,0.80m Length, White
0887328500 MOLEX1-0887328500 Datasheet
33Kb / 1P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 2.0,0.80m Length, White
0887328800 MOLEX1-0887328800 Datasheet
33Kb / 1P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 2.0,1.80m Length, White
0887328802 MOLEX1-0887328802_18 Datasheet
33Kb / 1P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 2.0,1.80m Length, Black
0887328502 MOLEX1-0887328502_18 Datasheet
33Kb / 1P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 2.0,0.80m Length, Black
0887328702 MOLEX1-0887328702_18 Datasheet
33Kb / 1P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 2.0,1.50m Length, Black
0887328610 MOLEX1-0887328610 Datasheet
33Kb / 1P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 1.1, 1.0m Length, White
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com