データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL28117 データシート(PDF) 2 Page - Intersil Corporation

部品番号 ISL28117
部品情報  40V Precision Low Power Operational Amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28117 データシート(HTML) 2 Page - Intersil Corporation

  ISL28117 Datasheet HTML 1Page - Intersil Corporation ISL28117 Datasheet HTML 2Page - Intersil Corporation ISL28117 Datasheet HTML 3Page - Intersil Corporation ISL28117 Datasheet HTML 4Page - Intersil Corporation ISL28117 Datasheet HTML 5Page - Intersil Corporation ISL28117 Datasheet HTML 6Page - Intersil Corporation ISL28117 Datasheet HTML 7Page - Intersil Corporation ISL28117 Datasheet HTML 8Page - Intersil Corporation ISL28117 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
2
April 13, 2010
FN6632.4
Pin Configurations
Ordering Information
PART NUMBER
(Notes2, 3)
PART
MARKING
VOS (MAX)
(µV)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL28117FBBZ
28117 FBZ
50 (B Grade)
8 Ld SOIC
M8.15E
ISL28117FBBZ-T7 (Note 1)
28117 FBZ
50 (B Grade)
8 Ld SOIC
M8.15E
ISL28117FBBZ-T13 (Note 1)
28117 FBZ
50 (B Grade)
8 Ld SOIC
M8.15E
ISL28117FBZ
28117 FBZ -C
100 (C Grade)
8 Ld SOIC
M8.15E
ISL28117FBZ-T7 (Note 1)
28117 FBZ -C
100 (C Grade)
8 Ld SOIC
M8.15E
ISL28117FBZ-T13 (Note 1)
28117 FBZ -C
100 (C Grade)
8 Ld SOIC
M8.15E
ISL28117FUBZ Coming Soon
8117Z
TBD (B Grade)
8 Ld MSOP
M8.118
ISL28117FUBZ-T13 (Note 1)
Coming Soon
8117Z
TBD (B Grade)
8 Ld MSOP
M8.118
ISL28117FUZ
8117Z -C
150 (C Grade)
8 Ld MSOP
M8.118
ISL28117FUZ-T13 (Note 1)
8117Z -C
150 (C Grade)
8 Ld MSOP
M8.118
ISL28217FBBZ
28217 FBZ
50 (B Grade)
8 Ld SOIC
M8.15E
ISL28217FBBZ-T7 (Note 1)
28217 FBZ
50 (B Grade)
8 Ld SOIC
M8.15E
ISL28217FBBZ-T13 (Note 1)
28217 FBZ
50 (B Grade)
8 Ld SOIC
M8.15E
ISL28217FBZ
28217 FBZ -C
100 (C Grade)
8 Ld SOIC
M8.15E
ISL28217FBZ-T7 (Note 1)
28217 FBZ -C
100 (C Grade)
8 Ld SOIC
M8.15E
ISL28217FBZ-T13 (Note 1)
28217 FBZ -C
100 (C Grade)
8 Ld SOIC
M8.15E
ISL28117SOICEVAL1Z
Evaluation Board
ISL28217SOICEVAL2Z
Evaluation Board
NOTES:
1. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach
materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both
SnPb and Pb-free soldering operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL28117, ISL28217. For more information on
MSL please see techbrief TB363.
ISL28117
(8 LD SOIC, MSOP)
TOP VIEW
ISL28217
(8 LD SOIC)
TOP VIEW
NC
-IN
+IN
V -
1
2
3
4
8
7
6
5
NC
V+
VOUT
NC
+
-
VOUT_A
-IN_A
+IN_A
V -
1
2
3
4
8
7
6
5
V+
VOUT_B
-IN_B
+IN_B
+
-
+-
ISL28117, ISL28217


同様の部品番号 - ISL28117

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28117 INTERSIL-ISL28117 Datasheet
844Kb / 18P
   40V Precision Low Power Operational Amplifiers
ISL28117 INTERSIL-ISL28117 Datasheet
1Mb / 32P
   40V Precision Low Power Operational Amplifiers
ISL28117 INTERSIL-ISL28117 Datasheet
1Mb / 33P
   40V Precision Low Power Operational Amplifiers
logo
Renesas Technology Corp
ISL28117 RENESAS-ISL28117 Datasheet
2Mb / 39P
   40V Precision Low Power Operational Amplifiers
logo
Intersil Corporation
ISL28117 INTERSIL-ISL28117 Datasheet
1Mb / 34P
   40V Precision Low Power Operational Amplifiers
November 30, 2012
More results

同様の説明 - ISL28117

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28117FBBZ INTERSIL-ISL28117FBBZ Datasheet
1Mb / 34P
   40V Precision Low Power Operational Amplifiers
November 30, 2012
ISL28117_1110 INTERSIL-ISL28117_1110 Datasheet
1Mb / 33P
   40V Precision Low Power Operational Amplifiers
logo
Renesas Technology Corp
ISL28117 RENESAS-ISL28117 Datasheet
2Mb / 39P
   40V Precision Low Power Operational Amplifiers
logo
Intersil Corporation
ISL28117 INTERSIL-ISL28117 Datasheet
844Kb / 18P
   40V Precision Low Power Operational Amplifiers
ISL28117 INTERSIL-ISL28117_11 Datasheet
1Mb / 32P
   40V Precision Low Power Operational Amplifiers
ISL28117FBBZ INTERSIL-ISL28117FBBZ Datasheet
1Mb / 34P
   40V Precision Low Power Operational Amplifiers
November 30, 2012
ISL70417SEH INTERSIL-ISL70417SEH Datasheet
1Mb / 22P
   Rad Hard 40V Quad Precision Low Power Operational Amplifiers
logo
Renesas Technology Corp
ISL70417SEH RENESAS-ISL70417SEH Datasheet
1Mb / 22P
   Radiation Hardened 40V Quad Precision Low Power Operational Amplifiers
Oct 24, 2019
logo
Intersil Corporation
ISL28108_1107 INTERSIL-ISL28108_1107 Datasheet
1Mb / 26P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28108_1111 INTERSIL-ISL28108_1111 Datasheet
1Mb / 32P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com