データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADF7021-VBCPZ-RL データシート(PDF) 7 Page - Analog Devices

部品番号 ADF7021-VBCPZ-RL
部品情報  HIgh Performance Narrow-Band Transceiver IC
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADF7021-VBCPZ-RL データシート(HTML) 7 Page - Analog Devices

Back Button ADF7021-VBCPZ-RL Datasheet HTML 3Page - Analog Devices ADF7021-VBCPZ-RL Datasheet HTML 4Page - Analog Devices ADF7021-VBCPZ-RL Datasheet HTML 5Page - Analog Devices ADF7021-VBCPZ-RL Datasheet HTML 6Page - Analog Devices ADF7021-VBCPZ-RL Datasheet HTML 7Page - Analog Devices ADF7021-VBCPZ-RL Datasheet HTML 8Page - Analog Devices ADF7021-VBCPZ-RL Datasheet HTML 9Page - Analog Devices ADF7021-VBCPZ-RL Datasheet HTML 10Page - Analog Devices ADF7021-VBCPZ-RL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
ADF7021-V
Rev. 0 | Page 7 of 60
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Raised Cosine 2FSK
Sensitivity at 0.25 kbps
−125
dBm
fDEV = 1 kHz, high sensitivity mode, IFBW = 9.0 kHz
Sensitivity at 1 kbps
−121
dBm
fDEV = 1 kHz, high sensitivity mode, IFBW = 9.0 kHz
Sensitivity at 2.4 kbps
−120
dBm
fDEV = 1.2 kHz, high sensitivity mode, IFBW = 9.0 kHz
Sensitivity at 4.8 kbps
−115
dBm
fDEV = 2.4 kHz, high sensitivity mode, IFBW = 9.0 kHz
Sensitivity at 9.6 kbps
−114
dBm
fDEV = 4.8 kHz, high sensitivity mode, IFBW = 18.5 kHz
3FSK
Sensitivity at 4.8 kbps
−110
dBm
fDEV = 2.4 kHz, high sensitivity mode, IFBW = 18.5 kHz,
Viterbi detection on
Raised Cosine 3FSK
Sensitivity at 4.8 kbps
−110
dBm
fDEV = 2.4 kHz, high sensitivity mode, IFBW = 13.5 kHz,
alpha = 0.5, Viterbi detection on
4FSK
Sensitivity at 4.8 kbps
−112
dBm
fDEV (inner)2 = 1.2 kHz, high sensitivity mode, IFBW = 13.5
kHz
Raised Cosine 4FSK
Sensitivity at 4.8 kbps
−109
dBm
fDEV (inner)2 = 1.2 kHz, high sensitivity mode, IFBW = 13.5 kHz,
alpha = 0.5
INPUT IP3
Two-tone test, fLO = 860 MHz, f1 = fLO + 100 kHz,
f2 = fLO − 800 kHz
Low Gain, Enhanced Linearity
Mode
−3
dBm
LNA_GAIN = 3, MIXER_LINEARITY = 1
Medium Gain Mode
−13.5
dBm
LNA_GAIN = 10, MIXER_LINEARITY = 0
High Sensitivity Mode
−24
dBm
LNA_GAIN = 30, MIXER_LINEARITY = 0
ADJACENT CHANNEL REJECTION
(ACR)
868 MHz
Desired signal is 3 dB above the sensitivity point of
−109.5 dBm as per EN 300 220; rejection is measured as the
level of an unmodulated interferer to cause a BER of 10−2 for
the desired signal
12.5 kHz Channel Spacing
−60
dBm
IFBW = 9 kHz, data rate = 0.25 kbps, fDEV = 1 kHz, LBW = 6 kHz
25 kHz Channel Spacing
−39
dBm
IFBW = 9 kHz, data rate = 0.25 kbps, fDEV = 1 kHz, LBW = 6 kHz
12.5 kHz Channel Spacing
−60
dBm
IFBW = 9 kHz, data rate = 1 kbps, fDEV = 1 kHz, LBW = 6 kHz
25 kHz Channel Spacing
−40
dBm
IFBW = 9 kHz, data rate = 1 kbps, fDEV = 1 kHz, LBW = 6 kHz
12.5 kHz Channel Spacing
−59.5
dBm
IFBW = 9 kHz, data rate = 2.4 kbps, fDEV = 1.2 kHz, LBW = 6 kHz
25 kHz Channel Spacing
−42
dBm
IFBW = 9 kHz, data rate = 2.4 kbps, fDEV = 1.2 kHz, LBW = 6 kHz
12.5 kHz Channel Spacing
−63
dBm
IFBW = 9 kHz, data rate = 4.8 kbps, fDEV = 2.4 kHz, LBW = 6 kHz
25 kHz Channel Spacing
−45
dBm
IFBW = 9 kHz, data rate = 4.8 kbps, fDEV = 2.4 kHz, LBW = 6 kHz
25 kHz Channel Spacing
−57
dBm
IFBW = 18.5 kHz, data rate = 9.6 kbps, fDEV = 4.8 kHz, LBW = 6 kHz
460 MHz
Desired signal is at −106.5 dBm; rejection is measured as the
level of an unmodulated interferer to cause a BER of 10−2 for
the desired signal
12.5 kHz Channel Spacing
−59.5
dBm
IFBW = 9 kHz, data rate = 0.25 kbps, fDEV = 1 kHz, LBW = 6 kHz
25 kHz Channel Spacing
−37.5
dBm
IFBW = 9 kHz, data rate = 0.25 kbps, fDEV = 1 kHz, LBW = 6 kHz
12.5 kHz Channel Spacing
−60
dBm
IFBW = 9 kHz, data rate = 1 kbps, fDEV = 1 kHz, LBW = 6 kHz
25 kHz Channel Spacing
−41
dBm
IFBW = 9 kHz, data rate = 1 kbps, fDEV = 1 kHz, LBW = 6 kHz
12.5 kHz Channel Spacing
−62
dBm
IFBW = 9 kHz, data rate = 2.4 kbps, fDEV = 1.2 kHz, LBW = 6 kHz
25 kHz Channel Spacing
−43
dBm
IFBW = 9 kHz, data rate = 2.4 kbps, fDEV = 1.2 kHz, LBW = 6 kHz
12.5 kHz Channel Spacing
−61.5
dBm
IFBW = 9 kHz, data rate = 4.8 kbps, fDEV = 2.4 kHz, LBW = 6 kHz
25 kHz Channel Spacing
−44.5
dBm
IFBW = 9 kHz, data rate = 4.8 kbps, fDEV = 2.4 kHz, LBW = 6 kHz
25 kHz Channel Spacing
−56
dBm
IFBW = 18.5 kHz, data rate = 9.6 kbps, fDEV = 4.8 kHz, LBW = 6 kHz
COCHANNEL REJECTION
Desired signal is 3 dB above the sensitivity point of
−109.5 dBm; rejection is measured as the level of an
interferer to cause a BER of 10−2 for the desired signal
868 MHz
−5
dB
IFBW = 9 kHz, data rate = 4.8 kbps, fDEV = 2.4 kHz, LBW = 6 kHz


同様の部品番号 - ADF7021-VBCPZ-RL

メーカー部品番号データシート部品情報
logo
Analog Devices
ADF7021-N AD-ADF7021-N Datasheet
2Mb / 64P
   High Performance Narrow-Band Transceiver IC
REV. 0
ADF7021-NBCPZ-RL1 AD-ADF7021-NBCPZ-RL1 Datasheet
2Mb / 64P
   High Performance Narrow-Band Transceiver IC
REV. 0
ADF7021-NBCPZ-RL71 AD-ADF7021-NBCPZ-RL71 Datasheet
2Mb / 64P
   High Performance Narrow-Band Transceiver IC
REV. 0
ADF7021-NBCPZ1 AD-ADF7021-NBCPZ1 Datasheet
2Mb / 64P
   High Performance Narrow-Band Transceiver IC
REV. 0
ADF7021-NDF AD-ADF7021-NDF Datasheet
2Mb / 64P
   High Performance Narrow-Band Transceiver IC
REV. 0
More results

同様の説明 - ADF7021-VBCPZ-RL

メーカー部品番号データシート部品情報
logo
Analog Devices
ADF7021BCPZ-RL AD-ADF7021BCPZ-RL Datasheet
1Mb / 64P
   High Performance Narrow-Band Transceiver IC
REV. B
ADF7021 AD-ADF7021_15 Datasheet
1Mb / 62P
   High Performance Narrow-Band Transceiver IC
REV. C
ADF7021-N AD-ADF7021-N Datasheet
2Mb / 64P
   High Performance Narrow-Band Transceiver IC
REV. 0
EVAL-ADF7021DBZ5 AD-EVAL-ADF7021DBZ5 Datasheet
1Mb / 64P
   High Performance Narrow-Band Transceiver IC
REV. B
ADF7025 AD-ADF7025_15 Datasheet
672Kb / 44P
   High Performance ISM Band Transceiver IC
REV. B
ADF7025 AD-ADF7025 Datasheet
917Kb / 44P
   High Performance ISM Band Transceiver IC
REV. A
logo
ON Semiconductor
AX5243 ONSEMI-AX5243_16 Datasheet
411Kb / 42P
   Advanced High Performance ASK and FSK Narrow-band Transceiver
May, 2016 ??Rev. 3
logo
Radiometrix Ltd
NIM2-XXX.XXX-10 RADIOMETRIX-NIM2-XXX.XXX-10 Datasheet
224Kb / 11P
   UHF Narrow Band Transceiver
logo
List of Unclassifed Man...
WP-RF-RF650 ETC1-WP-RF-RF650 Datasheet
183Kb / 8P
   Narrow Band Radio Transceiver
logo
Analog Devices
ADF7020 AD-ADF7020 Datasheet
797Kb / 40P
   High Performance ISM Band FSK/ASK Transceiver IC
Rev. PrH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com