データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADXRS450 データシート(PDF) 7 Page - Analog Devices

部品番号 ADXRS450
部品情報  HIgh Performance, Digital Output Gyroscope
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADXRS450 データシート(HTML) 7 Page - Analog Devices

Back Button ADXRS450 Datasheet HTML 3Page - Analog Devices ADXRS450 Datasheet HTML 4Page - Analog Devices ADXRS450 Datasheet HTML 5Page - Analog Devices ADXRS450 Datasheet HTML 6Page - Analog Devices ADXRS450 Datasheet HTML 7Page - Analog Devices ADXRS450 Datasheet HTML 8Page - Analog Devices ADXRS450 Datasheet HTML 9Page - Analog Devices ADXRS450 Datasheet HTML 10Page - Analog Devices ADXRS450 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Preliminary Technical Data
ADXRS450
Rev. PrA | Page 7 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
0.20
0.18
0.16
0.14
0.12
0.10
0.08
0.06
0.04
0
0.02
ERROR (°/sec)
Figure 6. SOIC_CAV Null Error @ 25°C
0.30
0.25
0.20
0.15
0.10
0.05
0
ERROR (°/sec)
Figure 7. SOIC_CAV Null Drift over Temperature
0.25
0.20
0.15
0.10
0.05
0
CHANGE IN SENSITIVITY (%)
Figure 8. SOIC_CAV Sensitivity Error @ 25°C
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
–2.0
–1.6 –1.2
–0.8
–0.4
0
2.0
1.6
1.2
0.8
0.4
ERROR (°/sec)
Figure 9. LCC_V Null Error @ 25°C
0.30
0.25
0.20
0.15
0.10
0.05
0
ERROR (°/sec)
Figure 10. LCC_V Null Drift over Temperature
0.25
0.20
0.15
0.10
0.05
0
CHANGE IN SENSITIVITY (%)
Figure 11. LCC_V Sensitivity Error @ 25°C


同様の部品番号 - ADXRS450

メーカー部品番号データシート部品情報
logo
Analog Devices
ADXRS450 AD-ADXRS450_11 Datasheet
715Kb / 28P
   High Performance, Digital Output Gyroscope
REV. 0
More results

同様の説明 - ADXRS450

メーカー部品番号データシート部品情報
logo
Analog Devices
ADXRS450 AD-ADXRS450_11 Datasheet
715Kb / 28P
   High Performance, Digital Output Gyroscope
REV. 0
ADXRS453 AD-ADXRS453 Datasheet
998Kb / 32P
   High Performance , Digital Output Gyroscope
REV. 0
logo
STMicroelectronics
I3G4250D STMICROELECTRONICS-I3G4250D Datasheet
1Mb / 43P
   3-axis digital output gyroscope
L3G4200D STMICROELECTRONICS-L3G4200D Datasheet
810Kb / 24P
   MEMS motion sensor: three-axis digital output gyroscope
L3GD20 STMICROELECTRONICS-L3GD20 Datasheet
1Mb / 44P
   MEMS motion sensor: three-axis digital output gyroscope
A3G4250DTR STMICROELECTRONICS-A3G4250DTR Datasheet
1Mb / 44P
   MEMS motion sensor: 3-axis digital output gyroscope
L3GD20H STMICROELECTRONICS-L3GD20H Datasheet
2Mb / 52P
   MEMS motion sensor: three-axis digital output gyroscope
March 2013 Rev 2
logo
List of Unclassifed Man...
PMODGYRO2_RM ETC1-PMODGYRO2_RM Datasheet
239Kb / 2P
   The PmodGYRO2 features the Analog Devices ADXRS453 High Performance, Digital Output Gyroscope that is ideal for systems in need of a gyroscope for high vibration environments.
logo
Bosch Sensortec GmbH
BMG160 BOSCH-BMG160 Datasheet
2Mb / 91P
   Digital, triaxial gyroscope sensor
logo
List of Unclassifed Man...
BMG160 ETC2-BMG160 Datasheet
2Mb / 91P
   Digital, triaxial gyroscope sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com