データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LF07-WBP-6P データシート(PDF) 3 Page - Hirose Electric

部品番号 LF07-WBP-6P
部品情報  Miniature Waterproof Shielded Connectors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HIROSE [Hirose Electric]
ホームページ  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

LF07-WBP-6P データシート(HTML) 3 Page - Hirose Electric

  LF07-WBP-6P Datasheet HTML 1Page - Hirose Electric LF07-WBP-6P Datasheet HTML 2Page - Hirose Electric LF07-WBP-6P Datasheet HTML 3Page - Hirose Electric LF07-WBP-6P Datasheet HTML 4Page - Hirose Electric LF07-WBP-6P Datasheet HTML 5Page - Hirose Electric LF07-WBP-6P Datasheet HTML 6Page - Hirose Electric LF07-WBP-6P Datasheet HTML 7Page - Hirose Electric LF07-WBP-6P Datasheet HTML 8Page - Hirose Electric LF07-WBP-6P Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
LF Series
Miniature Waterproof Shielded Connectors
Note: Recommended hex nut tightening torque: 1.5 to 2 N·m (3,4,6, and 12 pos.), 2 to 2.5 N·m (11, 20 pos.)
■Plugs
B
E
C
D
F(HEX)
■Receptacles
Unit:mm
(Shown one example)
(Shown one example)
Unit:mm
Part number
CL No.
Contact
Number of contacts
ØA
ØB
ØC
C
D
E
Weight RoHS
LF07WBR-3P
LF07WBR-3S
LF07WBR-6P
LF07WBR-6S
LF10WBR-4P
LF10WBR-4S
LF10WBR-12P
LF10WBR-12S
LF13WBR-20P
LF13WBR-20S
LF13WBR-11P
LF13WBR-11S
136-1003-2
136-1004-5
136-1001-7
136-1002-0
136-1005-8
136-1006-0
136-1007-3
136-1008-6
136-1009-9
136-1010-8
136-1011-0
136-1012-3
Male
Female
Male
Female
Male
Female
Male
Female
Male
Female
Male
Female
3
6
4
12
20
11
10.3
12.8
15.9
13
15.3
18.3
19.05
7.75
15.15
15.05
15.25
19.05
17.25
7.65
7.75
1M9∞0.75
M11∞0.75
M14∞0.75
4g
6g
5g
6g
9g
10g
9g
10g
YES
F
11
13
17
Part number
CL No.
Contact
Number of contacts
ØA
B
ØC
Weight RoHS
LF07WBP-3S
LF07WBP-3P
LF07WBP-6S
LF07WBP-6P
LF10WBP-4S
LF10WBP-4P
LF10WBP-12S
LF10WBP-12P
LF13WBP-20S
LF13WBP-20P
LF13WBP-11S
LF13WBP-11P
136-0003-7
136-0004-0
136-0001-1
136-0002-4
136-0005-2
136-0006-5
136-0007-8
136-0008-0
136-0009-3
136-0010-2
136-0011-5
136-0012-8
Female
Male
Female
Male
Female
Male
Female
Male
Female
Male
Female
Male
3
6
4
12
20
11
12.3
14.8
17.9
35.3
41.8
51.9
5
7.3
8.7
11g
17g
29g
YES
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


同様の部品番号 - LF07-WBP-6P

メーカー部品番号データシート部品情報
logo
Hirose Electric
LF07BJ-T01 HIROSE-LF07BJ-T01 Datasheet
636Kb / 12P
   Miniature Waterproof Shielded Connectors
LF07BP-T01 HIROSE-LF07BP-T01 Datasheet
636Kb / 12P
   Miniature Waterproof Shielded Connectors
LF07WBJ-3P HIROSE-LF07WBJ-3P Datasheet
636Kb / 12P
   Miniature Waterproof Shielded Connectors
LF07WBJ-3S HIROSE-LF07WBJ-3S Datasheet
636Kb / 12P
   Miniature Waterproof Shielded Connectors
LF07WBJ-6P HIROSE-LF07WBJ-6P Datasheet
636Kb / 12P
   Miniature Waterproof Shielded Connectors
More results

同様の説明 - LF07-WBP-6P

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
LF07WBP-6S ETC2-LF07WBP-6S Datasheet
474Kb / 16P
   Miniature Waterproof Shielded Connectors
logo
Hirose Electric
LF HIROSE-LF_18 Datasheet
636Kb / 12P
   Miniature Waterproof Shielded Connectors
HR30 HIROSE-HR30 Datasheet
833Kb / 16P
   Miniature Waterproof Plastic Connectors
HR30-6PA-6SC HIROSE-HR30-6PA-6SC Datasheet
866Kb / 10P
   Miniature Waterproof Plastic Connectors
logo
List of Unclassifed Man...
HR30-7P-12SC ETC2-HR30-7P-12SC Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
logo
Hirose Electric
HR30-6PA-6SC HIROSE-HR30-6PA-6SC_1 Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
logo
Japan Aviation Electron...
JN2 JAE-JN2 Datasheet
294Kb / 8P
   JN2 SERIES CONNECTORS - General Purpose Waterproof, Miniature Connectors
logo
Hirose Electric
HR34B HIROSE-HR34B Datasheet
273Kb / 8P
   Push-on Bayonet Lock Miniature Waterproof Connectors
logo
ITT Industries
CCM04-5137 ITT-CCM04-5137 Datasheet
340Kb / 5P
   Miniature Connectors
logo
DDK Ltd.
CE02-2A18-10P-D DDK-CE02-2A18-10P-D Datasheet
191Kb / 3P
   Waterproof Circular Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com