データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPC6011 データシート(PDF) 3 Page - Toshiba Semiconductor

部品番号 TPC6011
部品情報  Notebook PC Applications Portable Equipment Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC6011 データシート(HTML) 3 Page - Toshiba Semiconductor

  TPC6011 Datasheet HTML 1Page - Toshiba Semiconductor TPC6011 Datasheet HTML 2Page - Toshiba Semiconductor TPC6011 Datasheet HTML 3Page - Toshiba Semiconductor TPC6011 Datasheet HTML 4Page - Toshiba Semiconductor TPC6011 Datasheet HTML 5Page - Toshiba Semiconductor TPC6011 Datasheet HTML 6Page - Toshiba Semiconductor TPC6011 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TPC6011
2010-02-15
3
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ± 20 V, VDS = 0 V
±100
nA
Drain cut-off current
IDSS
VDS = 30 V, VGS = 0 V
10
μA
V (BR) DSS
ID = 10 mA, VGS = 0 V
30
Drain-source breakdown voltage
V (BR) DSX
ID = 10 mA, VGS = −20 V
10
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1mA
1.3
2.5
V
RDS (ON)
VGS = 4.5 V, ID = 3 A
24
32
Drain-source ON-resistance
RDS (ON)
VGS =10 V, ID = 3 A
16
20
m
Ω
Forward transfer admittance
|Yfs|
VDS = 10 V, ID = 3 A
5
10
S
Input capacitance
Ciss
640
Reverse transfer capacitance
Crss
125
Output capacitance
Coss
VDS = 10 V, VGS = 0 V, f = 1 MHz
185
pF
Rise time
tr
5.8
Turn-on time
ton
12
Fall time
tf
8
Switching time
Turn-off time
toff
Duty
1%, t
w = 10 μs
24.5
ns
Total gate charge
(gate-source plus gate-drain)
Qg
14
Gate-source charge 1
Qgs 1
2.7
Gate-drain (“miller”) charge
Qgd
VDD ≈ 24 V, VGS = 10 V, ID = 6 A
4.2
nC
Source-Drain Ratings and Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Drain reverse
current
Pulse (Note 1)
IDRP
24
A
Forward voltage (diode)
VDSF
IDR = 6 A, VGS = 0 V
− 1.2
V
VDD ≈ 15 V
0 V
VGS
10
ID = 3 A
VOUT


同様の部品番号 - TPC6011

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TPC6011 TOSHIBA-TPC6011 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
VBsemi Electronics Co.,...
TPC6011 VBSEMI-TPC6011 Datasheet
493Kb / 9P
   N-Channel 30 V (D-S) MOSFET
More results

同様の説明 - TPC6011

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TPCP8006 TOSHIBA-TPCP8006_1 Datasheet
221Kb / 7P
   Notebook PC Applications Portable Equipment Applications
TPC6004 TOSHIBA-TPC6004_07 Datasheet
236Kb / 7P
   Notebook PC Applications Portable Equipment Applications
TPC6104 TOSHIBA-TPC6104_06 Datasheet
239Kb / 7P
   Notebook PC Applications Portable Equipment Applications
TPCF8B01 TOSHIBA-TPCF8B01_09 Datasheet
312Kb / 9P
   Notebook PC Applications Portable Equipment Applications
TPC6102 TOSHIBA-TPC6102_06 Datasheet
198Kb / 7P
   Notebook PC Applications Portable Equipment Applications
TPC6001 TOSHIBA-TPC6001 Datasheet
200Kb / 7P
   Notebook PC Applications Portable Equipment Applications
TPCF8A01 TOSHIBA-TPCF8A01 Datasheet
329Kb / 9P
   Notebook PC Applications Portable Equipment Applications
TPC6101 TOSHIBA-TPC6101 Datasheet
155Kb / 6P
   Notebook PC Applications Portable Equipment Applications
TPC6103 TOSHIBA-TPC6103_06 Datasheet
282Kb / 7P
   Notebook PC Applications Portable Equipment Applications
TPCF8003 TOSHIBA-TPCF8003 Datasheet
238Kb / 7P
   notebook PC Applications Portable Equipment Applications
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com