データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPCP8006 データシート(PDF) 5 Page - Toshiba Semiconductor

部品番号 TPCP8006
部品情報  Notebook PC Applications Portable Equipment Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCP8006 データシート(HTML) 5 Page - Toshiba Semiconductor

  TPCP8006 Datasheet HTML 1Page - Toshiba Semiconductor TPCP8006 Datasheet HTML 2Page - Toshiba Semiconductor TPCP8006 Datasheet HTML 3Page - Toshiba Semiconductor TPCP8006 Datasheet HTML 4Page - Toshiba Semiconductor TPCP8006 Datasheet HTML 5Page - Toshiba Semiconductor TPCP8006 Datasheet HTML 6Page - Toshiba Semiconductor TPCP8006 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TPCP8006
2009-12-08
5
6
12
18
24
0
3
9
12
VDD = 16 V
4 V
8 V
VGS
VDS
6
0
0
10
30
40
20
(1)
(2)
0.5
1.5
0
40
80
120
160
1
2.0
0
0
−80
−40
0
40
80
120
160
0.4
0.8
1.2
2
1.6
0.01
0.1
10
100
100
1000
10000
Ciss
Coss
Crss
1
0.1
0
10
100
−0.2
−0.4
−0.6
−0.8
−1.2
VGS = −1 V
1
0
5
3
1
−1
0
−80
−40
0
40
80
120
160
4
8
12
16
4.5 V
VGS = 2.5 V
ID = 2.3,4.5,9.1 A
ID = 2.3,4.5,9.1 A
20
Common source
VGS = 0 V
f
= 1 MHz
Ta
= 25°C
Ambient temperature Ta (°C)
RDS (ON) – Ta
Drain
−source voltage VDS (V)
IDR – VDS
Drain
−source voltage VDS (V)
C – VDS
Ambient temperature Ta (°C)
Vth – Ta
Ambient temperature Ta (°C)
PD – Ta
Dynamic input/output
characteristics
Common source
Ta
= 25°C
Pulse test
Common source
VDS = 10 V
ID = 1mA
Pulse test
Common source
ID = 9.1 A
Ta
= 25°C
Single Pulse test
Common source
Pulse test
Total gate charge Qg (nC)
(1) Device mounted on a glass-epoxy
board (a)(Note 2a)
(2) Device mounted on a glass-epoxy
board (b) (Note 2b)
t = 5 s


同様の部品番号 - TPCP8006

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TPCP8006 TOSHIBA-TPCP8006 Datasheet
191Kb / 7P
   Field Effect Transistor Silicon N-Channel MOS Type (U-MOS IV)
TPCP8006 TOSHIBA-TPCP8006 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

同様の説明 - TPCP8006

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TPC6011 TOSHIBA-TPC6011 Datasheet
219Kb / 7P
   Notebook PC Applications Portable Equipment Applications
TPC6004 TOSHIBA-TPC6004_07 Datasheet
236Kb / 7P
   Notebook PC Applications Portable Equipment Applications
TPC6104 TOSHIBA-TPC6104_06 Datasheet
239Kb / 7P
   Notebook PC Applications Portable Equipment Applications
TPCF8B01 TOSHIBA-TPCF8B01_09 Datasheet
312Kb / 9P
   Notebook PC Applications Portable Equipment Applications
TPC6102 TOSHIBA-TPC6102_06 Datasheet
198Kb / 7P
   Notebook PC Applications Portable Equipment Applications
TPC6001 TOSHIBA-TPC6001 Datasheet
200Kb / 7P
   Notebook PC Applications Portable Equipment Applications
TPCF8A01 TOSHIBA-TPCF8A01 Datasheet
329Kb / 9P
   Notebook PC Applications Portable Equipment Applications
TPC6101 TOSHIBA-TPC6101 Datasheet
155Kb / 6P
   Notebook PC Applications Portable Equipment Applications
TPC6103 TOSHIBA-TPC6103_06 Datasheet
282Kb / 7P
   Notebook PC Applications Portable Equipment Applications
TPCF8003 TOSHIBA-TPCF8003 Datasheet
238Kb / 7P
   notebook PC Applications Portable Equipment Applications
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com