データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

Si8233BB-C-IS1 データシート(PDF) 6 Page - Silicon Laboratories

部品番号 Si8233BB-C-IS1
部品情報  0.5 AND 4.0 AMP ISODRIVERS (2.5 AND 5 KVRMS)
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si8233BB-C-IS1 データシート(HTML) 6 Page - Silicon Laboratories

Back Button Si8233BB-C-IS1 Datasheet HTML 2Page - Silicon Laboratories Si8233BB-C-IS1 Datasheet HTML 3Page - Silicon Laboratories Si8233BB-C-IS1 Datasheet HTML 4Page - Silicon Laboratories Si8233BB-C-IS1 Datasheet HTML 5Page - Silicon Laboratories Si8233BB-C-IS1 Datasheet HTML 6Page - Silicon Laboratories Si8233BB-C-IS1 Datasheet HTML 7Page - Silicon Laboratories Si8233BB-C-IS1 Datasheet HTML 8Page - Silicon Laboratories Si8233BB-C-IS1 Datasheet HTML 9Page - Silicon Laboratories Si8233BB-C-IS1 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
Si823x
6
Rev. 0.3
2. Electrical Specifications
Table 1. Electrical Characteristics1
4.5 V < VDDI < 5.5 V, VDDA = VDDB = 12 V or 15 V. TA = –40 to +125 °C. Typical specs at 25 °C
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
DC Specifications
Input-side Power Supply
Voltage
VDDI
4.5
5.5
V
Driver Supply Voltage
VDDA, VDDB
Voltage between VDDA and
GNDA, and VDDB and GNDB
(See “9. Ordering Guide” )
6.5
24
V
Input Supply Quiescent
Current
IDDI(Q)
Si8230/32/33/35/36
2
3
mA
Si8231/34
2
3
mA
Output Supply Quiescent
Current
IDDA(Q),
IDDB(Q)
Current per channel
3.0
mA
Input Supply Active Current
IDDI
PWM freq = 500 kHz
2.5
mA
Output Supply Active Current
IDDO
PWM freq = 500 kHz
3.6
mA
Input Pin Leakage Current
IVIA, IVIB,
IPWM
–10
+10
µA dc
Input Pin Leakage Current
IDISABLE
–10
+10
µA dc
Logic High Input Threshold
VIH
2.0
V
Logic Low Input Threshold
VIL
0.8
V
Input Hysteresis
VIHYST
400
450
mV
Logic High Output Voltage
VOAH,
VOBH
IOA, IOB = –1 mA
(VDDA
/VDDB)
— 0.04
——
V
Logic Low Output Voltage
VOAL, VOBL
IOA, IOB = 1 mA
0.04
V
Output Short-circuit Pulsed
Sink Current
IOA(SCL),
IOB(SCL)
Si8230/1/2, Figure 4
0.5
A
Si8233/4/5/6, Figure 4
4.0
Output Short-circuit Pulsed
Source Current
IOA(SCH),
IOB(SCH)
Si8230/1/2, Figure 5
0.25
Si8233/4/5/6, Figure 5
2.0
Output Sink Resistance
RON(SINK)
Si8230/1/2
5.0
Si8233/4/5/6
1.0
Output Source Resistance
RON(SOURCE)
Si8230/1/2
15
Si8233/4/5/6
2.7
Notes:
1. VDDA = VDDB = 12 V for 5, 8, and 10 V UVLO devices; VDDA = VDDB = 15 V for 12.5 V UVLO devices.
2. TDD is the minimum overlap time without triggering overlap protection (Si8230/1/3/4 only).
3. The largest RDT resistor that can be used is 220 k
.


同様の部品番号 - Si8233BB-C-IS1

メーカー部品番号データシート部品情報
logo
Skyworks Solutions Inc.
SI8233BB-AM SKYWORKS-SI8233BB-AM Datasheet
1Mb / 58P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
Revision 1.2
SI8233BB-AM1 SKYWORKS-SI8233BB-AM1 Datasheet
1Mb / 58P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
Revision 1.2
logo
Silicon Laboratories
Si8233BB-AS SILABS-Si8233BB-AS Datasheet
1,005Kb / 59P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
logo
Skyworks Solutions Inc.
SI8233BB-AS SKYWORKS-SI8233BB-AS Datasheet
1Mb / 58P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
Revision 1.2
logo
Silicon Laboratories
Si8233BB-AS1 SILABS-Si8233BB-AS1 Datasheet
1,005Kb / 59P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
More results

同様の説明 - Si8233BB-C-IS1

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SI823X SILABS-SI823X_18 Datasheet
1,005Kb / 59P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
logo
List of Unclassifed Man...
SI8234AB-C-IS1 ETC2-SI8234AB-C-IS1 Datasheet
637Kb / 57P
   0.5 AND 4.0 AMP ISODRIVERS (2.5 AND 5 KVRMS)
logo
Skyworks Solutions Inc.
SI823X SKYWORKS-SI823X Datasheet
1Mb / 58P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
Revision 1.2
logo
Silicon Laboratories
SI8233 SILABS-SI8233 Datasheet
907Kb / 57P
   0.5 AND 4.0 AMP ISODRIVERS
SI8220 SILABS-SI8220 Datasheet
205Kb / 28P
   0.5 AND 2.5 AMP ISODRIVERS WITH OPTO INPUT (2.5, 3.75, AND 5.0 KVRMS)
logo
Skyworks Solutions Inc.
SI8220 SKYWORKS-SI8220 Datasheet
1Mb / 31P
   0.5 AND 2.5 AMP ISODRIVERS WITH OPTO INPUT (2.5, 3.75, AND 5.0 KVRMS)
Revision 0.22 to Revision 1.0
SI8239X SKYWORKS-SI8239X Datasheet
1Mb / 43P
   4.0 A ISODrivers with 2.5 V VDDI and Safety Features
Rev. 1.02
logo
Silicon Laboratories
SI82390AD-IS SILABS-SI82390AD-IS Datasheet
7Mb / 38P
   4.0 A ISODrivers with 2.5 V VDDI and Safety Features
SI8281 SILABS-SI8281 Datasheet
954Kb / 43P
   4.0 Amp ISODrivers with Integrated DC-DC Converters
SI823X SILABS-SI823X_V01 Datasheet
994Kb / 59P
   Amp ISOdrivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com