データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

Si5365 データシート(PDF) 5 Page - Silicon Laboratories

部品番号 Si5365
部品情報  Pin-Controlled 1_710 MHz Jitter Cleaning Clock
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si5365 データシート(HTML) 5 Page - Silicon Laboratories

  Si5365 Datasheet HTML 1Page - Silicon Laboratories Si5365 Datasheet HTML 2Page - Silicon Laboratories Si5365 Datasheet HTML 3Page - Silicon Laboratories Si5365 Datasheet HTML 4Page - Silicon Laboratories Si5365 Datasheet HTML 5Page - Silicon Laboratories Si5365 Datasheet HTML 6Page - Silicon Laboratories Si5365 Datasheet HTML 7Page - Silicon Laboratories Si5365 Datasheet HTML 8Page - Silicon Laboratories Si5365 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
Si5317
Preliminary Rev. 0.15
5
Differential Input
Voltage Swing
VID
fCKIN < 212.5 MHz
See Figure 2.
0.2
VPP
fCKIN > 212.5 MHz
See Figure 2.
0.25
VPP
CKOUT Output Clock1
Common Mode
VOCM
LVPECL 100
 load
line-to-line
VDD
1.42
—VDD
1.25
V
Differential Output Swing
VOD
LVPECL 100
 load
line-to-line
1.1
1.9
VPP
Single-ended Output Swing
VSE
LVPECL 100
 load
line-to-line
0.5
0.93
VPP
Differential Output Voltage
CKOVD
CML 100
 load
line-to-line
350
425
500
mVPP
Common Mode
Output Voltage
CKOVCM
CML 100
 load
line-to-line
—VDD
0.36
—V
Differential
Output Voltage
CKOVD
LVDS 100
 load
line-to-line
500
700
900
mVPP
Low swing LVDS 100
 load
line-to-line
350
425
500
mVPP
Common Mode
Output Voltage
CKOVCM
LVDS 100
 load
line-to-line
1.125
1.2
1.275
V
Output Short to GND
CKOISC
VDD =3.63V
CML, LVDS, LVPECL
—80
90
mA
VDD =1.89V
CML, LVDS
—45
50
mA
VDD = 3.63 V
CMOS
165
175
mA
VDD =1.89V
CMOS
—65
70
mA
Disable
0.1
0.2
µA
Table 2. DC Characteristics (Continued)
(VDD = 1.8 ±5%, 2.5 ±10%, or 3.3 V ±10%, TA = –40 to 85 ºC)
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Notes:
1. LVPECL outputs require VDD > 2.25 V.
2. This is the amount of leakage that the 3L inputs can tolerate from an external driver. See Figure 3 on page 9. In most
designs, an external resistor voltage divider is recommended.
3. No overshoot or undershoot.


同様の部品番号 - Si5365

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SI5365 SILABS-SI5365 Datasheet
238Kb / 18P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
logo
Skyworks Solutions Inc.
SI5365 SKYWORKS-SI5365 Datasheet
592Kb / 27P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Rev. 1.0
SI5365 SKYWORKS-SI5365 Datasheet
1Mb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
Rev. 1.1
logo
Silicon Laboratories
SI5365-B-GQ SILABS-SI5365-B-GQ Datasheet
238Kb / 18P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
logo
Skyworks Solutions Inc.
SI5365-C-GQ SKYWORKS-SI5365-C-GQ Datasheet
592Kb / 27P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Rev. 1.0
More results

同様の説明 - Si5365

メーカー部品番号データシート部品情報
logo
Skyworks Solutions Inc.
SI5317 SKYWORKS-SI5317 Datasheet
1Mb / 46P
   PIN-CONTROLLED 1–711 MHZ JITTER CLEANING CLOCK
Rev. 1.1
logo
Analog Devices
AD9540 AD-AD9540_15 Datasheet
846Kb / 32P
   655 MHz Low Jitter Clock Generator
REV. A
AD9540 AD-AD9540 Datasheet
485Kb / 32P
   655 MHz Low Jitter Clock Generator
REV. 0
AD9540 AD-AD9540_18 Datasheet
588Kb / 32P
   655 MHz Low Jitter Clock Generator
logo
Skyworks Solutions Inc.
SI5323 SKYWORKS-SI5323 Datasheet
2Mb / 40P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.1
logo
Silicon Laboratories
SI5323 SILABS-SI5323 Datasheet
647Kb / 16P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Texas Instruments
LMK1D1204P TI-LMK1D1204P Datasheet
1Mb / 33P
[Old version datasheet]   LMK1D1204P Pin-Controlled OE Low Additive Jitter LVDS Buffer
SNAS830 ??SEPTEMBER 2021
LMK1D1208P TI-LMK1D1208P Datasheet
2Mb / 31P
[Old version datasheet]   LMK1D1208P Pin-Controlled OE Low Additive Jitter LVDS Buffer
OCTOBER 2021
logo
PHOENIX CONTACT
5146697 PHOENIX-5146697 Datasheet
47Kb / 2P
   Cleaning pen - CLEANING STICK
09/12/2020
logo
Skyworks Solutions Inc.
SI5316 SKYWORKS-SI5316 Datasheet
1Mb / 26P
   PRECISION CLOCK JITTER ATTENUATOR
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com