データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

Si8235BD-C-IS データシート(PDF) 10 Page - Silicon Laboratories

部品番号 Si8235BD-C-IS
部品情報  0.5 AND 4.0 AMP ISODRIVERS (2.5 AND 5 KVRMS)
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si8235BD-C-IS データシート(HTML) 10 Page - Silicon Laboratories

Back Button Si8235BD-C-IS Datasheet HTML 6Page - Silicon Laboratories Si8235BD-C-IS Datasheet HTML 7Page - Silicon Laboratories Si8235BD-C-IS Datasheet HTML 8Page - Silicon Laboratories Si8235BD-C-IS Datasheet HTML 9Page - Silicon Laboratories Si8235BD-C-IS Datasheet HTML 10Page - Silicon Laboratories Si8235BD-C-IS Datasheet HTML 11Page - Silicon Laboratories Si8235BD-C-IS Datasheet HTML 12Page - Silicon Laboratories Si8235BD-C-IS Datasheet HTML 13Page - Silicon Laboratories Si8235BD-C-IS Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
Si823x
10
Rev. 0.3
Table 2. Absolute Maximum Ratings1
Parameter
Symbol
Min
Typ
Max
Units
Storage Temperature2
TSTG
–65
+150
°C
Ambient Temperature under Bias
TA
–40
+125
°C
Input-side Supply Voltage
VDDI
–0.6
6.0
V
Driver-side Supply Voltage
VDDA, VDDB
–0.6
30
V
Voltage on any pin with respect to ground
VIN
–0.5
VDD + 0.5
V
Output Drive Current per channel
IO
——
10
mA
Lead Solder Temperature (10 sec.)
260
°C
Maximum Isolation (Input to Output) (1 sec)
WB SOIC-16
6500
VRMS
Maximum Isolation (Output to Output) (1 sec)
WB SOIC-16
2500
VRMS
Maximum Isolation (Input to Output) (1 sec)
NB SOIC-16
4250
VRMS
Maximum Isolation (Output to Output) (1 sec)
NB SOIC-16
2500
VRMS
Maximum Isolation (Input to Output) (1 sec)
14 LD LGA without thermal pad
3850
VRMS
Maximum Isolation (Output to Output) (1 sec)
14 LD LGA without thermal pad
——
650
VRMS
Maximum Isolation (Input to Output) (1 sec)
14 LD LGA with thermal pad
1850
VRMS
Maximum Isolation (Output to Output) (1 sec)
14 LD LGA with thermal pad
——
0
VRMS
Notes:
1. Permanent device damage may occur if the absolute maximum ratings are exceeded. Functional operation should be
restricted to the conditions as specified in the operational sections of this data sheet. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
2. VDE certifies storage temperature from –40 to 150 °C.
Table 3. Regulatory Information*
CSA
The Si823x is certified under CSA Component Acceptance Notice 5A. For more details, see File 232873.
VDE
The Si823x is certified according to IEC 60747-5-2. For more details, see File 5006301-4880-0001.
UL
The Si823x is certified under UL1577 component recognition program. For more details, see File E257455.
*Note: Regulatory Certifications apply to 1.5 kVRMS rated devices which are production tested to 1.8 kVRMS for 1 sec.
Regulatory Certifications apply to 2.5 kVRMS rated devices which are production tested to 3.0 kVRMS for 1 sec.
Regulatory Certifications apply to 3.75 kVRMS rated devices which are production tested to 4.5 kVRMS for 1 sec.
Regulatory Certifications apply to 5.0 kVRMS rated devices which are production tested to 6.0 kVRMS for 1 sec.
For more information, see "9.Ordering Guide" on page 37.


同様の部品番号 - Si8235BD-C-IS

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
Si8235BD-AS SILABS-Si8235BD-AS Datasheet
1,005Kb / 59P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
logo
Skyworks Solutions Inc.
SI8235BD-AS SKYWORKS-SI8235BD-AS Datasheet
1Mb / 58P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
Revision 1.2
SI8235BD-AS3 SKYWORKS-SI8235BD-AS3 Datasheet
1Mb / 58P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
Revision 1.2
logo
Silicon Laboratories
Si8235BD-D-IS SILABS-Si8235BD-D-IS Datasheet
1,005Kb / 59P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
logo
Skyworks Solutions Inc.
SI8235BD-D-IS SKYWORKS-SI8235BD-D-IS Datasheet
1Mb / 58P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
Revision 1.2
More results

同様の説明 - Si8235BD-C-IS

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SI823X SILABS-SI823X_18 Datasheet
1,005Kb / 59P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
logo
List of Unclassifed Man...
SI8234AB-C-IS1 ETC2-SI8234AB-C-IS1 Datasheet
637Kb / 57P
   0.5 AND 4.0 AMP ISODRIVERS (2.5 AND 5 KVRMS)
logo
Skyworks Solutions Inc.
SI823X SKYWORKS-SI823X Datasheet
1Mb / 58P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
Revision 1.2
logo
Silicon Laboratories
SI8233 SILABS-SI8233 Datasheet
907Kb / 57P
   0.5 AND 4.0 AMP ISODRIVERS
SI8220 SILABS-SI8220 Datasheet
205Kb / 28P
   0.5 AND 2.5 AMP ISODRIVERS WITH OPTO INPUT (2.5, 3.75, AND 5.0 KVRMS)
logo
Skyworks Solutions Inc.
SI8220 SKYWORKS-SI8220 Datasheet
1Mb / 31P
   0.5 AND 2.5 AMP ISODRIVERS WITH OPTO INPUT (2.5, 3.75, AND 5.0 KVRMS)
Revision 0.22 to Revision 1.0
SI8239X SKYWORKS-SI8239X Datasheet
1Mb / 43P
   4.0 A ISODrivers with 2.5 V VDDI and Safety Features
Rev. 1.02
logo
Silicon Laboratories
SI82390AD-IS SILABS-SI82390AD-IS Datasheet
7Mb / 38P
   4.0 A ISODrivers with 2.5 V VDDI and Safety Features
SI8281 SILABS-SI8281 Datasheet
954Kb / 43P
   4.0 Amp ISODrivers with Integrated DC-DC Converters
SI823X SILABS-SI823X_V01 Datasheet
994Kb / 59P
   Amp ISOdrivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com