データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PZT4403 データシート(PDF) 6 Page - NXP Semiconductors

部品番号 PZT4403
部品情報  40 V, 600 mA PNP switching transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PZT4403 データシート(HTML) 6 Page - NXP Semiconductors

  PZT4403 Datasheet HTML 1Page - NXP Semiconductors PZT4403 Datasheet HTML 2Page - NXP Semiconductors PZT4403 Datasheet HTML 3Page - NXP Semiconductors PZT4403 Datasheet HTML 4Page - NXP Semiconductors PZT4403 Datasheet HTML 5Page - NXP Semiconductors PZT4403 Datasheet HTML 6Page - NXP Semiconductors PZT4403 Datasheet HTML 7Page - NXP Semiconductors PZT4403 Datasheet HTML 8Page - NXP Semiconductors PZT4403 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
PZT4403_3
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 03 — 2 March 2010
6 of 9
NXP Semiconductors
PZT4403
40 V, 600 mA PNP switching transistor
11. Revision history
Table 9.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
PZT4403_3
20100302
Product data sheet
-
PZT4403_N_2
Modifications:
The format of this data sheet has been redesigned to comply with the new identity
guidelines of NXP Semiconductors.
Legal texts have been adapted to the new company name where appropriate.
• Section 1.1 “General description”: amended
• Section 1.4 “Quick reference data”: added
• Section 3 “Ordering information”: added
• Section 4 “Marking”: added
• Section 7 “Characteristics”: amended
• Section 8 “Test information”: added
• Figure 3: superseded by minimized package outline drawing
• Section 10 “Packing information”: added
• Section 12 “Legal information”: updated
PZT4403_N_2
20080117
Product data sheet
-
PZT4403_1
PZT4403_1
19990510
Product specification
-
-


同様の部品番号 - PZT4403

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
PZT4403 PHILIPS-PZT4403 Datasheet
62Kb / 8P
   PNP switching transistor
1999 May 10
PZT4403 NXP-PZT4403 Datasheet
228Kb / 7P
   PNP switching transistor
Rev. 02-17 January 2008
logo
SeCoS Halbleitertechnol...
PZT4403 SECOS-PZT4403 Datasheet
930Kb / 2P
   Epitaxial Planar Transistor
logo
SHENZHEN YONGERJIA INDU...
PZT4403 WINNERJOIN-PZT4403 Datasheet
161Kb / 1P
   TRANSISTOR (PNP)
logo
Jiangsu Changjiang Elec...
PZT4403 JIANGSU-PZT4403 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
More results

同様の説明 - PZT4403

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
PMBT4403 NEXPERIA-PMBT4403 Datasheet
736Kb / 14P
   40 V, 600 mA, PNP switching transistor
5 March 2015
PMST4403 NEXPERIA-PMST4403 Datasheet
815Kb / 13P
   40 V, 600 mA PNP switching transistor
1 August 2016
PZT4403 NEXPERIA-PZT4403 Datasheet
638Kb / 9P
   40 V, 600 mA PNP switching transistor
Rev. 03 - 2 March 2010
PMBT2227AYS-Q NEXPERIA-PMBT2227AYS-Q Datasheet
289Kb / 15P
   40 V, 600 mA, NPN/PNP double switching transistor
10 March 2022
PMBT2222AQA NEXPERIA-PMBT2222AQA Datasheet
242Kb / 14P
   40 V, 600 mA NPN switching transistor
21 September 2018
PMBT2222AM NEXPERIA-PMBT2222AM Datasheet
219Kb / 12P
   40 V, 600 mA NPN switching transistor
21 September 2018
PMBT2222AMB NEXPERIA-PMBT2222AMB Datasheet
221Kb / 12P
   40 V, 600 mA NPN switching transistor
21 September 2018
PMBT2907AMB NEXPERIA-PMBT2907AMB Datasheet
224Kb / 13P
   60 V, 600 mA PNP switching transistor
21 September 2018
PXT2907A NEXPERIA-PXT2907A Datasheet
720Kb / 15P
   60 V, 600 mA, PNP switching transistor
3 August 2015
PMST2907A NEXPERIA-PMST2907A Datasheet
663Kb / 13P
   60 V, 600 mA PNP switching transistor
12 August 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com