データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SJ380 データシート(PDF) 5 Page - Toshiba Semiconductor

部品番号 2SJ380
部品情報  Relay Drive, DC-DC Converter and Motor Drive Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SJ380 データシート(HTML) 5 Page - Toshiba Semiconductor

  2SJ380_09 Datasheet HTML 1Page - Toshiba Semiconductor 2SJ380_09 Datasheet HTML 2Page - Toshiba Semiconductor 2SJ380_09 Datasheet HTML 3Page - Toshiba Semiconductor 2SJ380_09 Datasheet HTML 4Page - Toshiba Semiconductor 2SJ380_09 Datasheet HTML 5Page - Toshiba Semiconductor 2SJ380_09 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2SJ380
2009-09-29
5
rth – tw
Pulse width tw (s)
Drain-source voltage VDS (V)
Safe Operating Area
Channel temperature (initial) Tch (°C)
EAS – Tch
0
25
200
500
150
75
100
300
400
50
100
125
Test circuit
Wave form
IAR
BVDSS
VDD
VDS
RG = 25 Ω
VDD = −25 V, L = 2.94 mH
⎟⎟
⎜⎜
=
V
B
B
·
·L·I
2
1
Ε
DD
VDSS
VDSS
2
AS
−15 V
15 V
0.003
100 m
10 m
0.01
1
1
10
0.005
0.3
3
0.03
0.5
0.05
0.1
10
μ
100
μ
1 m
Duty
= 0.5
0.02
0.2
0.1
0.05
Single pulse
0.01
T
PDM
t
Duty
= t/T
Rth (ch-c) = 3.57°C/W
−0.1
−1
−3
−10
−30
*: Single nonrepetitive
pulse Tc
= 25°C
Curves must be derated
linearly with increase in
temperature.
ID max (continuous)
IC max (pulsed)*
VDSS max
1 ms*
10 ms*
100
μs*
DC operation
Tc
= 25°C
−100
−300
−0.3
−0.5
−1
−3
−5
−10
−30
−50
−100


同様の部品番号 - 2SJ380_09

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
2SJ380 TOSHIBA-2SJ380_07 Datasheet
192Kb / 6P
   Relay Drive, DC-DC Converter and Motor Drive Applications
More results

同様の説明 - 2SJ380_09

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
2SK3498 TOSHIBA-2SK3498 Datasheet
115Kb / 3P
   DC-DC Converter, Relay Drive and Motor Drive Applications
2SK3439 TOSHIBA-2SK3439 Datasheet
319Kb / 6P
   DC-DC Converter Relay Drive and Motor Drive Applications
2SK4014 TOSHIBA-2SK4014_09 Datasheet
233Kb / 6P
   DC/DC Converter, Relay Drive and Motor Drive Applications
2SJ380F TOSHIBA-2SJ380F Datasheet
228Kb / 6P
   Relay Drive, DC-DC Converter and Motor Drive Applications
2SJ439 TOSHIBA-2SJ439_10 Datasheet
383Kb / 6P
   DC/DC Converter, Relay Drive and Motor Drive Applications
2SK3437 TOSHIBA-2SK3437_10 Datasheet
215Kb / 6P
   DC-DC Converter, Relay Drive and Motor Drive Applications
2SK2963 TOSHIBA-2SK2963_08 Datasheet
245Kb / 6P
   DC-DC Converter, Relay Drive and Motor Drive Applications
2SJ377 TOSHIBA-2SJ377_05 Datasheet
410Kb / 6P
   Relay Drive, DC/DC Converter and Motor Drive Applications
2SJ377 TOSHIBA-2SJ377_10 Datasheet
411Kb / 6P
   Relay Drive, DC/DC Converter and Motor Drive Applications
2SJ439 TOSHIBA-2SJ439_07 Datasheet
729Kb / 6P
   DC/DC Converter, Relay Drive and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com