データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM320DM642AGDKS7EP データシート(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
部品番号 SM320DM642AGDKS7EP
部品情報  Video/Imaging Fixed Point Digital Signal Processor
Download  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SM320DM642AGDKS7EP データシート(HTML) 2 Page - Texas Instruments

  SM320DM642AGDKS7EP Datasheet HTML 1Page - Texas Instruments SM320DM642AGDKS7EP Datasheet HTML 2Page - Texas Instruments SM320DM642AGDKS7EP Datasheet HTML 3Page - Texas Instruments SM320DM642AGDKS7EP Datasheet HTML 4Page - Texas Instruments SM320DM642AGDKS7EP Datasheet HTML 5Page - Texas Instruments SM320DM642AGDKS7EP Datasheet HTML 6Page - Texas Instruments SM320DM642AGDKS7EP Datasheet HTML 7Page - Texas Instruments SM320DM642AGDKS7EP Datasheet HTML 8Page - Texas Instruments SM320DM642AGDKS7EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 170 page
background image
1.2 Description
SM320DM642-EP
Video/Imaging Fixed Point Digital Signal Processor
SGUS058C – JUNE 2007 – REVISED JUNE 2009
www.ti.com
• Two Multichannel Buffered Serial Ports
• 548 Pin Ball Grid Array (BGA) Package
(McBSPs)
(GDK Suffix), 0.8 mm Ball Pitch
• Three 32 Bit General Purpose Timers
• 548-Pin Ball Grid Array (BGA) Package
(GNZ and ZNZ Suffixes), 1.0 mm Ball Pitch
• Sixteen General Purpose I/O (GPIO) Pins
• 0.13 µm/6 Level Cu Metal Process (CMOS)
• Flexible PLL Clock Generator
• 3.3 V I/O, 1.2 V Internal (-500)
• IEEE-1149.1 (JTAG) Boundary-
Scan-Compatible
• 3.3 V I/O, 1.4 V Internal (A-500, A-600, -600,
-720)
The C64x™ DSPs (including the SM320DM642-EP device) are the highest-performance fixed-point DSP
generation in the C6000™ DSP platform. The DM642 device is based on the second-generation
high-performance, advanced VelociTI™ very-long-instruction-word (VLIW) architecture (VelociTI.2™)
developed by Texas Instruments (TI), making these DSPs an excellent choice for digital media
applications. The C64x is a code-compatible member of the C6000 DSP platform.
With performance of up to 5760 million instructions per second (MIPS) at a clock rate of 720 MHz, the
DM642 device offers cost-effective solutions to high-performance DSP programming challenges. The
DM642 DSP possesses the operational flexibility of high-speed controllers and the numerical capability of
array processors. The C64x™ DSP core processor has 64 general-purpose registers of 32-bit word length
and eight highly independent functional units—two multipliers for a 32-bit result and six arithmetic logic
units (ALUs)—with VelociTI.2™ extensions. The VelociTI.2 extensions in the eight functional units include
new instructions to accelerate the performance in video and imaging applications and extend the
parallelism of the VelociTI™ architecture. The DM642 can produce four 16-bit multiply-accumulates
(MACs) per cycle for a total of 2880 million MACs per second (MMACS), or eight 8-bit MACs per cycle for
a total of 5760 MMACS. The DM642 DSP also has application-specific hardware logic, on-chip memory,
and additional on-chip peripherals similar to the other C6000 DSP platform devices.
The DM642 uses a two-level cache-based architecture and has a powerful and diverse set of peripherals.
The Level 1 program cache (L1P) is a 128-Kbit direct mapped cache and the Level 1 data cache (L1D) is
a 128-Kbit 2-way set-associative cache. The Level 2 memory/cache (L2) consists of an 2-Mbit memory
space that is shared between program and data space. L2 memory can be configured as mapped
memory, cache, or combinations of the two. The peripheral set includes: three configurable video ports; a
10/100 Mbps Ethernet MAC (EMAC); a management data input/output (MDIO) module; a VCXO
interpolated control port (VIC); one multichannel buffered audio serial port (McASP0); an inter-integrated
circuit (I2C) Bus module; two multichannel buffered serial ports (McBSPs); three 32-bit general-purpose
timers; a user-configurable 16-bit or 32-bit host-port interface (HPI16/HPI32); a peripheral component
interconnect (PCI); a 16-pin general-purpose input/output port (GP0) with programmable interrupt/event
generation modes; and a 64-bit glueless external memory interface (EMIFA), which is capable of
interfacing to synchronous and asynchronous memories and peripherals.
The DM642 device has three configurable video port peripherals (VP0, VP1, and VP2). These video port
peripherals provide a glueless interface to common video decoder and encoder devices. The DM642
video port peripherals support multiple resolutions and video standards (e.g., CCIR601, ITU-BT.656,
BT.1120, SMPTE 125M, 260M, 274M, and 296M).
These three video port peripherals are configurable and can support either video capture and/or video
display modes. Each video port consists of two channels — A and B with a 5120-byte capture/display
buffer that is splittable between the two channels.
For more details on the Video Port peripherals, see the TMS320C64x™ DSP Video Port/VCXO
Interpolated Control (VIC) Port Reference Guide (literature number SPRU629).
SM320DM642-EP Video/Imaging Fixed-Point Digital Signal Processor
2
Submit Documentation Feedback


同様の部品番号 - SM320DM642AGDKS7EP

メーカー部品番号データシート部品情報
logo
Texas Instruments
SM320DM642AGDKS7EP TI-SM320DM642AGDKS7EP Datasheet
1Mb / 170P
[Old version datasheet]   Video/Imaging Fixed Point Digital Signal Processor
More results

同様の説明 - SM320DM642AGDKS7EP

メーカー部品番号データシート部品情報
logo
Texas Instruments
SM320DM642-EP TI-SM320DM642-EP Datasheet
1Mb / 170P
[Old version datasheet]   Video/Imaging Fixed Point Digital Signal Processor
TMS320DM642 TI-TMS320DM642 Datasheet
1Mb / 178P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processor
TMS320DM642 TI-TMS320DM642_08 Datasheet
1Mb / 176P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processor
TMS320DM643 TI-TMS320DM643_07 Datasheet
1Mb / 162P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processor
TMS320DM643AZDK5 TI1-TMS320DM643AZDK5 Datasheet
1Mb / 164P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processor
TMS320DM642 TI1-TMS320DM642_17 Datasheet
1Mb / 178P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processor
SM320DM642-HIREL TI1-SM320DM642-HIREL Datasheet
1Mb / 170P
[Old version datasheet]   SM320DM642-HiRel Video/Imaging Fixed Point Digital Signal Processor
TMS320DM640AZNZ4 TI1-TMS320DM640AZNZ4 Datasheet
1Mb / 179P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processors
TMS320DM641 TI-TMS320DM641_05 Datasheet
2Mb / 179P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processors
TMS320DM641 TI-TMS320DM641_08 Datasheet
2Mb / 179P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com