データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SK2698 データシート(PDF) 2 Page - Toshiba Semiconductor

部品番号 2SK2698
部品情報  DC−DC Converter, Relay Drive and Motor Drive Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK2698 データシート(HTML) 2 Page - Toshiba Semiconductor

  2SK2698_09 Datasheet HTML 1Page - Toshiba Semiconductor 2SK2698_09 Datasheet HTML 2Page - Toshiba Semiconductor 2SK2698_09 Datasheet HTML 3Page - Toshiba Semiconductor 2SK2698_09 Datasheet HTML 4Page - Toshiba Semiconductor 2SK2698_09 Datasheet HTML 5Page - Toshiba Semiconductor 2SK2698_09 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SK2698
2009-09-29
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±25 V, VDS = 0 V
±10
μA
Gate−source breakdown voltage
V (BR) GSS
IG = ±10 μA, VDS = 0 V
±30
V
Drain cut−off current
IDSS
VDS = 500 V, VGS = 0 V
100
μA
Drain−source breakdown voltage
V (BR) DSS
ID = 10 mA, VGS = 0 V
500
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
2.0
4.0
V
Drain−source ON resistance
RDS (ON)
VGS = 10 V, ID = 7.0 A
0.35
0.4
Forward transfer admittance
|Yfs|
VDS = 10 V, ID = 7.0 A
6
11
S
Input capacitance
Ciss
2600
Reverse transfer capacitance
Crss
280
Output capacitance
Coss
VDS = 10 V, VGS = 0 V, f = 1 MHz
880
pF
Rise time
tr
50
Turn−on time
ton
85
Fall time
tf
65
Switching time
Turn−off time
toff
260
ns
Total gate charge (gate−source
plus gate−drain)
Qg
58
Gate−source charge
Qgs
36
Gate−drain (“miller”) Charge
Qgd
VDD ≈ 400 V, VGS = 10 V, ID = 15 A
22
nC
Source−Drain Ratings and Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Continuous drain reverse current
(Note 1)
IDR
15
A
Pulse drain reverse current
(Note 1)
IDRP
60
A
Forward voltage (diode)
VDSF
IDR = 15 A, VGS = 0 V
−1.7
V
Reverse recovery time
trr
400
ns
Reverse recovery charge
Qrr
IDR = 15 A, VGS = 0 V
dIDR / dt = 100 A / μs
4.3
μC
Marking
K2698
TOSHIBA
Lot No.
Note 4
Part No. (or abbreviation code)
Note 4: A line under a Lot No. identifies the indication of product
Labels.
Not underlined: [[Pb]]/INCLUDES > MCV
Underlined: [[G]]/RoHS COMPATIBLE or [[G]]/RoHS [[Pb]]
Please contact your TOSHIBA sales representative for details as to
environmental matters such as the RoHS compatibility of Product.
The RoHS is the Directive 2002/95/EC of the European Parliament
and of the Council of 27 January 2003 on the restriction of the use of
certain hazardous substances in electrical and electronic equipment.


同様の部品番号 - 2SK2698_09

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
2SK2698 TOSHIBA-2SK2698_06 Datasheet
709Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
More results

同様の説明 - 2SK2698_09

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
2SJ304 TOSHIBA-2SJ304_07 Datasheet
695Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2606 TOSHIBA-2SK2606_09 Datasheet
154Kb / 3P
   DC−DC Converter, Relay Drive and Motor Drive Applications
2SJ312 TOSHIBA-2SJ312_09 Datasheet
392Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2916 TOSHIBA-2SK2916_09 Datasheet
420Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive Applications
2SJ349 TOSHIBA-2SJ349_09 Datasheet
408Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive Applications
2SJ304 TOSHIBA-2SJ304_09 Datasheet
393Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive Applications
2SJ378 TOSHIBA-2SJ378_09 Datasheet
402Kb / 6P
   Relay Drive, DC−DC Converter and Motor Drive Applications
2SK1382 TOSHIBA-2SK1382_09 Datasheet
396Kb / 6P
   Relay Drive, Motor Drive and DC−DC Converter Applications
2SJ312 TOSHIBA-2SJ312_07 Datasheet
745Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2968 TOSHIBA-2SK2968_09 Datasheet
419Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2968 TOSHIBA-2SK2968_02 Datasheet
255Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com