データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SK2700 データシート(PDF) 1 Page - Toshiba Semiconductor

部品番号 2SK2700
部品情報  Chopper Regulator, DC-DC Converter and Motor Drive Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK2700 データシート(HTML) 1 Page - Toshiba Semiconductor

  2SK2700_09 Datasheet HTML 1Page - Toshiba Semiconductor 2SK2700_09 Datasheet HTML 2Page - Toshiba Semiconductor 2SK2700_09 Datasheet HTML 3Page - Toshiba Semiconductor 2SK2700_09 Datasheet HTML 4Page - Toshiba Semiconductor 2SK2700_09 Datasheet HTML 5Page - Toshiba Semiconductor 2SK2700_09 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2SK2700
2009-09-29
1
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (π–MOSIII)
2SK2700
Chopper Regulator, DC–DC Converter and Motor Drive
Applications
Low drain–source ON resistance
: RDS (ON) = 3.7 Ω (typ.)
High forward transfer admittance
: |Yfs| = 2.6 S (typ.)
Low leakage current
: IDSS = 100 μA (max) (VDS = 720 V)
Enhancement mode
: Vth = 2.0 to 4.0 V (VDS = 10 V, ID = 1 mA)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain–source voltage
VDSS
900
V
Drain–gate voltage (RGS = 20 kΩ)
VDGR
900
V
Gate–source voltage
VGSS
±30
V
DC
(Note 1)
ID
3
A
Drain current
Pulse (Note 1)
IDP
9
A
Drain power dissipation (Tc = 25°C)
PD
40
W
Single pulse avalanche energy
(Note 2)
EAS
295
mJ
Avalanche current
IAR
3
A
Repetitive avalanche energy (Note 3)
EAR
4
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate
reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/“Derating Concept and
Methods”) and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Thermal resistance, channel to case
Rth (ch–c)
3.125
°C / W
Thermal resistance, channel to ambient
Rth (ch–a)
62.5
°C / W
Note 1: Ensure that the channel temperature does not exceed 150°C.
Note 2: VDD = 90 V, Tch = 25°C (initial), L = 60.0 mH, RG = 25 Ω, IAR = 3 A
Note 3: Repetitive rating: pulse width limited by maximum channel temperature
This transistor is an electrostatic-sensitive device.
Please handle with caution.
Unit: mm
JEDEC
JEITA
SC-67
TOSHIBA
2-10R1B
Weight: 1.9 g (typ.)


同様の部品番号 - 2SK2700_09

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
2SK2700 TOSHIBA-2SK2700_06 Datasheet
702Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator, DC-DC Converter and Motor Drive Applications
More results

同様の説明 - 2SK2700_09

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
2SK4002 TOSHIBA-2SK4002 Datasheet
742Kb / 6P
   Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK2845 TOSHIBA-2SK2845_09 Datasheet
409Kb / 6P
   Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK4002 TOSHIBA-2SK4002_09 Datasheet
415Kb / 6P
   Chopper Regulator, DC-DC Converter and Motor Drive Applications
2SJ464 TOSHIBA-2SJ464_09 Datasheet
202Kb / 6P
   Chopper Regulator, DC-DC Converter and Motor Drive Applications
2SK2399 TOSHIBA-2SK2399_10 Datasheet
427Kb / 6P
   Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK2719 TOSHIBA-2SK2719_09 Datasheet
187Kb / 6P
   Chopper Regulator, DC-DC Converter and Motor Drive Applications
2SK4018 TOSHIBA-2SK4018_08 Datasheet
737Kb / 6P
   Chopper Regulator, DC-DC Converter and Motor Drive Applications
2SK3085 TOSHIBA-2SK3085 Datasheet
207Kb / 6P
   Chopper Regulator, DC-DC Converter and Motor Drive Applications
2SK2231Q TOSHIBA-2SK2231Q Datasheet
810Kb / 6P
   Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK2865 TOSHIBA-2SK2865_10 Datasheet
415Kb / 6P
   Chopper Regulator, DC/DC Converter and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com