データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74AUP1T158DCKR データシート(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74AUP1T158DCKR
部品情報  LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, SINGLE 2-INPUT SCHMITT-TRIGGER BUFFER MULTIPLEXER (INVERTED)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP1T158DCKR データシート(HTML) 2 Page - Texas Instruments

  SN74AUP1T158DCKR Datasheet HTML 1Page - Texas Instruments SN74AUP1T158DCKR Datasheet HTML 2Page - Texas Instruments SN74AUP1T158DCKR Datasheet HTML 3Page - Texas Instruments SN74AUP1T158DCKR Datasheet HTML 4Page - Texas Instruments SN74AUP1T158DCKR Datasheet HTML 5Page - Texas Instruments SN74AUP1T158DCKR Datasheet HTML 6Page - Texas Instruments SN74AUP1T158DCKR Datasheet HTML 7Page - Texas Instruments SN74AUP1T158DCKR Datasheet HTML 8Page - Texas Instruments SN74AUP1T158DCKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
1
2
3
6
5
4
A
C
Y
V
CC
A
B
C
Y
B
GND
SN74AUP1T158
SCES808 – APRIL 2010
www.ti.com
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(3)
Reel of 3000
SN74AUP1T158DCKR
–40°C to 85°C
SOT (SC-70) – DCK
6P_
Reel of 250
SN74AUP1T158DCKT
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(3)
The actual top-side marking has one additional character that designates the wafer fab/assembly site.
Figure 1. 2-to-1 Data Selector With Inverted Output
When C is L, Y = B
When C is H, Y = A
FUNCTION TABLE
INPUTS
INPUT
OUTPUT
(Lower Level Input)
(Select)
(VCC CMOS)
A
B
C
Y
X
L
L
H
X
H
L
L
L
X
H
H
H
X
H
L
Supply VCC = 2.3 V to 2.7 V (2.5 V)
INPUTS
OUTPUT
VT+ max = VIH min
CMOS
VT- min = VIL max
A
B
Y
VIH = 1.1 V
VOH = 1.85 V
VIL = 0.35 V
VOL = 0.45 V
Supply VCC = 3 V to 3.6 V (3.3 V)
INPUTS
OUTPUT
VT+ max = VIH min
CMOS
VT- min = VIL max
A
B
Y
VIH = 1.19 V
VOH = 2.55 V
VIL = 0.5 V
VOL = 0.45 V
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): SN74AUP1T158


同様の部品番号 - SN74AUP1T158DCKR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AUP1T157 TI-SN74AUP1T157 Datasheet
283Kb / 13P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, SINGLE 2-INPUT SCHMITT-TRIGGER BUFFER MULTIPLEXER (NONINVERTED)
SN74AUP1T157DCKR TI-SN74AUP1T157DCKR Datasheet
283Kb / 13P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, SINGLE 2-INPUT SCHMITT-TRIGGER BUFFER MULTIPLEXER (NONINVERTED)
SN74AUP1T157DCKT TI-SN74AUP1T157DCKT Datasheet
283Kb / 13P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, SINGLE 2-INPUT SCHMITT-TRIGGER BUFFER MULTIPLEXER (NONINVERTED)
More results

同様の説明 - SN74AUP1T158DCKR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AUP1T157 TI-SN74AUP1T157 Datasheet
283Kb / 13P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, SINGLE 2-INPUT SCHMITT-TRIGGER BUFFER MULTIPLEXER (NONINVERTED)
SN74AUP1T50 TI1-SN74AUP1T50 Datasheet
762Kb / 15P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, SINGLE SCHMITT-TRIGGER BUFFER GATE
SN74AUP1T17 TI-SN74AUP1T17 Datasheet
164Kb / 11P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, SINGLE SCHMITT-TRIGGER BUFFER GATE
SN74AUP1T14 TI1-SN74AUP1T14_15 Datasheet
761Kb / 14P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, SINGLE SCHMITT-TRIGGER INVERTER GATE
SN74AUP1T14 TI-SN74AUP1T14 Datasheet
164Kb / 11P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, SINGLE SCHMITT-TRIGGER INVERTER GATE
SN74AUP1T00 TI-SN74AUP1T00 Datasheet
164Kb / 11P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AUP1T02 TI-SN74AUP1T02 Datasheet
164Kb / 11P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT,SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AUP1T08 TI-SN74AUP1T08 Datasheet
167Kb / 11P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, SINGLE 2-INPUT POSITIVE-AND GATE
SN74AUP1T86 TI-SN74AUP1T86 Datasheet
173Kb / 11P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, 2-INPUT EXCLUSIVE-OR GATE
SN74AUP1T32 TI-SN74AUP1T32 Datasheet
167Kb / 11P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT,3.3-V CMOS OUTPUT, 2-INPUT POSITIVE-OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com