データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74AUP2G240 データシート(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74AUP2G240
部品情報  LOW-POWER DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP2G240 データシート(HTML) 2 Page - Texas Instruments

  SN74AUP2G240 Datasheet HTML 1Page - Texas Instruments SN74AUP2G240 Datasheet HTML 2Page - Texas Instruments SN74AUP2G240 Datasheet HTML 3Page - Texas Instruments SN74AUP2G240 Datasheet HTML 4Page - Texas Instruments SN74AUP2G240 Datasheet HTML 5Page - Texas Instruments SN74AUP2G240 Datasheet HTML 6Page - Texas Instruments SN74AUP2G240 Datasheet HTML 7Page - Texas Instruments SN74AUP2G240 Datasheet HTML 8Page - Texas Instruments SN74AUP2G240 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1
2
7
5
3
6
1A
1Y
2A
2Y
1OE
2OE
SN74AUP2G240
SCES760B – DECEMBER 2009 – REVISED MARCH 2010
www.ti.com
The SN74AUP2G240 is designed specifically to improve the performance and density of 3-state memory address
drivers, clock drivers, and bus-oriented receivers and transmitters.
NanoStar™ package technology is a major breakthrough in IC packaging concepts, using the die as the
package.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(3)
NanoStar™ – WCSP (DSBGA)
Reel of 3000
SN74AUP2G240YFPR
_ _ _ H K _
0.23-mm Large Bump – YFP (Pb-free)
uQFN – DQE
Reel of 5000
SN74AUP2G240DQER
PY
–40°C to 85°C
QFN – RSE
Reel of 5000
SN74AUP2G240RSER
PY
SSOP – DCU
Reel of 3000
SN74AUP2G240DCUR
H40_
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(3)
DCU: The actual top-side marking has one additional character that designates the wafer fab/assembly site.
YFP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following
character to designate the wafer fab/assembly site. Pin 1 identifier indicates solder-bump composition (1 = SnPb,
● = Pb-free).
FUNCTION TABLE
(EACH BUFFER)
INPUTS
OUTPUT
Y
OE
A
L
H
L
L
L
H
H
X
Z
LOGIC DIAGRAM (POSITIVE LOGIC)
Pin numbers shown are for the DCU and DQE packages.
2
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): SN74AUP2G240


同様の部品番号 - SN74AUP2G240

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AUP2G240 TI-SN74AUP2G240 Datasheet
284Kb / 12P
[Old version datasheet]   LOW-POWER DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUP2G240DCUR TI-SN74AUP2G240DCUR Datasheet
284Kb / 12P
[Old version datasheet]   LOW-POWER DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUP2G240DQER TI-SN74AUP2G240DQER Datasheet
284Kb / 12P
[Old version datasheet]   LOW-POWER DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUP2G240RSER TI-SN74AUP2G240RSER Datasheet
284Kb / 12P
[Old version datasheet]   LOW-POWER DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUP2G240YFPR TI-SN74AUP2G240YFPR Datasheet
284Kb / 12P
[Old version datasheet]   LOW-POWER DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

同様の説明 - SN74AUP2G240

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AUP2G240 TI-SN74AUP2G240 Datasheet
284Kb / 12P
[Old version datasheet]   LOW-POWER DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUP2G241 TI-SN74AUP2G241 Datasheet
298Kb / 16P
[Old version datasheet]   LOW-POWER DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC2G241 TI-SN74AUC2G241_09 Datasheet
526Kb / 15P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC2G240 TI-SN74AUC2G240_1 Datasheet
538Kb / 13P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74LVC2G240 UTC-U74LVC2G240 Datasheet
214Kb / 6P
   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN64BCT306 TI-SN64BCT306 Datasheet
90Kb / 6P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC2G240 TI-SN74AUC2G240 Datasheet
432Kb / 12P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC2G241 TI-SN74LVC2G241 Datasheet
380Kb / 14P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC2G241 TI-SN74AUC2G241_08 Datasheet
427Kb / 14P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC2G240 TI1-SN74LVC2G240_16 Datasheet
850Kb / 17P
[Old version datasheet]   Dual Buffer Driver With 3-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com