データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74AVC2T245 データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74AVC2T245
部品情報  DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74AVC2T245 データシート(HTML) 7 Page - Texas Instruments

Back Button SN74AVC2T245 Datasheet HTML 3Page - Texas Instruments SN74AVC2T245 Datasheet HTML 4Page - Texas Instruments SN74AVC2T245 Datasheet HTML 5Page - Texas Instruments SN74AVC2T245 Datasheet HTML 6Page - Texas Instruments SN74AVC2T245 Datasheet HTML 7Page - Texas Instruments SN74AVC2T245 Datasheet HTML 8Page - Texas Instruments SN74AVC2T245 Datasheet HTML 9Page - Texas Instruments SN74AVC2T245 Datasheet HTML 10Page - Texas Instruments SN74AVC2T245 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
SWITCHING CHARACTERISTICS
SWITCHING CHARACTERISTICS
SN74AVC2T245
www.ti.com...................................................................................................................................................................................................... SCES692 – JUNE 2008
over recommended operating free-air temperature range, VCCA = 1.8 V ± 0.15 V (see Figure 2)
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 1.2 V
FROM
TO
± 0.1 V
± 0.15 V
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
2
0.1
4.1
0.1
3.6
0.1
3.1
0.1
3.3
A
B
ns
tPHL
2
0.1
4.1
0.1
3.6
0.1
3.1
0.1
3.3
tPLH
1.9
0.4
4.3
0.1
4.1
0.1
3.8
0.1
3.7
B
A
ns
tPHL
1.9
0.4
4.3
0.1
4.1
0.1
3.8
0.1
3.7
tPZH
3.2
0.8
6.7
0.4
5.8
0.4
4.8
0.3
4.6
OE
A
ns
tPZL
3.2
0.8
6.7
0.4
5.8
0.4
4.8
0.3
4.6
tPZH
1.9
0.2
6.7
0.2
6.6
0.2
6.7
0.2
6.7
OE
B
ns
tPZL
1.9
0.2
6.7
0.2
6.6
0.2
6.7
0.2
6.7
tPHZ
3.8
0.7
6.2
0.3
6.5
0.1
5.2
0.8
6.5
OE
A
ns
tPLZ
3.8
0.7
6.2
0.3
6.5
0.1
5.2
0.8
6.5
tPHZ
3.4
0.1
6.8
0.1
6.8
0.1
6.7
0.1
6.7
OE
B
ns
tPLZ
3.4
0.1
6.8
0.1
6.8
0.1
6.7
0.1
6.7
over recommended operating free-air temperature range, VCCA = 2.5 V ± 0.2 V (see Figure 2)
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 1.2 V
FROM
TO
± 0.1 V
± 0.15 V
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
1.9
0.1
3.8
0.1
3.2
0.1
2.7
0.1
2.6
A
B
ns
tPHL
1.9
0.1
3.8
0.1
3.2
0.1
2.7
0.1
2.6
tPLH
1.8
0.5
3.4
0.2
3.1
0.1
2.8
0.1
2.6
B
A
ns
tPHL
1.8
0.5
3.4
0.2
3.1
0.1
2.8
0.1
2.6
tPZH
3.1
0.7
6.2
0.5
5.2
0.3
4.1
0.3
3.6
OE
A
ns
tPZL
3.1
0.7
6.2
0.5
5.2
0.3
4.1
0.3
3.6
tPZH
1.4
0.4
4.5
0.4
4.5
0.4
4.5
0.4
4.5
OE
B
ns
tPZL
1.4
0.4
4.5
0.4
4.5
0.4
4.5
0.4
4.5
tPHZ
3.6
0.2
5.2
0.1
5.4
0.1
4.5
0.7
6
OE
A
ns
tPLZ
3.6
0.2
5.2
0.1
5.4
0.1
4.5
0.7
6
tPHZ
2.1
0.1
4.7
0.1
4.6
0.1
4.7
0.1
4.7
OE
B
ns
tPLZ
2.1
0.1
4.7
0.1
4.6
0.1
4.7
0.1
4.7
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): SN74AVC2T245


同様の部品番号 - SN74AVC2T245

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AVC2T245 TI-SN74AVC2T245 Datasheet
395Kb / 14P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T245 TI-SN74AVC2T245 Datasheet
496Kb / 15P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T245RSWR TI-SN74AVC2T245RSWR Datasheet
395Kb / 14P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T245RSWR TI-SN74AVC2T245RSWR Datasheet
496Kb / 15P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T245 TI-SN74AVC2T245_10 Datasheet
496Kb / 15P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

同様の説明 - SN74AVC2T245

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AVC2T45 TI-SN74AVC2T45_08 Datasheet
522Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45 TI-SN74AVC2T45_07 Datasheet
386Kb / 20P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH2T45 TI-SN74AVCH2T45_09 Datasheet
640Kb / 24P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45_10 Datasheet
611Kb / 25P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45-Q1 TI1-SN74LVC2T45-Q1 Datasheet
662Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45-Q1 TI1-SN74AVC2T45-Q1 Datasheet
665Kb / 21P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45_07 Datasheet
491Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45 Datasheet
427Kb / 22P
[Old version datasheet]   DUAL BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45_08 Datasheet
628Kb / 26P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T245 TI-SN74AVC2T245_10 Datasheet
496Kb / 15P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T245 TI-SN74AVC2T245 Datasheet
395Kb / 14P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com