データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SK3373 データシート(PDF) 3 Page - Toshiba Semiconductor

部品番号 2SK3373
部品情報  Switching Regulator and DC-DC Converter Applications Motor Drive Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3373 データシート(HTML) 3 Page - Toshiba Semiconductor

  2SK3373 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3373 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3373 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3373 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3373 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3373 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SK3373
2010-04-13
3
Drain-source voltage VDS (V)
ID – VDS
Drain-source voltage VDS (V)
ID – VDS
Gate-source voltage VGS (V)
ID − VGS
Gate-source voltage VGS (V)
VDS − VGS
Drain current ID (A)
⎪Yfs⎪ − ID
Drain current ID (A)
RDS (ON) − ID
0
2.0
0.4
1.2
0.8
1.6
2
0
10
4
6
8
Common source
Tc
= 25°C
Pulse test
VGS = 4 V
5
5.5
10 8
6
4.5
0
10
2
6
4
8
4
0
20
8
12
16
0.5
Common source
Tc
= 25°C
Pulse test
1
ID = 2 A
Common source
VDS = 20 V
Pulse test
0
5
1
3
2
4
2
0
10
4
6
8
Tc
= −55°C
25
100
Common source
Tc
= 25°C
Pulse test
0
5
1
3
2
4
10
0
50
20
30
40
VGS = 4 V
5
4.5
10
7
5.5
6
6.5
8
25
0.2
0.1
10
10
3
1
0.3
0.5
0.5
1
3
5
0.3
Common source
VDS = 20 V
Pulse test
Tc
= −55°C
100
5
0.1
1
0.3
0.5
3
5
1
10
5
30
3
0.5
Common source
Tc
= 25°C
Pulse test
10
VGS = 10 V


同様の部品番号 - 2SK3373

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
2SK3373 TOSHIBA-2SK3373 Datasheet
177Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator and DC/DC Converter Applications Motor Drive Applications
2SK3373 TOSHIBA-2SK3373 Datasheet
222Kb / 6P
   Switching Regulator and DC-DC Converter Applications
2SK3373 TOSHIBA-2SK3373 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
VBsemi Electronics Co.,...
2SK3373 VBSEMI-2SK3373 Datasheet
1Mb / 9P
   Power MOSFET
logo
Inchange Semiconductor ...
2SK3373 ISC-2SK3373 Datasheet
330Kb / 2P
   isc N-Channel MOSFET Transistor
More results

同様の説明 - 2SK3373

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
2SK3842 TOSHIBA-2SK3842_09 Datasheet
228Kb / 6P
   Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
2SK3499 TOSHIBA-2SK3499 Datasheet
224Kb / 6P
   Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK3388 TOSHIBA-2SK3388_09 Datasheet
200Kb / 6P
   Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SJ619 TOSHIBA-2SJ619_09 Datasheet
185Kb / 6P
   Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK4021 TOSHIBA-2SK4021 Datasheet
271Kb / 6P
   Switching Regulator and DC/DC Converter Applications Motor Drive Applications
2SJ620 TOSHIBA-2SJ620_09 Datasheet
185Kb / 6P
   Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK2613 TOSHIBA-2SK2613_10 Datasheet
207Kb / 6P
   Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
2SK3342 TOSHIBA-2SK3342_10 Datasheet
238Kb / 6P
   Switching Regulator and DC-DC Converter Applications Motor Drive Applications
TPCA8050-H TOSHIBA-TPCA8050-H Datasheet
192Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPCA8052-H TOSHIBA-TPCA8052-H Datasheet
192Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com