データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SK3388 データシート(PDF) 2 Page - Toshiba Semiconductor

部品番号 2SK3388
部品情報  Switching Regulator and DC-DC Converter Applications Motor Drive Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3388 データシート(HTML) 2 Page - Toshiba Semiconductor

  2SK3388_09 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3388_09 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3388_09 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3388_09 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3388_09 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3388_09 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SK3388
2009-09-29
2
Marking
Electrical Characteristics (Note 5) (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±16 V, VDS = 0 V
±10
μA
Drain cut-off current
IDSS
VDS = 250 V, VGS = 0 V
100
μA
Drain-source breakdown voltage
V (BR) DSS
ID = 10 mA, VGS = 0 V
250
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
1.5
3.5
V
Drain-source ON resistance
RDS (ON)
VGS = 10 V, ID = 10 A
82
105
m
Ω
Forward transfer admittance
|Yfs|
VDS = 10 V, ID = 10 A
10
20
S
Input capacitance
Ciss
4000
Reverse transfer capacitance
Crss
300
Output capacitance
Coss
VDS = 10 V, VGS = 0 V, f = 1 MHz
1000
pF
Rise time
tr
7
Turn-on time
ton
20
Fall time
tf
25
Switching time
Turn-off time
toff
Duty <= 1%, tw = 10 μs
145
ns
Total gate charge
(gate-source plus gate-drain)
Qg
100
Gate-source charge
Qgs
70
Gate-drain (“miller”) charge
Qgd
VDD ∼− 200 V, VGS = 10 V,
ID = 20 A
30
nC
Note 5: Connect the S1 and S2 pins together, and ground them except during switching time measurement.
Source-Drain Ratings and Characteristics (Note 6) (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Continuous drain reverse current
(Note 1, Note 6)
IDR1
20
A
Pulse drain reverse current
(Note 1, Note 6)
IDRP1
60
A
Continuous drain reverse current
(Note 1, Note 6)
IDR2
1
A
Pulse drain reverse current
(Note 1, Note 6)
IDRP2
4
A
Forward voltage (diode)
VDS2F
IDR1 = 20 A, VGS = 0 V
−2.0
V
Reverse recovery time
trr
300
ns
Reverse recovery charge
Qrr
IDR = 20 A, VGS = 0 V,
dIDR/dt = 100 A/μs
3.3
μC
Note 6: IDR1, IDRP1:Current flowing between the drain and the S2 pin. Ensure that the S1 pin is left open.
IDR2, IDRP2:Current flowing between the drain and the S1 pin. Ensure that the S2 pin is left open.
Unless otherwise specified, connect the S1 and S2 pins together, and ground them.
Note 4: A line under a Lot No. identifies the indication of product
Labels.
Not underlined: [[Pb]]/INCLUDES > MCV
Underlined: [[G]]/RoHS COMPATIBLE or [[G]]/RoHS [[Pb]]
Please contact your TOSHIBA sales representative for details as to
environmental matters such as the RoHS compatibility of Product.
The RoHS is the Directive 2002/95/EC of the European Parliament
and of the Council of 27 January 2003 on the restriction of the use of
certain hazardous substances in electrical and electronic equipment.
K3388
Lot No.
Note 4
Part No. (or abbreviation code)
VDD ∼− 125 V
0 V
VGS
10 V
ID = 10 A
VOUT


同様の部品番号 - 2SK3388_09

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
2SK3388 TOSHIBA-2SK3388_06 Datasheet
188Kb / 6P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications
More results

同様の説明 - 2SK3388_09

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
2SK3842 TOSHIBA-2SK3842_09 Datasheet
228Kb / 6P
   Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
2SK3499 TOSHIBA-2SK3499 Datasheet
224Kb / 6P
   Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SJ619 TOSHIBA-2SJ619_09 Datasheet
185Kb / 6P
   Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK4021 TOSHIBA-2SK4021 Datasheet
271Kb / 6P
   Switching Regulator and DC/DC Converter Applications Motor Drive Applications
2SJ620 TOSHIBA-2SJ620_09 Datasheet
185Kb / 6P
   Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK2613 TOSHIBA-2SK2613_10 Datasheet
207Kb / 6P
   Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
2SK3342 TOSHIBA-2SK3342_10 Datasheet
238Kb / 6P
   Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK3373 TOSHIBA-2SK3373_10 Datasheet
204Kb / 6P
   Switching Regulator and DC-DC Converter Applications Motor Drive Applications
TPCA8050-H TOSHIBA-TPCA8050-H Datasheet
192Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPCA8052-H TOSHIBA-TPCA8052-H Datasheet
192Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com