データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPCS8102 データシート(PDF) 3 Page - Toshiba Semiconductor

部品番号 TPCS8102
部品情報  Lithium-Ion Battery Applications Portable Equipment Applications Notebook PC Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCS8102 データシート(HTML) 3 Page - Toshiba Semiconductor

  TPCS8102 Datasheet HTML 1Page - Toshiba Semiconductor TPCS8102 Datasheet HTML 2Page - Toshiba Semiconductor TPCS8102 Datasheet HTML 3Page - Toshiba Semiconductor TPCS8102 Datasheet HTML 4Page - Toshiba Semiconductor TPCS8102 Datasheet HTML 5Page - Toshiba Semiconductor TPCS8102 Datasheet HTML 6Page - Toshiba Semiconductor TPCS8102 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TPCS8102
2006-11-16
3
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Gate leakage current
IGSS
VGS = ±10 V, VDS = 0 V
±10
μA
Drain cut-off current
IDSS
VDS = −20 V, VGS = 0 V
−10
μA
V (BR) DSS
ID = −10 mA, VGS = 0 V
−20
Drain-source breakdown voltage
V (BR) DSX
ID = −10 mA, VGS = 12 V
−8
V
Gate threshold voltage
Vth
VDS = −10 V, ID = −200 μA
−0.5
−1.2
V
RDS (ON)
VGS = −2.0 V, ID = −3 A
30
60
RDS (ON)
VGS = −2.5 V, ID = −3 A
23
38
Drain-source ON resistance
RDS (ON)
VGS = −4 V, ID = −3 A
16
20
mΩ
Forward transfer admittance
|Yfs|
VDS = −10 V, ID = −3 A
8.5
17
S
Input capacitance
Ciss
2740
pF
Reverse transfer capacitance
Crss
780
pF
Output capacitance
Coss
VDS = −10 V, VGS = 0 V, f = 1 MHz
1030
pF
Rise time
tr
7.6
Turn-on time
ton
16
Fall time
tf
110
Switching time
Turn-off time
toff
Duty <= 1%, tw = 10 μs
230
ns
Total gate charge
(gate-source plus gate-drain)
Qg
37
nC
Gate-source charge
Qgs
27
nC
Gate-drain (“miller”) charge
Qgd
VDD ≈ −16 V, VGS = −5 V, ID = −6 A
10
nC
Source-Drain Ratings and Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Drain reverse
current
Pulse (Note 1)
IDRP
−24
A
Forward voltage (diode)
VDSF
IDR = −6 A, VGS = 0 V
1.2
V
VDD ∼− −10 V
0 V
VGS
−5V
ID = −3 A
VOUT


同様の部品番号 - TPCS8102

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TPCS8102 TOSHIBA-TPCS8102 Datasheet
392Kb / 7P
   Lithium Ion Battery Applications Portable Equipment Applications Notebook PCs
More results

同様の説明 - TPCS8102

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TPCA8102 TOSHIBA-TPCA8102_06 Datasheet
295Kb / 7P
   Lithium Ion Battery Applications Notebook pc Applications Notebook PC Applications Portable Equipment Applications
TPCA8103 TOSHIBA-TPCA8103_06 Datasheet
288Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCA8025 TOSHIBA-TPCA8025 Datasheet
215Kb / 7P
   Lithium-Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPC8110 TOSHIBA-TPC8110_06 Datasheet
267Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCS8209 TOSHIBA-TPCS8209_07 Datasheet
190Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCS8204 TOSHIBA-TPCS8204_07 Datasheet
188Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCS8211 TOSHIBA-TPCS8211_07 Datasheet
209Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCS8302 TOSHIBA-TPCS8302_07 Datasheet
194Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCS8105 TOSHIBA-TPCS8105_07 Datasheet
255Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPC8210 TOSHIBA-TPC8210_07 Datasheet
275Kb / 7P
   Lithium Ion Battery Applications Portable Equipment Applications Notebook PC Applications
TPC8207 TOSHIBA-TPC8207_07 Datasheet
254Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com