データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPC8A02-H データシート(PDF) 6 Page - Toshiba Semiconductor

部品番号 TPC8A02-H
部品情報  竊큀SHIBA Field Effect Transistor with Built-in Schottky Barrier Diode High-Efficiency DC/DC Converter Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC8A02-H データシート(HTML) 6 Page - Toshiba Semiconductor

  TPC8A02-H Datasheet HTML 1Page - Toshiba Semiconductor TPC8A02-H Datasheet HTML 2Page - Toshiba Semiconductor TPC8A02-H Datasheet HTML 3Page - Toshiba Semiconductor TPC8A02-H Datasheet HTML 4Page - Toshiba Semiconductor TPC8A02-H Datasheet HTML 5Page - Toshiba Semiconductor TPC8A02-H Datasheet HTML 6Page - Toshiba Semiconductor TPC8A02-H Datasheet HTML 7Page - Toshiba Semiconductor TPC8A02-H Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TPC8A02-H
2006-11-16
6
Safe operating area
Drain-source voltage VDS (V)
0.1
1000
1
10
100
100
0.1
10
1
1
0.001
10
100
1000
0.01
0.1
1
10
100
1000
(2)
(1)
0.1
rth – tw
Pulse width tw (s)
Single - pulse
(1) Device mounted on a glass-epoxy board
(a) (Note 2a)
(2) Device mounted on a glass-epoxy board
(b) (Note 2b)
VDSS max
t =1 ms *
ID max (Pulse) *
10 ms *
*
Single - pulse
Ta
= 25°C
Curves must be derated
linearly with increase in
temperature.


同様の部品番号 - TPC8A02-H

メーカー部品番号データシート部品情報
logo
VBsemi Electronics Co.,...
TPC8A02-H VBSEMI-TPC8A02-H Datasheet
993Kb / 9P
   N-Channel 30-V (D-S) MOSFET
More results

同様の説明 - TPC8A02-H

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TPCA8A04-H TOSHIBA-TPCA8A04-H Datasheet
201Kb / 8P
   TOSHIBA Field Effect Transistor with Built-in Schottky Barrier Diode
TPC8A03-H TOSHIBA-TPC8A03-H Datasheet
217Kb / 8P
   TOSHIBA Field Effect Transistor with Built-in Schottky Barrier Diode
TPCA8014-H TOSHIBA-TPCA8014-H_06 Datasheet
338Kb / 7P
   High-Efficiency DC竊뢈C Converter Applications
TPCA8004-H TOSHIBA-TPCA8004-H_06 Datasheet
462Kb / 7P
   High Efficiency DC竊뢈C Converter Applications
TPCA8015-H TOSHIBA-TPCA8015-H Datasheet
306Kb / 7P
   High-Efficiency DC竊뢈C Converter Applications
TPCA8011-H TOSHIBA-TPCA8011-H Datasheet
441Kb / 7P
   High Efficiency DC竊뢈C Converter Applications
TPC8116-H TOSHIBA-TPC8116-H Datasheet
285Kb / 7P
   High Efficiency DC竊뢈C Converter Applications
TPC8213-H TOSHIBA-TPC8213-H Datasheet
324Kb / 7P
   High-Efficiency DC竊뢈C Converter Applications
TPCA8005-H TOSHIBA-TPCA8005-H_06 Datasheet
445Kb / 7P
   High Efficiency DC竊뢈C Converter Applications
TPCA8016-H TOSHIBA-TPCA8016-H_06 Datasheet
308Kb / 7P
   High-Efficiency DC竊뢈C Converter Applications
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com