データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPC6107 データシート(PDF) 2 Page - Toshiba Semiconductor

部品番号 TPC6107
部品情報  Silicon P Channel MOS Type (U-MOSIV) Notebook PC Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC6107 データシート(HTML) 2 Page - Toshiba Semiconductor

  TPC6107 Datasheet HTML 1Page - Toshiba Semiconductor TPC6107 Datasheet HTML 2Page - Toshiba Semiconductor TPC6107 Datasheet HTML 3Page - Toshiba Semiconductor TPC6107 Datasheet HTML 4Page - Toshiba Semiconductor TPC6107 Datasheet HTML 5Page - Toshiba Semiconductor TPC6107 Datasheet HTML 6Page - Toshiba Semiconductor TPC6107 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TPC6107
2006-11-17
2
Electrical Characteristics (Ta
= 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±10 V, VDS = 0 V
±10
µA
Drain cut-OFF current
IDSS
VDS = −20 V, VGS = 0 V
−10
µA
V (BR) DSS
ID = −10 mA, VGS = 0 V
−20
Drain-source breakdown voltage
V (BR) DSX
ID = −10 mA, VGS = 12 V
−8
V
Gate threshold voltage
Vth
VDS = −10 V, ID = −200 µA
−0.5
−1.2
V
RDS (ON)
VGS = −2 V, ID = −2.2 A
110
180
RDS (ON)
VGS = −2.5 V, ID = −2.2 A
70
100
Drain-source ON resistance
RDS (ON)
VGS = −4.5 V, ID = −2.2 A
40
55
m
Forward transfer admittance
|Yfs|
VDS = −10 V, ID = −2.2 A
4.8
9.6
S
Input capacitance
Ciss
680
Reverse transfer capacitance
Crss
130
Output capacitance
Coss
VDS = −10 V, VGS = 0 V, f = 1 MHz
140
pF
Rise time
tr
6
Turn-ON time
ton
16
Fall time
tf
38
Switching time
Turn-OFF time
toff
Duty <
= 1%, tw = 10 µs
85
ns
Total gate charge
(gate-source plus gate-drain)
Qg
9.8
Gate-source charge
Qgs
2
Gate-drain (“miller”) charge
Qgd
VDD
− −16 V, VGS = −5 V,
ID = −4.5 A
3
nC
Source-Drain Ratings and Characteristics (Ta
= 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Pulse drain reverse current
(Note 1)
IDRP
−18
A
Forward voltage (diode)
VDSF
IDR = −4.5 A, VGS = 0 V
1.2
V
Marking (Note 5)
VDD
− −10 V
−5 V
VGS
0 V
ID = −2.2 A
VOUT
Part No.
(or abbreviation code)
S3G
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
Lot code (month)
Lot No.
Pin #1
Lot code
(year)
Product-specific code


同様の部品番号 - TPC6107

メーカー部品番号データシート部品情報
logo
VBsemi Electronics Co.,...
TPC6107 VBSEMI-TPC6107 Datasheet
456Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

同様の説明 - TPC6107

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TPCA8105 TOSHIBA-TPCA8105 Datasheet
291Kb / 7P
   Silicon P Channel MOS Type (U-MOS III) Notebook PC Applications
TPC8115 TOSHIBA-TPC8115 Datasheet
2Mb / 4P
   FIELD EFFECT TRANSISTOR SILICON P CHANNEL MOS TYPE(U-MOSIV)
TPC6004 TOSHIBA-TPC6004 Datasheet
202Kb / 7P
   Notebook PC Applications Portable Equipment Applications Silicon N Channel MOS Type (U-MOSIII)
TPC8114 TOSHIBA-TPC8114 Datasheet
168Kb / 4P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIV)
TPCP8J01 TOSHIBA-TPCP8J01_07 Datasheet
311Kb / 9P
   TOSHIBA Multi-chip Device Silicon P Channel MOS Type (U-MOSIV) /Silicon NPN Epitaxial Type
TPCP8J01 TOSHIBA-TPCP8J01 Datasheet
189Kb / 5P
   TOSHIBA Multi-chip Device Silicon P Channel MOS Type (U-MOSIV) /Silicon NPN Epitaxial Type
TK25A10K3 TOSHIBA-TK25A10K3 Datasheet
312Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIV)
TPCP8302 TOSHIBA-TPCP8302_08 Datasheet
272Kb / 7P
   Silicon P Channel MOS Type (U-MOS??
TPC8127 TOSHIBA-TPC8127 Datasheet
222Kb / 7P
   Silicon P Channel MOS Type (U-MOS??
TPCA8109 TOSHIBA-TPCA8109 Datasheet
238Kb / 7P
   Silicon P Channel MOS Type (U-MOS??
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com