データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMAJ300CA-TP データシート(PDF) 2 Page - Micro Commercial Components

部品番号 SMAJ300CA-TP
部品情報  400 Watt Transient Voltage Suppressors 5.0 to 440 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MCC [Micro Commercial Components]
ホームページ  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMAJ300CA-TP データシート(HTML) 2 Page - Micro Commercial Components

  SMAJ300CA-TP Datasheet HTML 1Page - Micro Commercial Components SMAJ300CA-TP Datasheet HTML 2Page - Micro Commercial Components SMAJ300CA-TP Datasheet HTML 3Page - Micro Commercial Components SMAJ300CA-TP Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MCC
100
10
1.0
0.1
MOUNTED ON5.0mm 2
COPPER LAND AREAS
NON-REPETITIVE
PULSE WAVEFORM
SHOWNINFIGURE 3
TA = 25
td, PULSE WIDTH, SEC
100
75
50
25
0
0
25
50
75
100
125
150
175
200
TA, AMBIENT TEMPERATURE,
Fig. 1-PEAK PULSE POWER RATING CURVE
Fig. 2-PULSE RATING CURVE
150
100
50
0
0
1.0
2.0
3.0
4.0
TA = 25
Pulse Width(td) is Defined as the
Point Where the Peak Current
Decays to 50% of lpp
PeakValueIppm
Half Value- Ipp
2
10/1000
sec Waveform
as Defined by R.E.A.
e-kt
td
tf = 10
sec
t, TIME , ms
10,000
40,000
20,000
1,000
6,000
4,000
2,000
100
500
200
10
1.0
2.0
5.0
10
20
50
100 200
MEASUREDAT
STAND-OFF
VOLTAGE(VMW)
TJ = 25
f= 1.0MHz
Vsig = 50mVp-p
MEASURED AT
ZERO BIAS
V(BR),BREAKDOWN VOLTAGE, VOLTS
Fig. 3-PULSE WAVEFORM
Fig. 4-TYPICAL JUNCTION CAPACITANCE
50
40
30
20
10
14
10 20
40
100
0
T
J =TJ max
8.3mss SINGLE HALF
SINCE-WAVE JEDEC
METHOD
NUMBER OF CYCLES AT 60Hz
Fig. 5-MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
SMAJ5.0 thru SMAJ
440CA
Revision: 12
2009/07/12
TM
Micro Commercial Components
°C
°C
°C
°C
www.mccsemi.com
2 of 4
0.1us
1.0 us
10 us
100 us
1.0ms
10ms


同様の部品番号 - SMAJ300CA-TP

メーカー部品番号データシート部品情報
logo
UN Semiconducctor INC
SMAJ300CA-AT UNSEMI-SMAJ300CA-AT Datasheet
3Mb / 7P
   400W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
More results

同様の説明 - SMAJ300CA-TP

メーカー部品番号データシート部品情報
logo
Micro Commercial Compon...
SMAJ5.0 MCC-SMAJ5.0_11 Datasheet
236Kb / 4P
   400 Watt Transient Voltage Suppressors 5.0 to 440 Volts
P4SMAJ50 MCC-P4SMAJ50 Datasheet
704Kb / 4P
   400 Watt Transient Voltage Suppressors 5.0 to 170 Volts
P4KE68 MCC-P4KE68 Datasheet
53Kb / 3P
   400 Watt Transient Voltage Suppressors 6.8 to 400 Volts
logo
DONGGUAN YOU FENG WEI E...
P4KE6.8-DO41 YFWDIODE-P4KE6.8-DO41 Datasheet
405Kb / 3P
   400 Watt Transient Voltage Suppressors 6.8 to 400 Volts
logo
Micro Commercial Compon...
SMBJ5.0 MCC-SMBJ5.0_09 Datasheet
202Kb / 9P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
SMBJ170A-TP MCC-SMBJ170A-TP Datasheet
345Kb / 9P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
SMBJ18CA-TP MCC-SMBJ18CA-TP Datasheet
345Kb / 9P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
SMCJ26CA-TP MCC-SMCJ26CA-TP Datasheet
248Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ24CA-TP MCC-SMCJ24CA-TP Datasheet
248Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ28CA-TP MCC-SMCJ28CA-TP Datasheet
248Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com