データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BA5814FM データシート(PDF) 2 Page - Rohm

部品番号 BA5814FM
部品情報  Power Driver For Compact Disc Players
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BA5814FM データシート(HTML) 2 Page - Rohm

  BA5814FM Datasheet HTML 1Page - Rohm BA5814FM Datasheet HTML 2Page - Rohm BA5814FM Datasheet HTML 3Page - Rohm BA5814FM Datasheet HTML 4Page - Rohm BA5814FM Datasheet HTML 5Page - Rohm BA5814FM Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2/5
REV. A
ELECTRIC CHARACTERISTICS
(Ta=25
°C, Vcc=8V, PVcc45=5V, BIAS=2.5V, R
L=8Ω, unless otherwise noted.)
Parameter
Symbol
MIN
TYP
MAX
Unit
Condition
Circuit Current (at no
signal)
ICC
-
20
30
MA
No load applied
<BTL Driver>
Output Offset Voltage
VOOF
-50
0
50
MV
Maximum Output
Amplitude 1
VOM1
5.4
6.0
-
V
CH1, 2, 3
Maximum Output
Amplitude 2
VOM2
3.6
4.0
-
V
CH4, 5
Voltage Gain 1
GVC1
9.5
12.0
14.5
dB
CH1
RIN=10k
Voltage Gain 2
GVC2
15.5
18.0
20.5
dB
CH2
RIN=10k
Voltage Gain 3
GVC3
16.5
18.0
19.5
dB
CH3, 4, 5
Mute ON Voltage
VMTON
-
-
0.5
V
Mute OFF Voltage
VMTOFF
2.0
-
-
V
Mute Terminal Input
Current
IMUTE
-
90
140
µA
VMUTE=5V
Bias Terminal Input
Current
IBIAS
-
75
120
µA
<Regulator>
RE_I Terminal
Threshold Voltage
VREITH
1.14
1.2
1.26
V
RE_O Terminal Output
Sink Current
ISIN
10
50
-
mA
RE_I Terminal Bias
Input Current
IBOP
-
20
300
nA
OUTLINE DIMENSIONS, SYMBOLS
Product
Number
(UNIT: mm)
(MAX 18.85 include BURR)


同様の部品番号 - BA5814FM

メーカー部品番号データシート部品情報
logo
Rohm
BA5814FM ROHM-BA5814FM Datasheet
403Kb / 3P
   5 channel BTL Driver for CD
BA5814FM ROHM-BA5814FM Datasheet
352Kb / 7P
   Power Driver For Compact Disc Players
BA5814FM-E2 ROHM-BA5814FM-E2 Datasheet
283Kb / 3P
   5 Channel Drivers/Regulator for car Mini Disk
BA5814FM ROHM-BA5814FM_1 Datasheet
352Kb / 7P
   Power Driver For Compact Disc Players
More results

同様の説明 - BA5814FM

メーカー部品番号データシート部品情報
logo
Rohm
BA5929FP ROHM-BA5929FP Datasheet
424Kb / 7P
   Power Driver For Compact Disc Players
BA5814FM ROHM-BA5814FM_1 Datasheet
352Kb / 7P
   Power Driver For Compact Disc Players
BA5947FM ROHM-BA5947FM_1 Datasheet
100Kb / 5P
   Power Driver For Compact Disc Players
BA5826FP-E2 ROHM-BA5826FP-E2 Datasheet
145Kb / 6P
   Power Driver For Compact Disc Players
BA5947FP ROHM-BA5947FP_1 Datasheet
285Kb / 6P
   Power Driver For Compact Disc Players
BA5826FP ROHM-BA5826FP Datasheet
349Kb / 7P
   Power Driver For Compact Disc Players
BA5947FP ROHM-BA5947FP Datasheet
224Kb / 2P
   IC for Compact Disc Players
logo
Sony Corporation
CXP1042Q SONY-CXP1042Q Datasheet
562Kb / 28P
   System Controller for Compact Disc Players
logo
Sanyo Semicon Device
LC78684E SANYO-LC78684E Datasheet
287Kb / 21P
   MP3 Decoder for Compact Disc Players
logo
Sony Corporation
CXP1021Q SONY-CXP1021Q Datasheet
564Kb / 28P
   System Controller for Compact Disc Players
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com