データシートサーチシステム |
|
BD3811KS データシート(PDF) 6 Page - Rohm |
|
BD3811KS データシート(HTML) 6 Page - Rohm |
6 / 18 page Technical Note 6/17 www.rohm.com 2010.06 - Rev.A © 2010 ROHM Co., Ltd. All rights reserved. BD3811K1,BD3818KS Parameter Symbol Limits Unit Conditions Min. Typ. Max. Volume Control Range VOL -97 -95 -93 dB Measure : Pin 21,23,25,27, 36,39 VOUT=3Vrms (VOL=0dB) Volume Setting Error 1 VOLE1 -1.5 0 1.5 dB Measure : Pin 21,23,25,27,36,39 0 to -53dB, VOUT=3Vrms (at VOL=0dB) Volume Setting Error 2 VOLE2 -2 0 2 dB Measure : Pin 21,23,25,27,36,39 -54 to -95dB, VOUT=3Vrms (at VOL=0dB) Maximum Attenuation VOLmin ― -115 -105 dB Measure : Pin 21,23,25,27,36,39 BW=IHF-A VOUT=3Vrms (at VOL=0dB) Treble Maximum Boost Gain GTB 12 14 16 dB Measure : Pin36,39, f=15kHz, Vin=0.1Vrms, Line Mode Treble Maximum Cut Gain GTC -16 -14 -12 dB Measure : Pin36,39, f=15kHz, Vin =0.1Vrms, Line Mode Treble Step Resolution TR ― 2 ― dB Measure : Pin36,39, f=15kHz, Vin =0.1Vrms, Line Mode Treble Gain Setting Error TE -2 0 2 dB Measure : Pin36,39, f=15kHz, Vin =0.1Vrms, Line Mode Bass Maximum Boost Gain GBB 12 14 16 dB Measure : Pin36,39, f=100Hz, Vin =0.1Vrms, Line Mode Bass Maximum Cut Gain GBC -16 -14 -12 dB Measure : Pin36,39, f=100Hz, Vin =0.1Vrms, Line Mode Bass Step Resolution BR ― 2 ― dB Measure : Pin36,39, f=100Hz, Vin =0.1Vrms, Line Mode Bass Gain Setting Error BE -2 0 2 dB Measure : Pin36,39, f=100Hz, Vin =0.1Vrms, Line Mode Input Gain Control Range 1 GIG1 7 9 11 dB Measure : Pin36,39 Vin =0.1Vrms Input Gain Setting Error 1 GE1 -2 0 2 dB Measure : Pin36,39 Vin =0.1Vrms Input Gain Control Range 2 GIG2 13.6 15.6 17.6 dB Measure : Pin23,25,27 Vin =0.1Vrms Input Gain Setting Error 2 GE2 -2 0 2 dB Measure : Pin23,25,27 Vin =0.1Vrms Input Gain Control Range 3 GIG3 16.6 18.6 20.6 dB Measure : Pin21 Vin =0.1Vrms Input Gain Setting Error 3 GE3 -2 0 2 dB Measure : Pin21 Vin =0.1Vrms Gain Amp Control Range GAG 10 12 14 dB Measure : Pin 32 Vin =0.2Vrms Output Gain Setting Error GAE -2 0 2 dB Measure : Pin 32 Vin =0.2Vrms Line out Voltage Gain GVLI 6 8 10 dB Measure : Pin 59,60 Vin =0.3Vrms Line out Total Harmonic Distortion Ratio THDLI ― 0.003 0.03 % Measure : Pin 59,60 BW=400~30kHz, Vin =0.3Vrms * Note: This IC is not designed to be radiation-resistant. |
同様の部品番号 - BD3811KS |
|
同様の説明 - BD3811KS |