データシートサーチシステム |
|
TPS2828-EP データシート(PDF) 1 Page - Texas Instruments |
|
TPS2828-EP データシート(HTML) 1 Page - Texas Instruments |
1 / 24 page 1 FEATURES 3 2 1 4 5 IN VCC VDD OUT TPS2816, TPS2817 TPS2818, TPS2819 DBV PACKAGE (TOP VIEW) GND 3 2 1 4 5 IN VCC NC OUT DBV PACKAGE (TOP VIEW) GND TPS2828, TPS2829 NC − No internal connection DESCRIPTION/ORDERING INFORMATION TPS2816-EP, TPS2817-EP, TPS2818-EP TPS2819-EP, TPS2828-EP, TPS2829-EP SGDS039 – FEBRUARY 2008 www.ti.com SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER • Controlled Baseline – One Assembly Site – One Test Site – One Fabrication Site • Extended Temperature Performance of –55°C to 125 °C • Enhanced Diminishing Manufacturing Sources (DMS) Support • Enhanced Product-Change Notification • Qualification Pedigree (1) • Low-Cost Single-Channel High-Speed MOSFET Driver • I CC . . . 15 µA Max (TPS2828, TPS2829) • 25 ns Max Rise/Fall Times and 40 ns Max Propagation Delay . . . 1 nF Load • 2 A Peak Output Current • 4 V to 14 V Driver Supply Voltage Range; Internal Regulator Extends Range to 40 V (TPS2816, TPS2817, TPS2818, TPS2819) • 5-pin SOT-23 Package • –55°C to 125°C Ambient-Temperature Operating Range • Highly Resistant to Latch-ups (1) Component qualification in accordance with JEDEC and industry standards to ensure reliable operation over an extended temperature range. This includes, but is not limited to, Highly Accelerated Stress Test (HAST) or biased 85/85, temperature cycle, autoclave or unbiased HAST, electromigration, bond intermetallic life, and mold compound life. Such qualification testing should not be viewed as justifying use of this component beyond specified performance and environmental limits. The TPS28xx single-channel high-speed MOSFET drivers are capable of delivering peak currents of up to 2 A into highly capacitive loads. High switching speeds (tr and tf = 14 ns typ) are obtained with the use of BiCMOS outputs. Typical threshold switching voltages are 2/3 and 1/3 of VCC. The design inherently minimizes shoot-through current. 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. UNLESS OTHERWISE NOTED this document contains Copyright © 2008, Texas Instruments Incorporated PRODUCTION DATA information current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
同様の部品番号 - TPS2828-EP |
|
同様の説明 - TPS2828-EP |