データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL21440IUZ-T13 データシート(PDF) 2 Page - Intersil Corporation

部品番号 ISL21440IUZ-T13
部品情報  Micropower Voltage Reference with Comparator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21440IUZ-T13 データシート(HTML) 2 Page - Intersil Corporation

  ISL21440IUZ-T13 Datasheet HTML 1Page - Intersil Corporation ISL21440IUZ-T13 Datasheet HTML 2Page - Intersil Corporation ISL21440IUZ-T13 Datasheet HTML 3Page - Intersil Corporation ISL21440IUZ-T13 Datasheet HTML 4Page - Intersil Corporation ISL21440IUZ-T13 Datasheet HTML 5Page - Intersil Corporation ISL21440IUZ-T13 Datasheet HTML 6Page - Intersil Corporation ISL21440IUZ-T13 Datasheet HTML 7Page - Intersil Corporation ISL21440IUZ-T13 Datasheet HTML 8Page - Intersil Corporation ISL21440IUZ-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
FN6532.1
March 2, 2010
Block Diagram
Pin Configuration
ISL21440
(8 LD MSOP, 8 LD TDFN)
TOP VIEW
V+
OUT
IN-
HYST
GND
V-
REF
IN+
ISL21440
-
+
GND
OUT
1
2
3
4
REF
HYST
8
7
6
5
IN+
V+
IN-
V-
Pin Descriptions
PIN
SYMBOL
DESCRIPTION
1
GND
Ground pin. Sets the Comparator output
low level.
2
V-
Negative Supply Input for Voltage
Reference and Comparator.
3
IN+
Comparator non-inverting input pin.
Range: V- to V+ -1.5V.
4
IN-
Comparator inverting input pin. Range: V-
to V+ -1.5V
5HYST
Comparator Hysteresis input. Accepts a
voltage divided from the Reference
output. Range is VREF - 50mV to VREF.
Connect directly to VREF for zero
hysteresis.
6
REF
Reference output. Source 2mA and Sink
10µA.
7
V+
Positive Supply Input for Comparator and
Reference. Range is 2.0V to 11.0V
8
OUT
Comparator output, CMOS push-pull.
Output swing referenced to V+ and GND.
ISL21440


同様の部品番号 - ISL21440IUZ-T13

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL21440IUZ-T13 RENESAS-ISL21440IUZ-T13 Datasheet
958Kb / 15P
   Micropower Voltage Reference with Comparator
More results

同様の説明 - ISL21440IUZ-T13

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL21440 RENESAS-ISL21440 Datasheet
958Kb / 15P
   Micropower Voltage Reference with Comparator
logo
Intersil Corporation
ISL21440 INTERSIL-ISL21440_11 Datasheet
845Kb / 16P
   Micropower Voltage Reference with Comparator
logo
Linear Technology
LT6703-2 LINER-LT6703-2 Datasheet
166Kb / 12P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2_1 Datasheet
182Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-2 LINER-LT6703HV-2_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-3 LINER-LT6703HV-3_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-3 LINER-LT6703-3_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6700 LINER-LT6700 Datasheet
289Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Dimensions Semic...
LT6700CS6-3TRMPBF LINEAR_DIMENSIONS-LT6700CS6-3TRMPBF Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com