データシートサーチシステム |
|
TL062BCDR データシート(PDF) 5 Page - Texas Instruments |
|
|
TL062BCDR データシート(HTML) 5 Page - Texas Instruments |
5 / 42 page TL061, TL061A, TL061B, TL062, TL062A TL062B, TL064, TL064A, TL064B LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS SLOS078J − NOVEMBER 1978 − REVISED SEPTEMBER 2004 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† TL06_C TL06_AC TL06_BC TL06_I TL06_M UNIT Supply voltage, VCC+ (see Note 1) 18 18 18 V Supply voltage, VCC− (see Note 1) −18 −18 −18 V Differential input voltage, VID (see Note 2) ±30 ±30 ±30 V Input voltage, VI (see Notes 1 and 3) ±15 ±15 ±15 V Duration of output short circuit (see Note 4) Unlimited Unlimited Unlimited D (8-pin) package 97 97 D (14-pin) package 86 86 N package 80 80 NS package 76 76 Package thermal impedance, θJA (see Notes 5 and 6) P package 85 85 °C/W Package thermal impedance, JA (see Notes 5 and 6) PS package 95 95 C/W PW (8-pin) package 149 149 PW (14-pin) package 113 113 FK package 5.61 Package thermal impedance, θJC (see Notes 7 and 8) J package 15.05 °C/W Package thermal impedance, θJC (see Notes 7 and 8) JG package 14.5 °C/W W package 14.65 Operating virtual junction temperature, TJ 150 150 150 °C Case temperature for 60 seconds FK package 260 °C Lead temperature 1,6 mm (1/16 inch) from case for 60 J, JG, U, or 300 °C Lead temperature 1,6 mm (1/16 inch) from case for 60 seconds J, JG, U, or W package 300 °C Lead temperature 1,6 mm (1/6 inch) from case for 10 D, N, NS, P, PS, 260 260 °C Lead temperature 1,6 mm (1/6 inch) from case for 10 seconds D, N, NS, P, PS, or PW package 260 260 °C Storage temperature range, Tstg −65 to 150 −65 to 150 −65 to 150 °C † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. All voltage values except differential voltages are with respect to the midpoint between VCC+ and VCC−. 2. Differential voltages are at IN+ with respect to IN−. 3. The magnitude of the input voltage should never exceed the magnitude of the supply voltage or 15 V, whichever is less. 4. The output may be shorted to ground or to either supply. Temperature and/or supply voltages must be limited to ensure that the dissipation rating is not exceeded. 5. Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient temperature is PD = (TJ(max) − TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability. 6. The package thermal impedance is calculated in accordance with JESD 51-7. 7. Maximum power dissipation is a function of TJ(max), θJC, and TC. The maximum allowable power dissipation at any allowable case temperature is PD = (TJ(max) − TC)/θJC. Operating at the absolute maximum TJ of 150°C can affect reliability. 8. The package thermal impedance is calculated in accordance with MIL-STD-883. |
同様の部品番号 - TL062BCDR |
|
同様の説明 - TL062BCDR |