データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DM1601-7R データシート(PDF) 3 Page - Power-One

部品番号 DM1601-7R
部品情報  50 Watt DC-DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  POWER-ONE [Power-One]
ホームページ  http://www.power-one.com
Logo POWER-ONE - Power-One

DM1601-7R データシート(HTML) 3 Page - Power-One

  DM1601-7R Datasheet HTML 1Page - Power-One DM1601-7R Datasheet HTML 2Page - Power-One DM1601-7R Datasheet HTML 3Page - Power-One DM1601-7R Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
www.power-one.com
EMC
Electrostatic discharge
IEC/EN 61000-4-2, level 4 (8/15 kV)
criterion B
Electromagnetic field
IEC/EN 61000-4-3, level x (20 V/m)
criterion A/B
Electr. fast transients/bursts
IEC/EN 61000-4-4, input, level 3/4 (2/4 kV)
criterion A/B
Surge
IEC/EN 61000-4-5, input, level 3/4 (2/4 kV)
criterion A
Conducted disturbances
IEC/EN 61000-4-6, level 3 (10 V)
criterion B
Electromagnetic emissions
CISPR 22/EN 55022, conducted
class B
Environmental
Operating ambient temperature
Ui nom, Io nom, convection cooled
–25...71
°C
Operating case temperature
TC Ui nom, Io nom
–25...95
°C
Storage temperature
non operational
–40...100
°C
Damp heat
IEC/EN 60068-2-3, 93 %, 40
°C
56 days
Vibration, sinusoidal
IEC/EN 60068-2-6, 10...60/60...2000 Hz
0.35 mm/5 gn
Shock
IEC/EN 60068-2-27, 6 ms
100 gn
Bump
IEC/EN 60068-2-29, 6 ms
40 gn
Random vibration
IEC/EN 60068-2-64, 20...500 Hz
4.9 gn rms
MTBF
MIL-HDBK-217E,
GB, 40
°C, single output types
320'000 h
Options
Extended temperature range
–40...71
°C, ambient, operating
-9
Electronic inrush current limitation
E
Output voltage adjustment
95...105%
Uo nom, excludes feature R and vice versa
P
Input and/or output undervoltage monitoring, excludes option V
D0...D9
Input and/or output undervoltage monitoring (VME), excludes option D
V0, V2, V3
Test sockets for check of output voltage
A
Enhanced electric strength test 2 kV AC
H
Fuse not user accessible
F
Pin allocation
Pin
Electrical determination
AM...LM
CMZ...LMZ
AM...LM
CMZ...LMZ
AM...LM
CMZ...LMZ
1000
1000
2000
2000
3000
3000
2
Inhibit control input
iiiiii
5
Safe data or ACFAIL
D or V
D or V
D or V
D or V
D or V
D or V
8
Output voltage (positive)
Vo1+
Vo1+
Vo3+
Vo3+
11
Output voltage (negative)
Vo1–
Vo1–
Vo3–
Vo3–
14
Control input +
R
R
17
Control input –
GG
14
Output voltage (positive)
Vo2+
Vo2+
Vo2+
Vo2+
17
Output voltage (negative)
Vo2–
Vo2–
Vo2–
Vo2–
20
Output voltage (positive)
Vo1+
Vo1+
Vo1+
Vo1+
Vo1+
Vo1+
23
Output voltage (negative)
Vo1–
Vo1–
Vo1–
Vo1–
Vo1–
Vo1–
26
Protective earth
29
DC input voltage
Vi+
Vi+
Vi+
Vi+
Vi+
Vi+
32
DC input voltage
Vi–
Vi–
Vi–
Vi–
Vi–
Vi–
M Series
50 Watt DC-DC Converters


同様の部品番号 - DM1601-7R

メーカー部品番号データシート部品情報
logo
Microchip Technology
DM160228 MICROCHIP-DM160228 Datasheet
306Kb / 2P
   MPLAB® PICkit™ 4 In-Circuit Debugger/ProgrammerC
2018
More results

同様の説明 - DM1601-7R

メーカー部品番号データシート部品情報
logo
Power-One
12H1001-2R POWER-ONE-12H1001-2R Datasheet
141Kb / 4P
   50 Watt DC-DC Converters
logo
Wall Industries,Inc.
DHW50 WALL-DHW50 Datasheet
1Mb / 13P
   50 Watt DC/DC Power Converters
DH50 WALL-DH50 Datasheet
2Mb / 11P
   50 Watt DC/DC Power Converters
logo
Power-One
LH1001-2R POWER-ONE-LH1001-2R Datasheet
63Kb / 4P
   50 Watt AC-DC Converters
logo
Tumbler Technologies + ...
PD65-10 TRUMPOWER-PD65-10 Datasheet
218Kb / 3P
   50-65 WATT DC TO DC CONVERTERS
PD65 TRUMPOWER-PD65 Datasheet
218Kb / 3P
   50-65 WATT DC TO DC CONVERTERS
logo
Power-One
LM1001-7R POWER-ONE-LM1001-7R Datasheet
66Kb / 4P
   50 Watt AC-DC Converters
LM1001-7R POWER-ONE-LM1001-7R_06 Datasheet
83Kb / 4P
   50-Watt AC-DC Cassette Converters
logo
List of Unclassifed Man...
WR12T05-12 ETC1-WR12T05-12 Datasheet
51Kb / 4P
   50 to 60 Watt Wide input DC/DC converters
logo
Power-One
IMS7 POWER-ONE-IMS7 Datasheet
135Kb / 4P
   7 Watt DC-DC Converters
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com