データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1301-7R データシート(PDF) 1 Page - Power-One

部品番号 LM1301-7R
部品情報  50 Watt DC-DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  POWER-ONE [Power-One]
ホームページ  http://www.power-one.com
Logo POWER-ONE - Power-One

LM1301-7R データシート(HTML) 1 Page - Power-One

  LM1301-7R Datasheet HTML 1Page - Power-One LM1301-7R Datasheet HTML 2Page - Power-One LM1301-7R Datasheet HTML 3Page - Power-One LM1301-7R Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
www.power-one.com
• Rugged electrical and mechanical design
• Outputs individually controlled with excellent
dynamic properties
• Operating ambient temperature range
–40...71
°C
M Series
50 Watt DC-DC Converters
Wide input voltage from 8...372 V DC
1, 2 or 3 isolated outputs up to 48 V DC
4 kV AC I/O electric strength test voltage
Selection chart
Output 1
Output 2
Output 3
Type
Type
Type
Options
Uo nom
Io nom Uo nom
Io nom
Uo nom Io nom
Input voltage
Input voltage
Input voltage
[V DC]
[A]
[V DC]
[A]
[V DC]
[A]
8...35 V DC
14...70 V DC
20...100 V DC
5.1
8
-
-
-
-
AM 1001-7R
BM 1001-7R
FM 1001-7R
-9, P, D, V, A, H, F
12
4
-
-
-
-
AM 1301-7R
BM 1301-7R
FM 1301-7R
-9, P, D, A, H, F
15
3.4
-
-
-
-
AM 1501-7R
BM 1501-7R
FM 1501-7R
-9, P, D, A, H, F
24
2
-
-
-
-
AM 1601-7R
BM 1601-7R
FM 1601-7R
-9, P, D, A, H, F
48
1
-
-
-
-
AM 1901-7R
BM 1901-7R
FM 1901-7R
-9, P, D, A, H, F
12
2
12
2
-
-
AM 2320-7
BM 2320-7
FM 2320-7
-9, P, D, A, H, F
15
1.7
15
1.7
-
-
AM 2540-7
BM 2540-7
FM 2540-7
-9, P, D, A, H, F
5.1
5
12
0.7
12
0.7
AM 3020-7
BM 3020-7
FM 3020-7
-9, P, D, V, A, H, F
5.1
5
15
0.6
15
0.6
AM 3040-7
BM 3040-7
FM 3040-7
-9, P, D, V, A, H, F
Output 1
Output 2
Output 3
Type
Type
Type
Options
Uo nom
Io nom Uo nom
Io nom
Uo nom Io nom
Input voltage
Input voltage
Input voltage
[V DC]
[A]
[V DC]
[A]
[V DC]
[A]
28...140 V DC 44...220 V DC 88...372 V DC
5.1
8
-
-
-
-
CM 1001-7R
DM 1001-7R
LM 1001-7R
-9,E,P,D,V,A,H,F
12
4
-
-
-
-
CM 1301-7R
DM 1301-7R
LM 1301-7R
-9, E, P, D, A, H, F
15
3.4
-
-
-
-
CM 1501-7R
DM 1501-7R
LM 1501-7R
-9, E, P, D, A, H, F
24
2
-
-
-
-
CM 1601-7R
DM 1601-7R
LM 1601-7R
-9, E, P, D, A, H, F
48
1
-
-
-
-
CM 1901-7R
DM 1901-7R
LM 1901-7R
-9, E, P, D, A, H, F
12
2
12
2
-
-
CM 2320-7
DM 2320-7
LM 2320-7
-9, E, P, D, A, H, F
15
1.7
15
1.7
-
-
CM 2540-7
DM 2540-7
LM 2540-7
-9, E, P, D, A, H, F
5.1
5
12
0.7
12
0.7
CM 3020-7
DM 3020-7
LM 3020-7
-9,E,P,D,V,A,H,F
5.1
5
15
0.6
15
0.6
CM 3040-7
DM 3040-7
LM 3040-7
-9,E,P,D,V,A,H,F
LGA
CM, DM and LM types available as CMZ, DMZ and LMZ class II equipment
2/12.2000


同様の部品番号 - LM1301-7R

メーカー部品番号データシート部品情報
logo
Power-One
LM1301-7R POWER-ONE-LM1301-7R Datasheet
66Kb / 4P
   50 Watt AC-DC Converters
LM1301-7R POWER-ONE-LM1301-7R Datasheet
83Kb / 4P
   50-Watt AC-DC Cassette Converters
More results

同様の説明 - LM1301-7R

メーカー部品番号データシート部品情報
logo
Power-One
12H1001-2R POWER-ONE-12H1001-2R Datasheet
141Kb / 4P
   50 Watt DC-DC Converters
logo
Wall Industries,Inc.
DHW50 WALL-DHW50 Datasheet
1Mb / 13P
   50 Watt DC/DC Power Converters
DH50 WALL-DH50 Datasheet
2Mb / 11P
   50 Watt DC/DC Power Converters
logo
Power-One
LH1001-2R POWER-ONE-LH1001-2R Datasheet
63Kb / 4P
   50 Watt AC-DC Converters
logo
Tumbler Technologies + ...
PD65-10 TRUMPOWER-PD65-10 Datasheet
218Kb / 3P
   50-65 WATT DC TO DC CONVERTERS
PD65 TRUMPOWER-PD65 Datasheet
218Kb / 3P
   50-65 WATT DC TO DC CONVERTERS
logo
Power-One
LM1001-7R POWER-ONE-LM1001-7R Datasheet
66Kb / 4P
   50 Watt AC-DC Converters
LM1001-7R POWER-ONE-LM1001-7R_06 Datasheet
83Kb / 4P
   50-Watt AC-DC Cassette Converters
logo
List of Unclassifed Man...
WR12T05-12 ETC1-WR12T05-12 Datasheet
51Kb / 4P
   50 to 60 Watt Wide input DC/DC converters
logo
Power-One
IMS7 POWER-ONE-IMS7 Datasheet
135Kb / 4P
   7 Watt DC-DC Converters
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com