データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TCTU0J685M8R データシート(PDF) 4 Page - Rohm

部品番号 TCTU0J685M8R
部品情報  Chip tantalum capacitors (Bottom surface electrode type)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

TCTU0J685M8R データシート(HTML) 4 Page - Rohm

  TCTU0J685M8R Datasheet HTML 1Page - Rohm TCTU0J685M8R Datasheet HTML 2Page - Rohm TCTU0J685M8R Datasheet HTML 3Page - Rohm TCTU0J685M8R Datasheet HTML 4Page - Rohm TCTU0J685M8R Datasheet HTML 5Page - Rohm TCTU0J685M8R Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4/5
www.rohm.com
c
2010 ROHM Co., Ltd. All rights reserved.
2010.02 - Rev.D
Data Sheet
TCT Series U Case
Item
Performance
Test conditions (JIS C 5101
−1 and JIS C 5101− 3)
Adhesiveness
Dimensions
The terminal should not come off.
As per 4.34 JIS C 5101-1
As per 4.8 JIS C 5101-3
Apply force of 5N in the two directions shown in the figure
below for 10
±1s after mounting the terminal on a circuit board.
Apply force
a circuit board
product
Refer to "External dimensions"
Measure using a caliper of JIS B 7507 Class 2
or higher grade.
Resistance to solvents
The indication should be clear
As per 4.32 JIS C 5101-1
As per 4.18 JIS C 5101-3
Dip in the isopropyl alcohol for 30
±5s, at room
temperature.
Solderability
3/4 or more surface area of the solder coated
terminal dipped in the soldering bath should
be covered with the new solder.
As per 4.15.2 JIS C 5101-1
As per 4.7 JIS C 5101-3
Dip speed=25
±2.5mm / s
Pre-treatment (accelerated aging): Leave
the sample on the boiling distilled water for 1 h.
Solder temp. : 245
±5°C
Duration
: 3
±0.5s
Solder
: M705
Flux
: Rosin 25% IPA 75%
Capacitance
Vibration
Appearance
Measure value should not fluctuate during the
measurement.
There should be no significant abnormality.
As per 4.17 JIS C 5101-1
Frequency : 10 to 55 to 10Hz/min.
Amplitude : 1.5mm
Time : 2h each in X and Y directions
Mounting : The terminal is soldered on a print circuit board.
Standard products list, TCT series
Part No.
Rated
voltage
85
°C
(V)
Category
voltage
125
°C
(V)
Surge
voltage
85
°C
(V)
Cap.
120Hz
(
μF)
Tolerance
(%)
Leakage
current
25
°C
1WV.5min
(
μA)
Df
120Hz
(%)
IMP
100kHz
=Under development
4
1.9
TCT U 0G 475 M8R
4.7
2.5
5
20
20
+−
4
2.8
TCT U 0G 685 M8R
6.8
2.5
5
25
20
+−
48
TCT U 0G 106 M8R
10
2.5
5
25
20
+−
6.3
0.7
TCT U 0J 105 M8R
1
48
20
20
+−
6.3
1.4
TCT U 0J 225 M8R
2.2
48
20
20
+−
6.3
3
TCT U 0J 475 M8R
4.7
48
25
20
+−
6.3
8.6
TCT U 0J 685 M8R
6.8
48
25
20
+−
10
1.6
TCT U 1A 155 M8R
1.5
6.3
13
25
20
+−
10
2.2
TCT U 1A 225 M8R
2.2
6.3
13
25
20
+−
10
3.3
TCT U 1A 335 M8R
3.3
6.3
13
25
20
+−
10
9.4
TCT U 1A 475 M8R
4.7
6.3
13
25
20
+−
16
1.6
TCT U 1C 105 M8R
1.0
10
20
25
20
+−
2.5
7.5
TCT U 0E 156 M8R
15
1.6
3.2
25
20
+−
25
°C
85
°C 125°C
-55
°C
(
Ω)
20
50
50
20
20
50
50
50
50
50
50
50
60
60
60
60
60
60
60
25
25
60
60
25
60
50
90
35
90
90
35
35
90
90
90
90
90
90
90


同様の部品番号 - TCTU0J685M8R

メーカー部品番号データシート部品情報
logo
Rohm
TCTU0J685M8R ROHM-TCTU0J685M8R Datasheet
177Kb / 6P
   Chip tantalum capacitors(Bottom surface electrode type)
More results

同様の説明 - TCTU0J685M8R

メーカー部品番号データシート部品情報
logo
Rohm
TCT_AS ROHM-TCT_AS Datasheet
169Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TC_M_0911 ROHM-TC_M_0911 Datasheet
170Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TCT_PL ROHM-TCT_PL Datasheet
176Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TC_M ROHM-TC_M Datasheet
169Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TCT_U ROHM-TCT_U_11 Datasheet
177Kb / 6P
   Chip tantalum capacitors(Bottom surface electrode type)
TCT_P ROHM-TCT_P_10 Datasheet
156Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TCT_CL ROHM-TCT_CL_10 Datasheet
152Kb / 6P
   Chip tantalum capacitors (Bottom surface electrode type)
TCT_AS ROHM-TCT_AS_10 Datasheet
150Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TCT_P ROHM-TCT_P_11 Datasheet
175Kb / 7P
   Chip tantalum capacitors(Bottom surface electrode type : Large capacitance)
TCT_AL ROHM-TCT_AL_11 Datasheet
149Kb / 8P
   Chip tantalum capacitors(Bottom surface electrode type : Large capacitance)
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com