データシートサーチシステム |
|
SML-Z13WBTT87P データシート(PDF) 1 Page - Rohm |
|
SML-Z13WBTT87P データシート(HTML) 1 Page - Rohm |
1 / 5 page Data Sheet 2.8 1.9 φ2.4 ※Cathodemark 2.8 1.9 φ2.4 ※Anode mark 2.6 1.5 1.5 1.5 *1:Duty1/10, 1kHz / *2:Reference Part No. Chip Structure Emitting Color Absolute Maximum Ratings (Ta=25℃) Electrical and Optical Characteristics (Ta=25℃) Power Dissipation PD(mW) Forward Current IF(mA) Peak Forward Current IFP(mA) Reverse Voltage VR(V) Operating Temperature Topr(℃) Storage Temperature Tstg(℃) Forward Voltage VF Reverse Current IR Dominant Wavelength λD Luminous intensity IV Typ.(V) IF(mA) Max. (μA) VR(V) Min.* 2 (nm) Typ. (nm) Max.* 2 (nm) IF(mA) Min. (mcd) Typ. (mcd) IF(mA) ■ SML-Z14VT(A) AIGaInP on GaAs Red 175 70 - 12 -40 to +100 -40 to +100 1.9 20 10 12 625 630 635 20 56 112 20 ■ SML-Z14UT(A) 615 620 625 112 224 ■ SML-Z14DT(A) Orange 602 605 608 140 280 ■ SML-Z14YT(A) Yellow 2.0 586 589 592 ■ SML-Z14MT(A) Yellowish Green 568 571 574 45 90 ■ SML-Z14FT(A) Green 561.5 564 566.5 22.4 45 ■ SML-Z14PT(A) 557 560 563 11.2 22.4 ■ SML-Z14V4T Red 2.0 50 100 12 625 630 635 50 140 280 50 ■ SML-Z14U4T 615 620 625 280 560 ■ SML-Z14D4T Orange 602 605 608 355 710 ■ SML-Z14Y4T Yellow 2.1 587 590 593 ■ SML-Z14M4T Yellowish Green 569 572 575 112 224 ■ SML-Z14F4T Green 562 565 568 71 120 ■ SML-Z14P4T 558 561 564 22.4 56 ■ SMLZ13EDT(A) InGaN on SiC Bluish Green 120 30 100* 1 5 -40 to +100 -40 to +100 3.3 20 10 5 519 527 536 20 355 710 20 ■ SMLZ13BDT(A) Blue 3.2 464 470 476 140 280 ■ SMLZ14WBECW(A) White 120 30 5 -40 to +100 -40 to +100 3.2 20 100 5 (x, y) (0.30, 0.28) 20 1400 2000 20 ■ SMLZ13WBDAW 115 (x, y) (0.36, 0.36) 360 700 ■ SMLZ13WBDBW (x, y) (0.44, 0.40) ■ SMLZ13WBDCW(A) 10 (x, y) (0.30, 0.28) 900 1400 ■ SMLZ13WBDDW(A) 100 (x, y) (0.34, 0.34) RELATIVE INTENSITY (%) 10° 10° 20° 20° 40° 50° 70° 80° 40° 50° 70° 80° 0 50 100 50 100 0° 30° 60° 90° 30° 60° 90° SCANNING ANGLE (deg) Y X Y’ X’ RELATIVE INTENSITY (%) 10° 10° 20° 20° 40° 50° 70° 80° 40° 50° 70° 80° 0 50 100 50 100 0° 30° 60° 90° 30° 60° 90° SCANNING ANGLE (deg) Y X Y’ X’ SML-Z14□4T Series / SML-Z14(A) Series SMLZ13 Series / SMLZ14WBECW(A) ※Different according to the types of LED die Tolerance : ±0.2 (unit : mm) (unit : mm) SML-Z1(V.U.D.Y.M.F.P) SML-Z1(WBD□W.BDT.EDT) SMLZ14WBECW(A) SMLZ13 series Directivity (deg) RELATIVE INTENSITY (%) Directivity (deg) RELATIVE INTENSITY (%) Dimensions Recommended Solder Pattern Viewing Angle Specifications Color Type V U D Y M F P E B WB SML-Z1 Series Features ・High brightness ・20/50mA guaranteed specifications ・PLCC2 package 3528(1411) 3.5×2.8mm(t=1.9mm) 1/4 © 2010 ROHM Co., Ltd. All rights reserved. www.rohm.com 2010.05 - Rev.B |
同様の部品番号 - SML-Z13WBTT87P |
|
同様の説明 - SML-Z13WBTT87P |