データシートサーチシステム |
|
BU16025MUV データシート(PDF) 4 Page - Rohm |
|
BU16025MUV データシート(HTML) 4 Page - Rohm |
4 / 20 page Technical Note 4/19 BU16006KV, BU16018KV, BU16024KV, BU16027KV www.rohm.com 2010.05 - Rev.E © 2010 ROHM Co., Ltd. All rights reserved. Symbol Parameter Test Conditions Limits Unit Min. Typ. (1) Max. DDC Input and output Tx IlKT1 Input leak current VI=5.5V -10 - 10 μA IlKT2 Input leak current VI=Vcc -10 - 10 μA IOHT High-level output current VO=3.6V -10 - 10 μA IILT Low-level input current VI=GND -10 - 10 μA VOLT Low-level output voltage BU16006KV BU16018KV BU16027KV RL=4.7k Ω 0.43 0.5 0.57 V BU16024KV RL=4.7k Ω SELREF = NC 0.43 - 0.57 V SELREF = GND 0.58 - 0.72 SELREF =Vcc 0.73 - 0.87 VOLT-VIL Low-level input voltage below output low-level voltage BU16006KV BU16018KV BU16027KV RL=4.7k Ω 20 100 190 mV BU16024KV RL=4.7k Ω SELREF = NC - 100 - mV SELREF= GND - 250 - SELREF = Vcc - 400 - Rx IlKR1 Input leak current VI=5.5V -10 - 10 μA IlKR2 Input leak current VI=Vcc -10 - 10 μA IOHR High-level output current VO=3.6V -10 - 10 μA IILR Low-level input current VIL=GND -10 - 10 μA VOLR Low-level output voltage Iout = 4mA - - 0.2 V HPD 1, HPD 2, HPD 3 VOH(TTL) High level output voltage IOH = -8mA 2.4 - Vcc V VOL(TTL) Low level output voltage IOL = 8mA 0 - 0.4 V CONTROL PINS IIH High level input current VIH = Vcc -10 - 10 μA IIL Low level input current VIL = GND -10 - 10 μA CONTROL PINS (I 2CEN, SELREF,) IIH High level input current VIH = Vcc -45 - 45 μA IIL Low level input current VIL = GND -45 - 45 μA HPD_SINK IIH High level input current VIH = 5.5V 10 50 100 μA VIH = Vcc 5 30 80 μA IIL Low –level input current VIL = GND -10 - 10 μA |
同様の部品番号 - BU16025MUV |
|
同様の説明 - BU16025MUV |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |