データシートサーチシステム |
|
BU16027KV-E2 データシート(PDF) 2 Page - Rohm |
|
BU16027KV-E2 データシート(HTML) 2 Page - Rohm |
2 / 20 page Technical Note 2/19 BU16006KV, BU16018KV, BU16024KV, BU16027KV www.rohm.com 2010.05 - Rev.E © 2010 ROHM Co., Ltd. All rights reserved. ●Absolute Maximum Rating Over operating free-air temperature range (unless otherwise noted) Item Limits Unit BU16006KV BU16018KV BU16024KV BU16027KV Power supply voltage(Vcc) -0.3~+4.5 -0.3~+4.5 -0.3~+4.5 -0.3~+4.5 V DDC, HPD_SINK input voltage -0.3~+5.6 -0.3~+5.6 -0.3~+5.6 -0.3~+5.6 V Differential input voltage +2.5~+4.0 +2.5~+4.0 +2.5~+4.0 +2.5~+4.0 V Control pin input voltage -0.3~+4.0 -0.3~+4.0 -0.3~+4.0 -0.3~+4.0 V Power dissipation 1000(*1) 1200(*2) 950(*3) 1000(*1) mW Strage temperture range -55~+125 -55~+125 -55~+125 -55~+125 ℃ (*1-3) 70mm×70mm×1.6mm glass epoxy board mount.(Reverse Cu occupation rate:15mm×15mm) (*1) When it’s used by than Ta=25℃, it’s reduced by 10.0mW/℃. (*2) When it’s used by than Ta=25℃, it’s reduced by 12.5mW/℃. (*3) When it’s used by than Ta=25℃, it’s reduced by 9.5mW/℃. ●Recommended Operating Conditions Symbol Parameter Min. Typ. Max. Unit VCC Supply voltage 3 3.3 3.6 V TA Free-air temperature 0 - 70 ℃ TMDS Differential Pins VIC Input common mode voltage, see Figure 2. VCC–0.6 - VCC+0.01 V VID(pp) Receiver peak-to-peak differential input voltage, see Figure 2. 150 - 1560 mVp-p RVSADJ Resistor for TMDS compliant voltage swing range 4.60 4.64 4.68 k Ω AVCC TMDS Output termination voltage, see Figure 1. 3 3.3 3.6 V RT Termination resistance, see Figure 1. 45 50 55 Ω Signaling rate - - 2.25 Gbps Control Pins VIH LVTTL High-level input voltage 2 - VCC V VIL LVTTL Low-level input voltage GND - 0.8 V HPD_SINK VIH High-level input voltage 2.4 - 5.5 V VIL Low-level input voltage GND - 0.8 V RX (SDA[n],SCL[n]) VIH High-level input voltage 2.4 - 5.5 V VIL Low-level input voltage GND - 0.8 V TX (SCL_SINK, SDA_SINK) VIH High-level input voltage 1.5 - 5.5 V VIL Low-level input voltage GND - 0.35 V |
同様の部品番号 - BU16027KV-E2 |
|
同様の説明 - BU16027KV-E2 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |