データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

P-U77-AX61M-X081 データシート(PDF) 5 Page - Amphenol Corporation

部品番号 P-U77-AX61M-X081
部品情報  1XN SFP GAGE ASSY WITH SPRING FINGER GASKET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMPHENOL [Amphenol Corporation]
ホームページ  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P-U77-AX61M-X081 データシート(HTML) 5 Page - Amphenol Corporation

  P-U77-AX61M-X081 Datasheet HTML 1Page - Amphenol Corporation P-U77-AX61M-X081 Datasheet HTML 2Page - Amphenol Corporation P-U77-AX61M-X081 Datasheet HTML 3Page - Amphenol Corporation P-U77-AX61M-X081 Datasheet HTML 4Page - Amphenol Corporation P-U77-AX61M-X081 Datasheet HTML 5Page - Amphenol Corporation P-U77-AX61M-X081 Datasheet HTML 6Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
0
5.00
10.00
25.00
35.00
0
20.00
22.80
27.50
32.50
37.10
30.90
15.00
(SEE NOTE 1)
(BSC)
THRU-HOLES, PLATING OPTIONAL.
3.
2.
4.
SEE DRAWINGS P-UX76-A20-X00XX FOR CONNECTOR LAYOUT.
1.
PADS AND VIAS ARE CHASIS GROUND.
(P/N: U77-A441M-X081)
RECOMMENDED PCB DESIGN
NOTES:
DATUM AND BASIC DIMENSIONS ESTABLISHED BY CUSTOMER.
Y
Z
Z
(TRACES ALLOWED)
(EXCEPT CHASSIS GROUND)
AND TRACE KEEP-OUT
0.1
DENOTES COMPONENTS
CROSS-HATCH AREA
S
X
THIS AREA DENOTES
0.1
COMPONENTS KEEP-OUT
M
-Z-
S
X
M
0.1 S
X Y
X
1.05
(25 PLCS)
±0.05
±0.05
0.95
(20PLCS)
1.05±0.05
A.G
MAR14/09
MAR26/09
A
P-U77-AX61M-X081
DESIGNED
D
C
B
A
A
B
C
D
Amphenol Canada Corp.
REF.
SCALE
5 OF 6
APPROVED
DATE
MAR26/09
PROPOSAL
SIZE
ECN/E-R
WITH SPRING FINGER GASKET
APPROVALS
PROJECT
J.SI
DATE
DECIMALS
ANGLES
IE APP'D
QA APPD
TOLERANCES ARE:
A3
CHECKED
03554
DWG. NO.
ChigowX
DRAWN
CODE IDENT. NO.
DO NOT SCALE DRAWING
UNLESS OTHERWISE SPECIFIED
SEE NOTE 1
DWG APP'D
1
1
MATERIAL AND FINISH
0.25
6
2
4
3
8
7
5
8
1
2
3
4
5
REVISIONS
6
DESCRIPTION
SHEET
REV.
REV.
DIMENSIONS ARE IN MILLIMETERS
1XN SFP+ GAGE ASSY
2:1
TITLE
OR USED FOR MANUFACTURING PURPOSES WITHOUT PERMISSION FROM AMPHENOL CANADA CORP.
A
7
X.X 0.38
X.XX
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR ANY PURPOSE
MAR26/09


同様の部品番号 - P-U77-AX61M-X081

メーカー部品番号データシート部品情報
logo
Amphenol Corporation
P-U77-AX61M-X071 AMPHENOL-P-U77-AX61M-X071 Datasheet
695Kb / 10P
   COPPER ALLOY
More results

同様の説明 - P-U77-AX61M-X081

メーカー部品番号データシート部品情報
logo
Amphenol Corporation
P-U77-AX41M-X081 AMPHENOL-P-U77-AX41M-X081 Datasheet
240Kb / 6P
   1XN SFP CAGE ASSEMBLY WITH ELASTOMERIC GASKET
P-U86-DX627-X0XX1 AMPHENOL-P-U86-DX627-X0XX1 Datasheet
466Kb / 6P
   2XN SFP EXPRESSPORT COMBO WITH LIGHT PIPE (SPRING FINGER GASKET)
P-U86-D1627-X0XX1 AMPHENOL-P-U86-D1627-X0XX1 Datasheet
185Kb / 4P
   2X1 SFP ULTRA-PORT COMBO WITH LIGHT PIPE (SPRING FINGER GASKET)
P-U77-CX41M-X081 AMPHENOL-P-U77-CX41M-X081 Datasheet
673Kb / 11P
   1XN SFP CAGE ELASTOMER EMI GASKET, WITH LIGHT PIPE
logo
Molex Electronics Ltd.
74754-0101 MOLEX-74754-0101 Datasheet
50Kb / 3P
   SFP Plus (SFP) Cage, Single Port, Spring Finger Bezel Gasket, 3.05mm Press Fit Pins
0747540103 MOLEX1-0747540103 Datasheet
43Kb / 1P
   SFP Cage, Single Port, Spring Finger Bezel Gasket, 3.38mm Solder Post Pins
0747540101 MOLEX1-0747540101 Datasheet
43Kb / 1P
   SFP Cage, Single Port, Spring Finger Bezel Gasket, 3.05mm Press Fit Pins
0747540106 MOLEX1-0747540106 Datasheet
42Kb / 1P
   SFP Cage, Single Port, Spring Finger Bezel Gasket 3.60mm Solder Post Pins For PCI
0747540044 MOLEX1-0747540044 Datasheet
44Kb / 1P
   SFP Cage, 1-by-4 Ganged, Spring Finger Bezel Gasket, 3.05mm Press Fit Pins
0747540104 MOLEX1-0747540104 Datasheet
42Kb / 1P
   SFP Cage, Single Port, Spring Finger Bezel Gasket, 3.05mm Press Fit Pins for PCI
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com