データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SML-Z13DW1P データシート(PDF) 4 Page - Rohm

部品番号 SML-Z13DW1P
部品情報  High brightness
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

SML-Z13DW1P データシート(HTML) 4 Page - Rohm

  SML-Z13DW1P Datasheet HTML 1Page - Rohm SML-Z13DW1P Datasheet HTML 2Page - Rohm SML-Z13DW1P Datasheet HTML 3Page - Rohm SML-Z13DW1P Datasheet HTML 4Page - Rohm SML-Z13DW1P Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SML-Z1 Series
Part No. Construction
Packing Specification
ROHM LED products are being shipped with desiccant (silica gel) concluded in moisture-proof bags.
Pasting the moisture sensitive label on the outer surface of the moisture-proof bags or enclosing the humidity indication card inside the bag is available upon request.
Please contact the nearest sales office or distributer if necessary.
Concerning the Brightness rank
• Please refer to the rank chart above for luminous intensity classification.
• Part name is individual for each rank.
• When shipped as sample, the part name will be a representative part name.
General products are free of ranks. Please contact sales if rank appointment is needed.
S M L
Z 1 4 M
T
P
T 8 6
Special Code will be applied for
LED device.
Chromaticity rank(for white LED)
“−” will be taken out for emitting color
W/B/E series.
Series name
Package name Chip Type
Emitting Color Resin Color
Taping Specifications
Rank sign (Brightness Rank)∗
V
U
2 High Brightness Type
3
4
Ultra High Brightness Type
D
Y
M
P
F
B
E
WB
T86
T87
1
T Transparent Colorless
Cathode at sprocket hole side
For white LED, cathode at sprocket hole side
Reverse of T86
W MilkyWhite
Green:564nm
Red:630nm
Red:620nm
Orange:605nm
Yellow:587(590)nm
Yellowish-Green:572nm
Green:560nm
Bluish-Green:527nm
Blue:470nm
White
4/4
© 2010 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2010.05 - Rev.B


同様の部品番号 - SML-Z13DW1P

メーカー部品番号データシート部品情報
logo
Rohm
SML-Z1 ROHM-SML-Z1 Datasheet
1Mb / 5P
   High brightness
SML-Z1 ROHM-SML-Z1 Datasheet
1Mb / 5P
   High brightness 20/50mA guaranteed specifications PLCC2 package
SML-Z1 ROHM-SML-Z1 Datasheet
730Kb / 11P
   20/50mA guaranteed specifications
SML-Z14BGT ROHM-SML-Z14BGT Datasheet
536Kb / 12P
   High brightness
SML-Z14D4T ROHM-SML-Z14D4T Datasheet
1Mb / 5P
   High brightness
More results

同様の説明 - SML-Z13DW1P

メーカー部品番号データシート部品情報
logo
Rohm
SLI-343V8RC3F ROHM-SLI-343V8RC3F Datasheet
145Kb / 4P
   High brightness
logo
AVAGO TECHNOLOGIES LIMI...
HSMM-C110 AVAGO-HSMM-C110 Datasheet
206Kb / 9P
   High brightness
logo
Rohm
SML-Z1 ROHM-SML-Z1_11 Datasheet
1Mb / 5P
   High brightness
logo
Vishay Siliconix
TLVD42 VISHAY-TLVD42 Datasheet
142Kb / 5P
   High brightness
Rev. 1.4, 14-Oct-14
logo
Roithner LaserTechnik G...
RLCD-M63H-350 ROITHNER-RLCD-M63H-350 Datasheet
411Kb / 3P
   high brightness
RLCD-M66H-2W3W ROITHNER-RLCD-M66H-2W3W Datasheet
367Kb / 3P
   High brightness
logo
Rohm
SML-Z14VT ROHM-SML-Z14VT Datasheet
536Kb / 12P
   High brightness
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AM70 AVAGO-HLMP-AM70 Datasheet
273Kb / 10P
   High brightness material
logo
Rohm
SML-51 ROHM-SML-51 Datasheet
134Kb / 3P
   High Brightness Type
logo
STANLEY ELECTRIC CO.,LT...
EFR5365S STANLEY-EFR5365S Datasheet
271Kb / 1P
   HIGH BRIGHTNESS COLOR
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com