データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL594CPWG4 データシート(PDF) 4 Page - Texas Instruments

部品番号 TL594CPWG4
部品情報  PULSE-WIDTH-MODULATION CONTROL CIRCUIT
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TL594CPWG4 データシート(HTML) 4 Page - Texas Instruments

  TL594CPWG4 Datasheet HTML 1Page - Texas Instruments TL594CPWG4 Datasheet HTML 2Page - Texas Instruments TL594CPWG4 Datasheet HTML 3Page - Texas Instruments TL594CPWG4 Datasheet HTML 4Page - Texas Instruments TL594CPWG4 Datasheet HTML 5Page - Texas Instruments TL594CPWG4 Datasheet HTML 6Page - Texas Instruments TL594CPWG4 Datasheet HTML 7Page - Texas Instruments TL594CPWG4 Datasheet HTML 8Page - Texas Instruments TL594CPWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
www.ti.com
s
+
N
n+1
(xn * X)
2
N * 1
ELECTRICAL CHARACTERISTICS
TL594
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
SLVS052G – APRIL 1988 – REVISED JANUARY 2007
V
CC = 15 V, over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP(2)
MAX
UNIT
Reference Section
Output voltage (REF)
IO = 1 mA, TA = 25°C
4.95
5
5.05
V
Input regulation
VCC = 7 V to 40 V, TA = 25°C
2
25
mV
Output regulation
IO = 1 mA to 10 mA, TA = 25°C
14
35
mV
Output-voltage change with temperature
∆T
A = MIN to MAX
2
10
mV/V
Short-circuit output current(3)
Vref = 0
10
35
50
mA
Amplifier Section (see Figure 1)
Input offset voltage, error amplifier
FEEDBACK = 2.5 V
2
10
mV
Input offset current
FEEDBACK = 2.5 V
25
250
nA
Input bias current
FEEDBACK = 2.5 V
0.2
1
µA
Common-mode input voltage range,
0.3 to
VCC = 7 V to 40 V
V
error amplifier
VCC – 2
Open-loop voltage amplification,
∆V
O = 3 V, RL = 2 kΩ, VO = 0.5 V to 3.5 V
70
95
dB
error amplifier
Unity-gain bandwidth
VO = 0.5 V to 3.5 V, RL = 2 kΩ
800
kHz
Common-mode rejection ratio,
VCC = 40 V, TA = 25°C
65
80
dB
error amplifier
Output sink current, FEEDBACK
VID = –15 mV to –5 V, FEEDBACK = 0.5 V
0.3
0.7
mA
Output source current, FEEDBACK
VID = 15 mV to 5 V, FEEDBACK = 3.5 V
–2
mA
Oscillator Section, CT = 0.01 µF, RT = 12 kΩ (see Figure 2)
Frequency
10
kHz
Standard deviation of frequency(4)
All values of VCC, CT, RT, and TA constant
100
Hz/kHz
Frequency change with voltage
VCC = 7 V to 40 V, TA = 25°C
1
Hz/kHz
Frequency change with temperature(5)
∆T
A = MIN to MAX
50
Hz/kHz
Dead-Time Control Section (see Figure 2)
Input bias current
VI = 0 to 5.25 V
–2
–10
µA
Maximum duty cycle, each output
DTC = 0 V
0.45
Zero duty cycle
3
3.3
Input threshold voltage
V
Maximum duty cycle
0
Output Section
VC = 40 V, VE = 0 V, VCC = 40 V
2
100
Collector off-state current
µA
DTC and OUTPUT CTRL = 0 V, VC = 15 V,
4
200
VE = 0 V, VCC = 1 V to 3 V
Emitter off-state current
VCC = VC = 40 V, VE = 0
–100
µA
Common emitter, VE = 0, IC = 200 mA
1.1
1.3
Collector-emitter saturation voltage
V
Emitter follower, VC = 15 V, IE = –200 mA
1.5
2.5
Output control input current
VI = Vref
3.5
mA
(1)
For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
(2)
All typical values, except for parameter changes with temperature, are at TA = 25°C.
(3)
Duration of the short circuit should not exceed one second.
(4)
Standard deviation is a measure of the statistical distribution about the mean, as derived from the formula:
(5)
Temperature coefficient of timing capacitor and timing resistor is not taken into account.
4
Submit Documentation Feedback


同様の部品番号 - TL594CPWG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL594CPWG4 TI-TL594CPWG4 Datasheet
641Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
More results

同様の説明 - TL594CPWG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL594 TI-TL594_10 Datasheet
641Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
E-Tech Electronics LTD
TL594 ETL-TL594 Datasheet
346Kb / 9P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
Motorola, Inc
SG3526 MOTOROLA-SG3526 Datasheet
172Kb / 10P
   PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
ON Semiconductor
SG3526 ONSEMI-SG3526 Datasheet
172Kb / 10P
   PULSE WIDTH MODULATION CONTROL CIRCUIT
1996 REV 2
logo
Texas Instruments
TL5002 TI-TL5002 Datasheet
233Kb / 14P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
KODENSHI_AUK CORP.
KK494A KODENSHI-KK494A Datasheet
464Kb / 5P
   Pulse-Width-Modulation Control Circuit
logo
Unisonic Technologies
TL594 UTC-TL594_09 Datasheet
335Kb / 9P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594 UTC-TL594 Datasheet
281Kb / 8P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594 UTC-TL594_15 Datasheet
380Kb / 9P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL5001 UTC-TL5001_15 Datasheet
323Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com