データシートサーチシステム |
|
SN74AUP1G79YZPR データシート(PDF) 4 Page - Texas Instruments |
|
|
SN74AUP1G79YZPR データシート(HTML) 4 Page - Texas Instruments |
4 / 24 page SN74AUP1G79 SCES592G – JULY 2004 – REVISED MAY 2010 www.ti.com RECOMMENDED OPERATING CONDITIONS (1) MIN MAX UNIT VCC Supply voltage 0.8 3.6 V VCC = 0.8 V VCC VCC = 1.1 V to 1.95 V 0.65 × VCC VIH High-level input voltage V VCC = 2.3 V to 2.7 V 1.6 VCC = 3 V to 3.6 V 2 VCC = 0.8 V 0 VCC = 1.1 V to 1.95 V 0.35 × VCC VIL Low-level input voltage V VCC = 2.3 V to 2.7 V 0.7 VCC = 3 V to 3.6 V 0.9 VI Input voltage 0 3.6 V VO Output voltage 0 VCC V VCC = 0.8 V –20 mA VCC = 1.1 V –1.1 VCC = 1.4 V –1.7 IOH High-level output current VCC = 1.65 V –1.9 mA VCC = 2.3 V –3.1 VCC = 3 V –4 VCC = 0.8 V 20 mA VCC = 1.1 V 1.1 VCC = 1.4 V 1.7 IOL Low-level output current VCC = 1.65 V 1.9 mA VCC = 2.3 V 3.1 VCC = 3 V 4 Δt/Δv Input transition rise or fall rate VCC = 0.8 V to 3.6 V 200 ns/V TA Operating free-air temperature –40 85 °C (1) All unused inputs of the device must be held at VCC or GND to ensure proper device operation. See the TI application report Implications of Slow or Floating CMOS Inuts, literature number SCBA004. 4 Submit Documentation Feedback Copyright © 2004–2010, Texas Instruments Incorporated Product Folder Link(s): SN74AUP1G79 |
同様の部品番号 - SN74AUP1G79YZPR |
|
同様の説明 - SN74AUP1G79YZPR |